Electronic Components Datasheet Search
  English  ▼

X  

STT6405 Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # STT6405
Description  P-Channel Enhancement Mode Mos.FET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

STT6405 Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  STT6405 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH STT6405 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH STT6405 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH STT6405 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Elektronische Bauelemente
STT6405
-5.0 A, -30 V, RDS(ON) 50 mΩ
P-Channel Enhancement Mode Mos.FET
01-June-2005 Rev. A
Page 2 of 4
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise specified)
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions
Drain-Source Breakdown Voltage
BVDSS
-30
-
-
V
VGS = 0, ID= -250 uA
Gate Threshold Voltage
VGS(th)
-1.0
-
-3.0
V
VDS = VGS, ID= -250 uA
Gate-Source Leakage Current
IGSS
-
-
±100
nA
VGS = ±20 V
Drain-Source Leakage Current (Tj=25℃)
-
-
-1
VDS = -30 V, VGS = 0
Drain-Source Leakage Current (Tj=55℃)
IDSS
-
-
-5
uA
VDS = -24 V, VGS = 0
-
-
50
VGS = -10 V, ID = -5.0 A
Static Drain-Source On-Resistance
2
RDS(ON)
75
mΩ
VGS = -4.5 V, ID = -4.0 A
Forward Transconductance
gfs
-
8.6
-
S
VDS = -5V, ID = -5.0A
Total Gate Charge
2
Qg
-
14.7
18
Gate-Source Charge
Qgs
-
2
-
Gate-Drain (“Miller”) Charge
Qgd
-
3.8
-
nC
ID = -5.0 A
VDS = -15 V
VGS = -10 V
Turn-on Delay Time
2
Td(on)
-
8.3
-
Rise Time
Tr
-
5
-
Turn-off Delay Time
Td(off)
-
29
-
Fall Time
Tf
-
14
-
ns
VDS = -15 V
VGS = -10 V
RG = 3 Ω
RL = 3 Ω
Input Capacitance
Ciss
-
700 840
Output Capacitance
Coss
-
120
-
Reverse Transfer Capacitance
Crss
-
75
-
pF
VGS = 0 V
VDS = -15 V
f = 1.0 MHz
Gate Resistance
Rg
-
10
-
Ω
f=1.0 MHz
SOURCE-DRAIN DIODE
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions
Forward On Voltage
2
VSD
-
-
-1.0
V
IS = -1.0 A, VGS= -0 V
Reverse Recovery Time
2
Trr
-
23.5
-
ns
Reverse Recovery Charge
Qrr
-
13.4
-
nC
IS = -5.0A, VGS=0V, dl/dt=
100A/us
Notes:
1. Pulse width limited by Max. junction temperature.
2. Pulse width≦300us, duty cycle≦2%.
3. Surface mounted on 1 in
2 copper pad of FR4 board; 156℃/W when mounted on Min. copper pad.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com