Electronic Components Datasheet Search
  English  ▼

X  

MPM-30CM Datasheet(PDF) 2 Page - MicroPower Direct, LLC

Part # MPM-30CM
Description  Chassis Mount, 30W Single, Dual & Triple Out AC/DC Power Supplies
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

MPM-30CM Datasheet(HTML) 2 Page - MicroPower Direct, LLC

  MPM-30CM Datasheet HTML 1Page - MicroPower Direct, LLC MPM-30CM Datasheet HTML 2Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Model Selection Guide
Mechanical Dimensions, Chassis Mount
Notes:
• All dimensions are typical in inches (mm)
• Tolerance x.xx = ±0.01 (±0.25)
Pin
Single
Dual
Triple
1
AC-Neutral
2
AC-Line
3
+Vo
+Vo
+Vo 2
4NC
NC
+Vo 1
5
-Vo
Common
Common 2/3
6NC
NC
-Vo 1
7
NC
-Vo
+Vo 3
NC = No Connection
Pin Connections
Notes:
• All dimensio
• Tolerance x.
MicroPower Direct
www.micropowerdirect.com
292 Page Street Ste D Stoughton, MA 02072
•
TEL: (781) 344-8226
•
FAX: (781) 344-8481
•
E-Mail: sales@micropowerdirect.com
Model
Number
Input
Output 1 (Vout 1)
Output 2 (Vout 2)
Output 3 (Vout 3)
Capacitive
Load
(µF, Max)
Efficiency
(%, Typ)
Current (A)
Voltage
(VDC)
Current (A)
Voltage
(VDC)
Current (A)
Voltage
(VDC)
Current (A)
115 VAC 230 VAC
Max.
Min.
Max.
Min.
Max.
Min.
MPM-30S-05CM
0.557
0.14
5.0
6.000
0.600
8,000
78
MPM-30S-12CM
0.543
0.14
12.0
2.500
0.250
3,900
80
MPM-30S-15CM
0.543
0.14
15.0
2.000
0.200
3,900
80
MPM-30S-24CM
0.543
0.14
24.0
1.250
0.125
1,500
80
MPM-30S-48CM
0.543
0.14
48.0
0.625
0.063
1,000
80
MPM-30D-12CM
0.565
0.14
+12.0
+1.300
+0.130
-12.0
-1.300
-0.130
±1,500
80
MPM-30D-15CM
0.543
0.14
+15.0
+1.000
+0.100
-15.0
-1.000
-0.100
±1,500
80
MPM-30T-0512CM
0.572
0.14
5.0
3.000
+0.600
+12.0
+0.600
+0.120
-12.0
-0.600
-0.120
See Note 6
76
MPM-30T-0512CMA
0.572
0.14
5.0
3.000
+0.600
+12.0
+1.000
+0.200
-12.0
-0.250
-0.050
See Note 6
76
MPM-30T-0515CM
0.572
5.0
3.000
+0.300
+15.0
+0.500
+0.050
-15.0
-0.500
-0.050
See Note 6
76
MPM-30T-5312CM
0.588
5.0
4.500
+0.900
+3.3
+1.000
+0.220
+12.0
+0.250
+0.050
See Note 6
71
MPM-30T-3512CM
0.483
3.3
4.000
+0.800
+5.0
+1.500
+0.300
+12.0
+0.250
+0.050
See Note 6
71
Derating Curve
Notes:
1. For triple output models, the output voltage accuracy of the auxilliary outputs
is typically ±4%.
2. Load regulation is measured for an output change of 0% to 100% at nominal
input line. For multiple output models, the loads are balanced.
3. Operation at no-load will not damage these units. However, they may not
meet all specifications.
4. Output short circuit protection is provided by a “hiccup mode” circuit. The
unit recovers automatically when the fault condition is removed.
5. Output overload protection is provided by a fold back current limiting
circuit.
6. For triple output models, the maximum capacitive load for 5 VDC and 3.3VDC
outputs is 2,200 µF. For all other outputs it is ±1,500 µF.
7. The MPM-30CM series includes a built-in 3.5A/250 VAC fuse. It is recom-
mended that an external 1.5A slow blow fuse also be used on the input for
protection.
Other output combinations are available
Contact the factory for details at:
sales@micropowerdirect.com
A DIN Rail mounting kit is available
Contact the factory for details at:
sales@micropowerdirect.com



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com