Electronic Components Datasheet Search
  English  ▼

X  

74LS181 Datasheet(PDF) 13 Page - Texas Instruments

Part # 74LS181
Description  ARITHMETIC LOGIC UNITS/FUNCTION GENERATORS
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

74LS181 Datasheet(HTML) 13 Page - Texas Instruments

Back Button 74LS181 Datasheet HTML 9Page - Texas Instruments 74LS181 Datasheet HTML 10Page - Texas Instruments 74LS181 Datasheet HTML 11Page - Texas Instruments 74LS181 Datasheet HTML 12Page - Texas Instruments 74LS181 Datasheet HTML 13Page - Texas Instruments 74LS181 Datasheet HTML 14Page - Texas Instruments 74LS181 Datasheet HTML 15Page - Texas Instruments 74LS181 Datasheet HTML 16Page - Texas Instruments 74LS181 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
MECHANICAL DATA
MCER004A – JANUARY 1995 – REVISED JANUARY 1997
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
JT (R-GDIP-T**)
CERAMIC DUAL-IN-LINE
24 LEADS SHOWN
4040110/C 08/96
B
0.200 (5,08) MAX
0.320 (8,13)
0.290 (7,37)
0.130 (3,30) MIN
0.008 (0,20)
0.014 (0,36)
Seating Plane
13
12
0.030 (0,76)
0.070 (1,78)
0.015 (0,38) MIN
A
24
1
0.100 (2,54) MAX
0.023 (0,58)
0.015 (0,38)
0.100 (2,54)
0
°–15°
1.440
(37,08)
1.460
0.285
(7,39)
0.291
(36,58)
(7,24)
28
PINS **
1.280
1.240
0.300
0.245
(7,62)
DIM
B MAX
A MAX
A MIN
B MIN
(6,22)
24
(32,51)
(31,50)
NOTES: A. All linear dimensions are in inches (millimeters).
B. This drawing is subject to change without notice.
C. This package can be hermetically sealed with a ceramic lid using glass frit.
D. Index point is provided on cap for terminal identification.
E. Falls within MIL STD 1835 GDIP3-T24, GDIP4-T28, and JEDEC MO-058 AA, MO-058 AB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com