Electronic Components Datasheet Search
  English  ▼

X  

P2011N-DF Datasheet(PDF) 3 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # P2011N-DF
Description  Internationally Approved Rockers/Paddles
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

P2011N-DF Datasheet(HTML) 3 Page - Nihon Kaiheiki Industry Co. Ltd.

  P2011N-DF Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. P2011N-DF Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. P2011N-DF Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. P2011N-DF Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. P2011N-DF Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
NKK Switches • email: sales@nkkswitches.com • Phone (480) 991-0942 • Fax (480) 998-1435 • www.nkkswitches.com
03-07
Internationally Approved Rockers/Paddles
Series P
TERMINALS
No
Code Solder Lug
P
Straight PC
Z
.187” (4.75mm)
Quick Connect
TYPICAL SWITCH ORDERING EXAMPLE
C
P20
DPDT
ON-NONE-ON Circuit
POLES & CIRCUITS
11
SPST
ON
NONE
OFF
12 SPDT
ON
NONE
ON
13 SPDT
ON
OFF
ON
21 DPST
ON
NONE
OFF
22 DPDT
ON
NONE
ON
23 DPDT
ON
OFF
ON
ROCKER/PADDLE CAPS
For N Frame
D
.365” (9.27mm) Wide Rocker
E
.365” (9.27mm) Wide Paddle
For Y Frame
J
.595” (15.11mm) Wide Rocker
H
.595” (15.11mm) Wide Paddle
DESCRIPTION FOR TYPICAL ORDERING EXAMPLE
P2022Y-JC
Frame for Large Caps
Solder Lug Terminals
CAP COLORS
A
Black
B
White
C
Red
E
Yellow
F
Green
G
Blue
H
Gray
PADDLE/ROCKER FRAMES
N
Frame for Small Caps
Y
Frame for Large Caps
Y
J
.595” (15.11mm) Wide
Red Rocker
22
IMPORTANT:
VDE, SEMKO & SEV are marked
on approved models. Switches
are supplied without UL, C-UL &
CSA marking unless specified.
Specific models & ratings noted
on General Specifications page.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com