Electronic Components Datasheet Search
  English  ▼

X  

TL432K Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # TL432K
Description  Adjustable Shunt Regulator
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

TL432K Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  TL432K Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH TL432K Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH TL432K Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH TL432K Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH TL432K Datasheet HTML 5Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Elektronische Bauelemente
TL432K
Adjustable Shunt Regulator
The TL43
DESCRIPTION
2K series are three-terminal adjustable regulators
with guaranteed thermal stability over applicable temperature
ranges. The output voltage may be set to any value between
VREF (approximately 1.24V) and 20V with two extermal
resistors. Theses devices have an output impedance
of 0.2 . In many applications, these devices make
excellently improved Zener diode replacements due to
their active output circuitry that provide very sharp
turn-on characteristics.
Due to their precise +/- 2% referencing voltage tolerance,
it is possible in many applications to avoide the use of
variable resistors. This may consequently save cost and
eliminate associated drifting and reliability problems.
Sink current capability: 200 mA.
Minimum cathode current for regulation: 150 mA.
Equivalent full-range temp coefficient: 30 ppm/ C.
Fast turn-on response.
Low dynamic output impedance: 0.2 .
Programmable output voltage to 20V
Low output noise.
FEATURES
http://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual
RoHS Compliant Product
SYMBOL
BLOCK DIAGRAM
TYPICAL APPLICATION CIRCUIT
Dim
Min
Max
A
2.70
3.10
B
1.40
1.60
C
1.00
1.30
D
0.35
0.50
G
1.70
2.10
H
0.00
0.10
J
0.10
0.26
K
0.20
0.60
L
0.85
1.15
S
2.40
2.80
All Dimension in mm
SC-59
S
G
D
B
L
A
1
3
2
Top View
H
C
J
K
01-Jun-2002 Rev. A
Page 1 of 5
PRECISION REFERENCE VOLTAGE
Rank
A
B
C
Reference Voltage
1.24 ± 0.5%
1.24 ± 1%
1.24 ± 2%


Similar Part No. - TL432K

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
TL432K3 CYSTEKEC-TL432K3 Datasheet
355Kb / 15P
Adjustable shunt regulator
TL432K3-A-BK-G CYSTEKEC-TL432K3-A-BK-G Datasheet
355Kb / 15P
Adjustable shunt regulator
TL432K3-A-TB-G CYSTEKEC-TL432K3-A-TB-G Datasheet
355Kb / 15P
Adjustable shunt regulator
TL432K3-B-BK-G CYSTEKEC-TL432K3-B-BK-G Datasheet
355Kb / 15P
Adjustable shunt regulator
TL432K3-B-TB-G CYSTEKEC-TL432K3-B-TB-G Datasheet
355Kb / 15P
Adjustable shunt regulator
More results

Similar Description - TL432K

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
B3431 ETC-B3431 Datasheet
125Kb / 9P
Adjustable Shunt Regulator
AX432 ETC-AX432 Datasheet
176Kb / 7P
Adjustable Shunt Regulator
logo
Cystech Electonics Corp...
PL432XA3 CYSTEKEC-PL432XA3 Datasheet
204Kb / 9P
Adjustable shunt regulator
logo
SHANGHAI BELLING CO., L...
BL431 BELLING-BL431 Datasheet
908Kb / 12P
Adjustable shunt regulator
logo
List of Unclassifed Man...
GM432 ETC2-GM432 Datasheet
317Kb / 5P
Adjustable Shunt Regulator
logo
Semtech Corporation
SC431 SEMTECH-SC431_05 Datasheet
225Kb / 9P
Adjustable Shunt Regulator
logo
Cystech Electonics Corp...
LM432XA3 CYSTEKEC-LM432XA3 Datasheet
229Kb / 9P
Adjustable shunt regulator
logo
Hi-Sincerity Mocroelect...
H432 HSMC-H432 Datasheet
129Kb / 6P
Adjustable Shunt Regulator
logo
Samtec, Inc
SC431CSK-1TRT SAMTEC-SC431CSK-1TRT Datasheet
229Kb / 9P
Adjustable Shunt Regulator
logo
Cystech Electonics Corp...
TL432N3 CYSTEKEC-TL432N3 Datasheet
355Kb / 15P
Adjustable shunt regulator
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com