Electronic Components Datasheet Search
  English  ▼

X  

MPT-45C Datasheet(PDF) 1 Page - MicroPower Direct, LLC

Part # MPT-45C
Description  Triple Output, Open Frame 45W EN60601 (Medical) Approved AC/DC Power Supplies
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

MPT-45C Datasheet(HTML) 1 Page - MicroPower Direct, LLC

  MPT-45C Datasheet HTML 1Page - MicroPower Direct, LLC MPT-45C Datasheet HTML 2Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SPECIFICATION
MPT-45A
MPT-45B
MPT-45C
MODEL
D
OLTAGE
RATE
URRENT
CURREN
ANGE
RATE
OWER
OUTPUT
LIN
EGULATION
LOA
EGULATION
SETUP IS
IME
HOL
IME (Typ.)
VOLTAG
ANGE
FREQUENCY RANGE
EFFICIENCY(Typ.)
INPUT
INRUS
URRENT (Typ.)
LEAKAG
URRENT
WORKIN
EMP.
WORKIN
UMIDITY
STORAG
EMP. UMIDITY
TEMP OEFFICIENT
VIBRATION
MTBF
DIMENSION
OTHERS
NOTE
PACKING
OVE
OAD
OVE
OLTAGE
A
URRENT (Typ.)
5V
12V
CH2
-5V
CH3
5V
CH1
12V
CH2
-12V
CH3
5V
CH1
15V
CH2
-15V
CH3
3A
2A
0.3A
3A
2A
0.3A
3A
1.6A
0.3A
0.
A
0.
.5A
.5A
0.
A
0.
.5A
.5A
0.
A
0.
.3A
.5A
40.5W
42.6W
43.5W
52
it 8CF
in orce i onvection
60mVp-p
120mVp-p
60mVp-p
60mVp-p
120mVp-p
100mVp-p
60mVp-p
120mVp-p
100mVp-p
4.0%
4.0%
4.0%
CH1:4.
.5V
7.0%
5.0%
5.0%
5.0%
7.0%
7.0%
1.0%
1.0%
1.0%
2.0%
1.0%
1.0%
1.0%
1.0%
1.0%
1.0%
2.0%
2.0%
3.0%
3.0%
3.0%
4.0%
4.0%
4.0%
9
64VA
2
70VDC
4
40Hz
73%
75%
75%
1.2A/115VA
.7A/230VAC
COL
TART 20A/115VA
0A/230VAC
<0.3mA 64VAC
5
5W rate utpu ower
5.7
.75VD
H1
Protectio yp Hiccu
ode ecover utomaticall fte aul onditio
emoved
Protectio yp Hiccu
ode ecover utomaticall fte aul onditio
emoved
-2
85
5
H
0.04%/ (
0
5
utput
1
00Hz
0min./1cycle erio o 0min.eac lon , Y
xes
271.5Khr
in
IL-HDBK-217 25 )
127*76*28m L*W*H)
0.21Kg 2pcs/18Kg/1.35CUFT
800ms 0ms/230VA
00ms 0ms/115VA
ul oad
80ms/230VA
2ms/115VA
ul oad
-1
60 (Refe
utpu oa eratin urve)
2
0
on-condensing
SAFETY STANDARDS
HARMONI
URRENT
EM MMUNITY
UL2601-1, TU
N60601-1 EC601-1 Approved
Complianc
N5501 CISPR11 las
Complianc o EN61000-3-2,-3
Complianc
N61000-4-2,3,4,5,6,8,11 NV50204 N60601-1-
edica evel riteria A
VOLTAGE ADJ ANGE
RIPPL
OIS max.) Note.2
VOLTAG
OLERANCE Note.3
ENVIRONMENT
SAFETY &
EMC
(Not )
PROTECTION
EM ONDUCTIO
ADIATION
WITHSTAN
OLTAGE
ISOLATIO
ESISTANCE
I/P-O/P:4KVA
/P-FG:1.5KVA
/P-FG:0.5KVA
min.
I/P-O/P /P-FG:100
hms/500VDC
OUTPU
OWE max.)
CH1
OUTPU
UMBER
MPT-45 Series
Triple Output, Open Frame 45W
EN60601 (Medical) Approved
AC/DC Power Supplies
Key Features:
• Universal AC Input - Full Range
• EN60601, UL2601 (Medical) Approved
• 45W Ouput Power
• Triple Outputs
• Low Leakage Current, < 0.3 mA
• Fixed Switching Frequency (45 kHz)
• LOW COST!
MicroPower Direct
www.micropowerdirect.com
232 Tosca Drive Stoughton, MA 02072
■
TEL: (781) 344-8226
■
FAX: (781) 344-8481
■
E-Mail: sales@micropowerdirect.com


Similar Part No. - MPT-45C

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
MPT-45C MICROSEMI-MPT-45C Datasheet
89Kb / 2P
TRANSIENT ABSORPTION ZENER
logo
Mean Well Enterprises C...
MPT-45C MEANWELL-MPT-45C Datasheet
303Kb / 2P
45W Triple Output Medical Type
MPT-45C MEANWELL-MPT-45C Datasheet
307Kb / 2P
45W Triple Output Medical Type
MPT-45C MEANWELL-MPT-45C Datasheet
322Kb / 2P
45W Triple Output Medical Type
More results

Similar Description - MPT-45C

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
MPD-45 MPD-MPD-45 Datasheet
565Kb / 2P
Dual Output, Open Frame 45W EN60601 (Medical) Approved AC/DC Power Supplies
MPD-65 MPD-MPD-65 Datasheet
661Kb / 2P
Dual Output, Open Frame 65W EN60601 (Medical) Approved AC/DC Power Supplies
MPO-45S MPD-MPO-45S Datasheet
317Kb / 2P
Single Output, 45W Compact, Open Frame AC/DC Power Supplies
MPS-30 MPD-MPS-30 Datasheet
890Kb / 2P
Low Cost, Open Frame 30W EN60601 (Medical) Approved AC/DC Power Supplies
MPS-45 MPD-MPS-45 Datasheet
604Kb / 2P
Low Cost, Open Frame 45W EN60601 (Medical) Approved AC/DC Power Supplies
MPS-65 MPD-MPS-65 Datasheet
704Kb / 2P
Low Cost, Open Frame 65W EN60601 (Medical) Approved AC/DC Power Supplies
MPT-65 MPD-MPT-65 Datasheet
524Kb / 2P
Triple Output, Open Frame 65W EN60601 (Medical) Approved AC/DC Power Supplies
MPX-200 MPD-MPX-200 Datasheet
1Mb / 4P
Low Cost, 1-4 Output 200W EN60601 (Medical) Approved AC/DC Power Supplies
logo
Wall Industries,Inc.
PSMBU31 WALL-PSMBU31 Datasheet
224Kb / 3P
AC/DC Open Frame Power Supplies
PSHBU58 WALL-PSHBU58 Datasheet
249Kb / 4P
60 Watts AC - DC Medical Open Frame Power Supplies Single Output
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com