Electronic Components Datasheet Search
  English  ▼

X  

MPT-200C Datasheet(PDF) 3 Page - MicroPower Direct, LLC

Part # MPT-200C
Description  Low Cost, 1-4 Output 200W EN60601 (Medical) Approved AC/DC Power Supplies
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

MPT-200C Datasheet(HTML) 3 Page - MicroPower Direct, LLC

  MPT-200C Datasheet HTML 1Page - MicroPower Direct, LLC MPT-200C Datasheet HTML 2Page - MicroPower Direct, LLC MPT-200C Datasheet HTML 3Page - MicroPower Direct, LLC MPT-200C Datasheet HTML 4Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2
1
FG
CN1
3
FAN
CN2
9
10
7
8
4
2
1
3
5
6
11
12
14
13
15
16
18
17
19
20
Unit:mm
LED
SVR1
CN4
165.1[6.5"]
6.35[0.25"]
177.8[7"]
4- 3.96[0.156"]
3
1
4
6
5
2
1
2
3
4
5
6
Assignment
PG
RS-
GND
RC+
RS+
RC-
TKP DH2-2*3
Terminal
TKP DHT
1
2
3
Assignment
AC/N
AC/L
JST VHR
JST SVH-21T-P1.1
Terminal
5566-20
1~5,11~15
6~10,16~20
Assignment
Terminal
10
20
30
40
50
60
70
20
40
60
80
100
-20
0
90
100
115
140 160 180 200 220 240
264
100
90
80
70
60
50
40
MicroPower Direct
www.micropowerdirect.com
232 Tosca Drive Stoughton, MA 02072
■
TEL: (781) 344-8226
■
FAX: (781) 344-8481
■
E-Mail: sales@micropowerdirect.com
MPx-200
Low Cost, EN60601 (Medical) Approved, 200W AC/DC Power Supplies
Series



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com