Electronic Components Datasheet Search
  English  ▼

X  

MPQ-200D Datasheet(PDF) 2 Page - MicroPower Direct, LLC

Part # MPQ-200D
Description  Low Cost, 1-4 Output 200W EN60601 (Medical) Approved AC/DC Power Supplies
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

MPQ-200D Datasheet(HTML) 2 Page - MicroPower Direct, LLC

  MPQ-200D Datasheet HTML 1Page - MicroPower Direct, LLC MPQ-200D Datasheet HTML 2Page - MicroPower Direct, LLC MPQ-200D Datasheet HTML 3Page - MicroPower Direct, LLC MPQ-200D Datasheet HTML 4Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MODEL
OUTPUT
RATED
CONVECTION
MINIMUM
VOLTAGE
LINE
LOAD
EFFICIENCY
VOLTAGE
CURRENT
(
)
(25CFM)
(max.)
(typ.)
LOAD
(Max.)
TOLERANCE
REGULATION REGULATION
MPS-200-3.3 3.3V
0A
40A
28A
40A
48A
80mVp-p
0.5%
0.5%
0.5%
0.5%
0.5%
0.5%
1.0%
1.0%
1.0%
1.0%
1.0%
1.0%
77%
81%
84%
85%
86%
87%
82%
80%
80%
80%
78%
78%
79%
81%
81%
83%
1.0%
1.0%
1.0%
1.0%
1.0%
1.0%
1.0%
5.0%
5.0%
5.0%
5.0%
5.0%
5.0%
5.0%
5.0%
1.0%
1.0%
1.0%
1.0%
1.0%
1.0%
1.0%
1.0%
1.0%
1.0%
1.0%
1.0%
1.0%
1.0%
1.0%
4.0%
+4,-6%
0.5%
0.5%
0.5%
1.0%
0.5%
0.5%
0.5%
0.5%
0.5%
1.0%
1.0%
1.0%
1.0%
1.0%
1.0%
1.0%
0.5%
0.5%
0.5%
0.5%
0.5%
0.5%
0.5%
0.5%
0.5%
0.5%
0.5%
0.5%
0.5%
0.5%
1.0%
1.0%
2.0%
2.0%
2.0%
2.0%
1.0%
1.0%
2.0%
2.0%
2.0%
2.0%
2.0%
2.0%
5.0%
5.0%
2.0%
2.0%
2.0%
8.0%
8.0%
8.0%
8.0%
8.0%
5.0%
5.0%
5.0%
5.0%
5.0%
6.0%
8.0%
8.0%
5.0%
5.0%
5.0%
5.0%
5.0%
2.0%
+8,-5%
6.5%
80mVp-p
100mVp-p
100mVp-p
150mVp-p
200mVp-p
80mVp-p
80mVp-p
80mVp-p
80mVp-p
80mVp-p
80mVp-p
80mVp-p
80mVp-p
80mVp-p
80mVp-p
120mVp-p
120mVp-p
150mVp-p
120mVp-p
150mVp-p
180mVp-p
180mVp-p
80mVp-p
80mVp-p
80mVp-p
80mVp-p
80mVp-p
180mVp-p
80mVp-p
80mVp-p
80mVp-p
80mVp-p
80mVp-p
80mVp-p
80mVp-p
120mVp-p
180mVp-p
A
0
V
5
40A
28A
40A
48A
0A
16.7A
11.7A
16.7A
20A
0A
13.4A
9.4A
13.4A
16A
0A
8.4A
5.9A
8.4A
10A
0A
4A
4A
4A
4A
3A
3A
3A
3A
4A
0.8A
0.6A
0.5A
0.7A
0.5A
0.3A
0.3A
0.3A
0A
0A
0A
0A
0A
0A
0A
0A
0A
0A
0A
0A
4A
0.8A
0.4A
4.2A
20A
20A
20A
20A
15A
15A
15A
15A
20A
7.5A
6A
4.7A
7A
5A
3A
2.7A
3A
2A
2A
2A
2A
2A
2A
2A
2A
2A
2A
2A
2A
20A
8A
4A
3A
15A
15A
15A
15A
12A
12A
12A
12A
15A
5A
4.4A
3.3A
5.3A
4A
2.3A
2.1A
2.2A
1A
1A
1A
1A
1A
1A
1A
1A
1A
1A
1A
1A
15A
5.4A
2.7A
4.2A
20A
20A
20A
20A
15A
15A
15A
15A
20A
7.5A
6A
4.7A
7A
5A
3A
2.7A
3A
2A
2A
2A
2A
2A
2A
2A
2A
2A
2A
2A
2A
20A
8A
4A
5A
24A
24A
24A
24A
18A
18A
18A
18A
24A
9A
7.2A
5.6A
8.4A
6A
3.6A
3.3A
3.6A
2.4A
2.4A
2.4A
2.4A
2.4A
2.4A
2.4A
2.4A
2.4A
2.4A
2.4A
2.4A
24A
9.6A
4.8A
12V
15V
24V
48V
5V
5V
5V
5V
5V
5V
5V
5V
5V
12V
12V
15V
12V
15V
24V
24V
24V
-5V
-12V
-15V
-5V
-5V
12V
15V
-12V
-15V
-12V
-15V
12V
5V
12V
24V
MPS-200-5
MPS-200-12
MPS-200-15
MPS-200-24
MPS-200-48
MPD-200A
MPT-200A
MPT-200B
MPT-200C
MPQ-200B
MPQ-200C
MPQ-200D
MPQ-200F
MPT-200D
MPD-200B
MPx-200
Low Cost, EN60601 (Medical) Approved, 200W AC/DC Power Supplies
Series
MicroPower Direct www.micropowerdirect.com
232 Tosca Drive Stoughton, MA 02072
■
TEL: (781) 344-8226
■
FAX: (781) 344-8481
■
E-Mail: sales@micropowerdirect.com



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com