Electronic Components Datasheet Search
  English  ▼

X  

MPQ-200F Datasheet(PDF) 4 Page - MicroPower Direct, LLC

Part # MPQ-200F
Description  Low Cost, 1-4 Output 200W EN60601 (Medical) Approved AC/DC Power Supplies
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

MPQ-200F Datasheet(HTML) 4 Page - MicroPower Direct, LLC

  MPQ-200F Datasheet HTML 1Page - MicroPower Direct, LLC MPQ-200F Datasheet HTML 2Page - MicroPower Direct, LLC MPQ-200F Datasheet HTML 3Page - MicroPower Direct, LLC MPQ-200F Datasheet HTML 4Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
1
2
3
4
5
6
Assignment
PG
RS-
GND
RC+
RS+
RC-
TKP DH2-2*3
Terminal
TKP DHT
1,2,3,4
5~11
12,13
14
15
16
1
2
3
Assignment
Assignment
V1
COM
V2
V3
V4
AC/N
AC/L
JST VHR
JST VHR
JST SVH-21T-P1.1
JST SVH-21T-P1.1
Terminal
Terminal
90
100
115
140 160 180 200 220 240
264
100
90
80
70
60
50
40
10
20
30
40
50
60
70
20
40
60
80
100
-20
0
MPT/Q-200
MPD-200
MPT/Q-200
MPD-200
6.35[0.25"]
-200)
LED
SVR1
3
1
CN4
165.1[6.5"]
177.8[7"]
4- 3.96[0.156"]
4
6
5
2
2
1
FG
CN1
3
16
CN3
CN2
1
FAN
MicroPower Direct
www.micropowerdirect.com
232 Tosca Drive Stoughton, MA 02072
■
TEL: (781) 344-8226
■
FAX: (781) 344-8481
■
E-Mail: sales@micropowerdirect.com
MPx-200
Low Cost, EN60601 (Medical) Approved, 200W AC/DC Power Supplies
Series



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com