Electronic Components Datasheet Search
  English  ▼

X  

MPT-200D Datasheet(PDF) 1 Page - MicroPower Direct, LLC

Part # MPT-200D
Description  Low Cost, 1-4 Output 200W EN60601 (Medical) Approved AC/DC Power Supplies
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

MPT-200D Datasheet(HTML) 1 Page - MicroPower Direct, LLC

  MPT-200D Datasheet HTML 1Page - MicroPower Direct, LLC MPT-200D Datasheet HTML 2Page - MicroPower Direct, LLC MPT-200D Datasheet HTML 3Page - MicroPower Direct, LLC MPT-200D Datasheet HTML 4Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
(Typ.)
(Typ.)
(Typ.)
HOLD-UPTIME
thermistors.
EN61000-3-2
EN61000-3-3
EN61000-4-2,
EN61000-4-2,
EN61000-4-3,
EN61000-4-4,
EN61000-4-5,
EN61000-4-6,
EN61000-4-8,
EN61000-4-11,
ENV50204,
4KV/ Line-Earth
Compliance
TEMP OEFFICIENT
VIBRATION
SAFETY STANDARDS
:
WITHSTAN
OLTAGE
ISOLATIO
ESISTANCE
EM
OMPLIANCE
EM
OMPLIANCE
MTBF
DIMENSIO
L*W*H)
PACKING
WORKIN
EMP.
WORKIN
UMIDITY
STORAG
EMP.
UMIDITY
Whol
erie
a
perat ro
20~70
leas efer
t h
eratin
urves.
20~90
on-condensing.
-40~+85
0~90
H
2
cceleration ibratin requenc
djus ro
0H
500H
ithi
10-minut
ycle
estin
ycle 6
inutes ac
lon
, Y
xes.
Medical UL60601-1, TU
N60601-
pproved
Commercia Als
esig efe
L60950-1, TU
N60950-1
4000VA
etwee npu n
utput
1500VA
etwee npu n
.G.
500VA
etwee
utpu n
.G.
EM pecifications
EM
pecification
ES
ir
ES
ontact
R iel
usceptibility
EFT(Electrica ast Transient)/Burst
Lightning/Surge
Conducte
usceptibility
Magneti iel mmunity
Voltage dip nterruption
Digita hon
arrie mmunity
262,10
our
in
ul oa
n
5
o mbien emperature,
calculate
e
IL-HDBK-217F.
177.8x107.2x35.5m
"x4.22"x1.4"
0.66Kg 4pcs/16.8Kg/1.04CUFT
0.04%/
o
l utput
ul oa
etwee
~50
o mbien emperature.
>100
hm o /P-O/P /P-FG
/P-F
sin
00VD
es oltage.
Conducte
adiation
Harmoni
istortion
Voltag licker
MPx-200 Series
Low Cost, 1-4 Output 200W
EN60601 (Medical) Approved
AC/DC Power Supplies
Key Features:
• Universal AC Input - Full Range
• Power Good/ Power Fail Output Signals
• EN60601, UL2601 (Medical) Approved • Fixed Switching Frequency (100 kHz)
• 200W Ouput Power
• 1 to 4 Outputs
• Low Leakage Current, <180 µA
• LOW COST!
MicroPower Direct www.micropowerdirect.com
232 Tosca Drive Stoughton, MA 02072
■
TEL: (781) 344-8226
■
FAX: (781) 344-8481
■
E-Mail: sales@micropowerdirect.com
Specifications


Similar Part No. - MPT-200D

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
MPT-200D ASTRODYNE-MPT-200D Datasheet
439Kb / 4P
200W 1~4 Output for Medical Type
logo
Mean Well Enterprises C...
MPT-200D MEANWELL-MPT-200D Datasheet
323Kb / 4P
1~4 Output Medical Type
MPT-200D MEANWELL-MPT-200D Datasheet
325Kb / 4P
1~4 Output Medical Type
MPT-200D MEANWELL-MPT-200D Datasheet
325Kb / 4P
1~4 Output Medical Type
MPT-200D MEANWELL-MPT-200D Datasheet
325Kb / 4P
1~4 Output Medical Type
More results

Similar Description - MPT-200D

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
MPS-200 ASTRODYNE-MPS-200 Datasheet
439Kb / 4P
200W 1~4 Output for Medical Type
logo
MicroPower Direct, LLC
MPD-45 MPD-MPD-45 Datasheet
565Kb / 2P
Dual Output, Open Frame 45W EN60601 (Medical) Approved AC/DC Power Supplies
MPD-65 MPD-MPD-65 Datasheet
661Kb / 2P
Dual Output, Open Frame 65W EN60601 (Medical) Approved AC/DC Power Supplies
MPS-30 MPD-MPS-30 Datasheet
890Kb / 2P
Low Cost, Open Frame 30W EN60601 (Medical) Approved AC/DC Power Supplies
MPS-45 MPD-MPS-45 Datasheet
604Kb / 2P
Low Cost, Open Frame 45W EN60601 (Medical) Approved AC/DC Power Supplies
MPS-65 MPD-MPS-65 Datasheet
704Kb / 2P
Low Cost, Open Frame 65W EN60601 (Medical) Approved AC/DC Power Supplies
MPT-45 MPD-MPT-45 Datasheet
410Kb / 2P
Triple Output, Open Frame 45W EN60601 (Medical) Approved AC/DC Power Supplies
MPT-65 MPD-MPT-65 Datasheet
524Kb / 2P
Triple Output, Open Frame 65W EN60601 (Medical) Approved AC/DC Power Supplies
logo
Tumbler Technologies + ...
TS200 TRUMPOWER-TS200 Datasheet
128Kb / 2P
200W Compact AC/DC Power Supplies
TWM200 TRUMPOWER-TWM200 Datasheet
85Kb / 1P
200W Medical Grade AC/DC Power Supplies
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com