Electronic Components Datasheet Search
  English  ▼

X  

SN54LS374J Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # SN54LS374J
Description  OCTAL D-TYPE TRANSPARENT LATCHES AND EDGE-TRIGGERED FLIP-FLOPS
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN54LS374J Datasheet(HTML) 10 Page - Texas Instruments

Back Button SN54LS374J Datasheet HTML 6Page - Texas Instruments SN54LS374J Datasheet HTML 7Page - Texas Instruments SN54LS374J Datasheet HTML 8Page - Texas Instruments SN54LS374J Datasheet HTML 9Page - Texas Instruments SN54LS374J Datasheet HTML 10Page - Texas Instruments SN54LS374J Datasheet HTML 11Page - Texas Instruments SN54LS374J Datasheet HTML 12Page - Texas Instruments SN54LS374J Datasheet HTML 13Page - Texas Instruments SN54LS374J Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
SN54LS373, SN54LS374, SN54S373, SN54S374,
SN74LS373, SN74LS374, SN74S373, SN74S374
OCTAL D-TYPE TRANSPARENT LATCHES AND EDGE-TRIGGERED FLIP-FLOPS
SDLS165B – OCTOBER 1975 – REVISED AUGUST 2002
10
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted) (SN54S373, SN54S374, SN74S373, SN74S374)
PARAMETER
TEST CONDITIONS†
MIN
TYP‡
MAX
UNIT
VIH
2
V
VIL
0.8
V
VIK
VCC = MIN,
II = –18 mA
–1.2
V
VOH
SN54S’
VCC = MIN
VIH =2V
VIL =0 8V
IOH = MAX
2.4
3.4
V
VOH
SN74S’
VCC = MIN,
VIH = 2 V,
VIL = 0.8 V,
IOH = MAX
2.4
3.1
V
VOL
VCC = MIN,
VIH = 2 V,
VIL = 0.8 V,
IOL = 20 mA
0.5
V
IOZH
VCC = MAX,
VIH = 2 V,
VO = 2.4 V
50
mA
IOZL
VCC = MAX,
VIH = 2 V,
VO = 0.5 V
–50
mA
II
VCC = MAX,
VI = 5.5 V
1
mA
IIH
VCC = MAX,
VI = 2.7 V
50
mA
IIL
VCC = MAX,
VI = 0.5 V
–250
mA
IOS§
VCC = MAX
–40
–100
mA
Outputs high
160
’S373
Outputs low
160
Outputs disabled
190
ICC
VCC = MAX
Outputs high
110
mA
’S374
Outputs low
140
’S374
Outputs disabled
160
CLK and OC at 4 V, D inputs at 0 V
180
† For conditions shown as MIN or MAX, use the appropriate value specified under recommended operating conditions.
‡ All typical values are at VCC= 5 V, TA = 25°C.
§ Not more than one output should be shorted at a time and duration of the short circuit should not exceed one second.
switching characteristics, VCC = 5 V, TA = 25°C (see Figure 2)
PARAMETER
FROM
TO
TEST CONDITIONS
’S373
’S374
UNIT
PARAMETER
(INPUT)
(OUTPUT)
TEST CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
fmax
RL = 280 Ω, CL = 15 pF,
See Note 3
75
100
MHz
tPLH
Data
Any Q
RL = 280 Ω, CL = 15 pF,
7
12
ns
tPHL
Data
Any Q
L
, L
,
See Note 3
7
12
ns
tPLH
CorCLK
Any Q
RL = 280 Ω, CL = 15 pF,
7
14
8
15
ns
tPHL
C or CLK
Any Q
L
, L
,
See Note 3
12
18
11
17
ns
tPZH
OC
Any Q
RL = 280 Ω, CL = 15 pF,
8
15
8
15
ns
tPZL
OC
Any Q
L
, L
,
See Note 3
11
18
11
18
ns
tPHZ
OC
Any Q
RL = 280 Ω CL =5 pF
6
9
5
9
ns
tPLZ
OC
Any Q
RL = 280 Ω, CL = 5 pF
8
12
7
12
ns
NOTE 3. Maximum clock frequency is tested with all outputs loaded.
fmax = maximum clock frequency
tPLH = propagation delay time, low-to-high-level output
tPHL = propagation delay time, high-to-low-level output
tPZH = output enable time to high level
tPZL = output enable time to low level
tPHZ = output disable time from high level
tPLZ = output disable time from low level



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com