Electronic Components Datasheet Search
  English  ▼

X  

CDK2307BILP64X Datasheet(PDF) 11 Page - Cadeka Microcircuits LLC.

Part # CDK2307BILP64X
Description  Dual, 20/40/65/80MSPS, 12/13-bit Analog-to-Digital Converters
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

CDK2307BILP64X Datasheet(HTML) 11 Page - Cadeka Microcircuits LLC.

Back Button CDK2307BILP64X Datasheet HTML 7Page - Cadeka Microcircuits LLC. CDK2307BILP64X Datasheet HTML 8Page - Cadeka Microcircuits LLC. CDK2307BILP64X Datasheet HTML 9Page - Cadeka Microcircuits LLC. CDK2307BILP64X Datasheet HTML 10Page - Cadeka Microcircuits LLC. CDK2307BILP64X Datasheet HTML 11Page - Cadeka Microcircuits LLC. CDK2307BILP64X Datasheet HTML 12Page - Cadeka Microcircuits LLC. CDK2307BILP64X Datasheet HTML 13Page - Cadeka Microcircuits LLC. CDK2307BILP64X Datasheet HTML 14Page - Cadeka Microcircuits LLC. CDK2307BILP64X Datasheet HTML 15Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
©2009 CADEKA Microcircuits LLC
www.cadeka.com
11
Data Sheet
Recommended Usage
Analog Input
The analog input to the CDK2307 is done through a
switched capacitor track-and-hold amplifier optimized for
differential operation. Operation at mid supply common
mode voltage is recommended even if performance will
be good for the ranges specified. The CM_EXT pin pro-
vides a voltage suitable for a common mode voltage refer-
ence. The internal buffer for the CM_EXT voltage can be
switched off, and driving capabilities can be changed by
using the CM_EXTBC control input.
Figure 2 shows a simplified drawing of the input network.
The signal source must have sufficiently low output imped-
ance to charge the sampling capacitors within one clock
cycle. A small external resistor (e.g. 22Ω) in series with
each input is recommended as it helps reducing transient
currents and dampens ringing behavior. A small differential
shunt capacitor at the chip side of the resistors may be
used to provide dynamic charging currents and may im-
prove performance. The resistors form a low pass filter
with the capacitor, and values must therefore be deter-
mined by requirements for the application.
Figure 2. Input Configuration
DC-Coupling
Figure 3 shows a recommended configuration for DC-
coupling. Note that the common mode input voltage must
be controlled according to specified values. Preferably, the
CM_EXT output should be used as a reference to set the
common mode voltage.
The input amplifier could be inside a companion chip or
it could be a dedicated amplifier. Several suitable single
ended to differential driver amplifiers exist in the market.
The system designer should make sure the specifications
of the selected amplifier is adequate for the total system,
and that driving capabilities comply with the CDK2307
input specifications.
Figure 3. DC-Coupled Input
Detailed configuration and usage instructions must be
found in the documentation of the selected driver.
AC-Coupling
A signal transformer or series capacitors can be used to
make an AC-coupled input network. Figure 4 shows a
recommended configuration using a transformer. Make
sure that a transformer with sufficient linearity is selected,
CLK_EXT
N-13
+F0
+F2
+F1
+F4
+F
+
Figure 1. Timing Diagram
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com