Electronic Components Datasheet Search
  English  ▼

X  

1N60SW Datasheet(PDF) 1 Page - SEMTECH ELECTRONICS LTD.

Part # 1N60SW
Description  Schottky Barrier Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Direct Link  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

1N60SW Datasheet(HTML) 1 Page - SEMTECH ELECTRONICS LTD.

  1N60SW Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. 1N60SW Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD. 1N60SW Datasheet HTML 3Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Dated : 07/04/2006
®
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
1N60PW, 1N60SW
Schottky Barrier Diode
FEATURES
• High reliability
• Low forward voltage and reverse current
APPLICATIONS
• For electronic calculator, etc.
• Low current rectification and high speed switching
Absolute Maximum Ratings (Ta = 25 OC)
Parameter
Symbol
Value
Unit
Peak Reverse Voltage
VRM
45
V
Reverse Voltage
VR
10
V
Peak Forward Current
IFM
150
mA
Average Rectified Output Current
IO
50
mA
Surge Forward Current
Isurge
500
mA
Junction Temperature
Tj
125
O
C
Storage Temperature Range
TS
-55 to +125
O
C
Characteristics (Ta = 25 OC)
Parameter
Symbol
Min.
Max.
Unit
Forward Current
at VF = 1 V
IF
4
-
mA
Reverse Current
at VR = 10 V
1N60PW
1N60SW
IR
-
-
50
100
µA
Reverse Voltage
at IR = 100 µA
VR
45
-
V
Junction Capacitance
at f = 1 MHz, V = -1 V
CJ
-
1
pF
Rectification efficiency
at Vi = 2 Vrms, R = 5 KΩ, C = 20 pF, f = 40 MHz
η
55
-
%
Pair Δ IF ≤ 6 mA at 1V, Δ IR ≤ 20 µA at 10 V
PINNING
2
Cathode
Anode
1
2
1
Top View
PIN
DESCRIPTION
FM
Marking Code: 1N60PW: "FM"
1N60SW: "FN"
Simplified outline SOD-123 and symbol


Similar Part No. - 1N60SW

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
1N60S SEMTECH-1N60S Datasheet
88Kb / 2P
POINT CONTACT GERMANIUM DIODE
logo
SEMTECH ELECTRONICS LTD...
1N60S SEMTECH_ELEC-1N60S Datasheet
141Kb / 2P
POINT CONTACT GERMANIUM DIODES
logo
New Jersey Semi-Conduct...
1N60S4B NJSEMI-1N60S4B Datasheet
94Kb / 1P
400 mW low voltage avalanche low noise silicon zener diodes
1N60SSB NJSEMI-1N60SSB Datasheet
94Kb / 1P
400 mW low voltage avalanche low noise silicon zener diodes
More results

Similar Description - 1N60SW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
1PS74SB43 PHILIPS-1PS74SB43 Datasheet
49Kb / 8P
Schottky barrier diode
1999 Dec 10
1PS79SB62 PHILIPS-1PS79SB62 Datasheet
56Kb / 8P
Schottky barrier diode
2001 Jan 18
logo
Vishay Siliconix
BAS85 VISHAY-BAS85 Datasheet
51Kb / 4P
Schottky Barrier Diode
01-Apr-99
BAS86 VISHAY-BAS86 Datasheet
51Kb / 4P
Schottky Barrier Diode
01-Apr-99
logo
Diodes Incorporated
BAT46 DIODES-BAT46 Datasheet
49Kb / 1P
SCHOTTKY BARRIER DIODE
DS11002 Rev. E-2
SD103A DIODES-SD103A Datasheet
66Kb / 3P
SCHOTTKY BARRIER DIODE
DS11009 Rev. 11 - 2
logo
ON Semiconductor
NSR0230P2T5G ONSEMI-NSR0230P2T5G Datasheet
42Kb / 3P
Schottky Barrier Diode
October, 2006 ??Rev. 0
logo
Unisonic Technologies
RB520S30 UTC-RB520S30 Datasheet
38Kb / 3P
SCHOTTKY BARRIER DIODE
logo
Champion Microelectroni...
CMS-S060-060 CHAMP-CMS-S060-060 Datasheet
21Kb / 1P
SCHOTTKY BARRIER DIODE
logo
Shindengen Electric Mfg...
DF20NC15 SHINDENGEN-DF20NC15 Datasheet
641Kb / 2P
Schottky Barrier Diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com