Electronic Components Datasheet Search
  English  ▼

X  

CLC3004ISO16X Datasheet(PDF) 1 Page - Cadeka Microcircuits LLC.

Part # CLC3004ISO16X
Description  Single and Triple, 750MHz Amplifiers with Disable
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

CLC3004ISO16X Datasheet(HTML) 1 Page - Cadeka Microcircuits LLC.

  CLC3004ISO16X Datasheet HTML 1Page - Cadeka Microcircuits LLC. CLC3004ISO16X Datasheet HTML 2Page - Cadeka Microcircuits LLC. CLC3004ISO16X Datasheet HTML 3Page - Cadeka Microcircuits LLC. CLC3004ISO16X Datasheet HTML 4Page - Cadeka Microcircuits LLC. CLC3004ISO16X Datasheet HTML 5Page - Cadeka Microcircuits LLC. CLC3004ISO16X Datasheet HTML 6Page - Cadeka Microcircuits LLC. CLC3004ISO16X Datasheet HTML 7Page - Cadeka Microcircuits LLC. CLC3004ISO16X Datasheet HTML 8Page - Cadeka Microcircuits LLC. CLC3004ISO16X Datasheet HTML 9Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
Data Sheet
©2007-2008 CADEKA Microcircuits LLC
www.cadeka.com
Comlinear® CLC1004, CLC1014, CLC3004
Single and Triple, 750MHz Amplifiers with Disable
Amplify the Human Experience
features
n
0.1dB gain flatness to 200MHz
n
0.02%/0.01˚ differential gain/phase
n
750MHz -3dB bandwidth at G = 2
n
350MHz large signal bandwidth
n
1,400V/μs slew rate
n
4nV/√Hz input voltage noise
n
100mA output current
n
20ns enable time
n
Stable for gains of 2V/V or larger
n
Fully specified at 5V and ±5V supplies
n
CLC1004: Pb-free SOT23-6
n
CLC1014: Pb-free SOT23-5
n
CLC3004: Pb-free SOIC-16
a pplication s
n
RGB video line drivers
n
High definition video driver
n
Video switchers and routers
n
ADC buffer
n
Active filters
n
Cable drivers
n
Imaging applications
n
Radar/communication receivers
General Description
The COMLINEAR CLC1004 (single with disable), CLC1014 (single), and
CLC3004 (triple with disable) are high-performance, voltage feedback am-
plifiers that provide 750MHz gain of 2 bandwidth, ±0.1dB gain flatness to
200MHz, and 1,400V/μs slew rate. This high performance exceeds the re-
quirements of high-definition television (HDTV) and other multimedia appli-
cations. These COMLINEAR high-performance amplifiers also provide ample
output current to drive multiple video loads.
The COMLINEAR CLC1004, CLC1014, and CLC3004 are designed to operate
from ±5V or +5V supplies. The CLC1004 and CLC3004 offer a fast enable/
disable feature to save power. While disabled, the outputs are in a high-
impedance state to allow for multiplexing applications. The combination of
high-speed, low-power, and excellent video performance make these ampli-
fiers well suited for use in many general purpose, high-speed applications
including video line driving and imaging applications.
Typical Application - Driving Multiple Video Loads
Ordering Information
Part Number
Package
Pb-Free
RoHS Compliant
Operating Temperature Range
Packaging Method
CLC1004IST6X
SOT23-6
Yes
Yes
-40°C to +85°C
Reel
CLC1004IST6
SOT23-6
Yes
Yes
-40°C to +85°C
Rail
CLC1014IST5X
SOT23-5
Yes
Yes
-40°C to +85°C
Reel
CLC1014IST5
SOT23-5
Yes
Yes
-40°C to +85°C
Rail
CLC3004ISO16X
SOIC-16
Yes
Yes
-40°C to +85°C
Reel
CLC3004ISO16
SOIC-16
Yes
Yes
-40°C to +85°C
Rail
Moisture sensitivity level for all parts is MSL-1.
Input
Output A
+Vs
-Vs
Rg
Rf
75Ω
75Ω
Cable
75Ω
Cable
75Ω
Cable
75Ω
75Ω
75Ω
75Ω
Output B


Similar Part No. - CLC3004ISO16X

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
CLC3004ISO16X EXAR-CLC3004ISO16X Datasheet
1Mb / 20P
Single and Triple, 750MHz Amplifiers with Disable
More results

Similar Description - CLC3004ISO16X

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4188 MAXIM-MAX4188 Datasheet
212Kb / 20P
Single/Triple, Low-Glitch, 250MHz, Current- Feedback Amplifiers with High-Speed Disable
Rev 0; 7/98
logo
Zetex Semiconductors
ZXFVX ZETEX-ZXFVX Datasheet
298Kb / 10P
Quad, single, triple and dual video amplifiers
ZXFV201 ZETEX-ZXFV201_07 Datasheet
308Kb / 10P
Quad, single, triple and dual video amplifiers
logo
Cadeka Microcircuits LL...
CLC1603 CADEKA-CLC1603 Datasheet
2Mb / 22P
Single and Triple, 1.1mA, 200MHz Amplifiers
CLC1605 CADEKA-CLC1605 Datasheet
2Mb / 20P
Single and Triple, 1.5GHz Amplifiers
logo
Maxim Integrated Produc...
MAX4188 MAXIM-MAX4188_07 Datasheet
783Kb / 23P
Single/Triple, Low-Glitch, 250MHz, Current-Feedback Amplifiers with High-Speed Disable
Rev 1; 2/07
logo
Texas Instruments
LMH6682 TI1-LMH6682 Datasheet
1Mb / 30P
Single Supply, Dual and Triple Operational Amplifiers
logo
Linear Technology
LT1675 LINER-LT1675_15 Datasheet
787Kb / 16P
250MHz, Triple and Single RGB Multiplexer with Amplifiers
LT1675-1 LINER-LT1675-1_15 Datasheet
787Kb / 16P
250MHz, Triple and Single RGB Multiplexer with Amplifiers
logo
Exar Corporation
CLC1004 EXAR-CLC1004 Datasheet
1Mb / 20P
Single and Triple, 750MHz Amplifiers with Disable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com