Electronic Components Datasheet Search
  English  ▼

X  

BV45 Datasheet(PDF) 1 Page - SEMTECH ELECTRONICS LTD.

Part # BV45
Description  NPN Silicon Epitaxial Planar Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Direct Link  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

BV45 Datasheet(HTML) 1 Page - SEMTECH ELECTRONICS LTD.

  BV45 Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. BV45 Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Dated : 16/09/2006
®
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
BV45
NPN Silicon Epitaxial Planar Transistor
High voltage fast switching power transistor
Absolute Maximum Ratings (Ta = 25 OC)
Parameter
Symbol
Value
Unit
Collector Base Voltage
VCBO
700
V
Collector Emitter Voltage
VCEO
400
V
Emitter Base Voltage
VEBO
9
V
Collector Current
IC
0.75
A
Collector Peak Current (tp < 5 ms)
ICM
1.5
A
Base Current
IB
0.4
A
Base Peak Current
IBM
0.75
A
Total Dissipation
Ptot
0.95
W
Operating Junction Temperature
Tj
150
O
C
Storage Temperature Range
Tstg
- 65 to + 150
O
C
Characteristics at Ta = 25 OC
Parameter
Symbol
Min.
Max.
Unit
DC Current Gain
at VCE = 5 V, IC = 0.2 A
at VCE = 5 V, IC = 0.4 A
hFE
hFE
10
5
30
20
-
-
Collector Cutoff Current
at VCB = 700 V
ICBO
-
250
µA
Emitter Cutoff Current
at VEB = 9 V
IEBO
-
1
mA
Collector Emitter Breakdown Voltage
at IC = 1 mA
V(BR)CEO
400
-
V
Collector Emitter Saturation Voltage
at IC = 0.2 A, IB = 40 mA
at IC = 0.3 A, IB = 75 mA
at IC = 0.4 A, IB = 135 mA
VCEsat
-
-
-
0.5
1
1.5
V
Base Emitter Saturation Voltage
at IC = 0.2 A, IB = 40 mA
at IC = 0.3 A, IB = 75 mA
VBEsat
-
-
1
1.2
V
TO-92 Plastic Package
Weight approx. 0.19g


Similar Part No. - BV45

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
BV4 DIOTEC-BV4 Datasheet
107Kb / 1P
High Voltage Si-Rectifiers
logo
Semikron International
BV4 SEMIKRON-BV4 Datasheet
51Kb / 2P
High voltage silicon rectifier diodes
logo
Diotec Semiconductor
BV4 DIOTEC-BV4 Datasheet
45Kb / 1P
High Voltage Si-Rectifiers
logo
STMicroelectronics
BV42 STMICROELECTRONICS-BV42 Datasheet
133Kb / 5P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
Sep-2001
logo
Schneider Electric
BV4T002D SCHNEIDER-BV4T002D Datasheet
130Kb / 2P
Motor Circuit Protector, TeSys BV4, standard fault, 2A, 600Y/347 VAC, 12 to 28 instantaneous trip, up to 100kA SCCR
Dec 10, 2020
More results

Similar Description - BV45

ManufacturerPart #DatasheetDescription
logo
AUK corp
SUR519J AUK-SUR519J Datasheet
226Kb / 3P
Epitaxial planar NPN silicon transistor
SUR523H AUK-SUR523H Datasheet
227Kb / 3P
Epitaxial planar NPN silicon transistor
SUR538J AUK-SUR538J Datasheet
236Kb / 3P
Epitaxial planar NPN silicon transistor
SUT562EF AUK-SUT562EF Datasheet
236Kb / 4P
Epitaxial planar NPN silicon transistor
logo
Continental Device Indi...
CSC3930 CDIL-CSC3930 Datasheet
107Kb / 3P
NPN SILICON PLANAR EPITAXIAL TRANSISTOR
logo
Unisonic Technologies
2SD1060 UTC-2SD1060 Datasheet
134Kb / 3P
NPN EPITAXIAL PLANAR SILICON TRANSISTOR
logo
GTM CORPORATION
GJSD1802 GTM-GJSD1802 Datasheet
491Kb / 3P
NPN EPITAXIAL PLANAR SILICON TRANSISTOR
logo
Galaxy Semi-Conductor H...
2SC4226W BILIN-2SC4226W Datasheet
178Kb / 4P
NPN Silicon Epitaxial Planar Transistor
Rev.A
KTC3879 BILIN-KTC3879 Datasheet
222Kb / 4P
NPN Silicon Epitaxial Planar Transistor
KTC4075 BILIN-KTC4075 Datasheet
233Kb / 4P
NPN Silicon Epitaxial Planar Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com