Electronic Components Datasheet Search
  English  ▼

X  

CLC4011 Datasheet(PDF) 1 Page - Cadeka Microcircuits LLC.

Part # CLC4011
Description  Low Power, Low Cost, Rail-to-Rail I/O Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

CLC4011 Datasheet(HTML) 1 Page - Cadeka Microcircuits LLC.

  CLC4011 Datasheet HTML 1Page - Cadeka Microcircuits LLC. CLC4011 Datasheet HTML 2Page - Cadeka Microcircuits LLC. CLC4011 Datasheet HTML 3Page - Cadeka Microcircuits LLC. CLC4011 Datasheet HTML 4Page - Cadeka Microcircuits LLC. CLC4011 Datasheet HTML 5Page - Cadeka Microcircuits LLC. CLC4011 Datasheet HTML 6Page - Cadeka Microcircuits LLC. CLC4011 Datasheet HTML 7Page - Cadeka Microcircuits LLC. CLC4011 Datasheet HTML 8Page - Cadeka Microcircuits LLC. CLC4011 Datasheet HTML 9Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Advance Data Sheet
©2009 CADEKA Microcircuits LLC
www.cadeka.com
Comlinear® CLC1011, CLC2011, CLC4011
Low Power, Low Cost, Rail-to-Rail I/O Amplifiers
Amplify the Human Experience
F E A T U R E S
n
136μA supply current
n
4.9MHz bandwidth
n
Output swings to within 20mV of either
rail
n
Input voltage range exceeds the rail by
>250mV
n
5.3V/μs slew rate
n
21nV/√Hz input voltage noise
n
16mA output current
n
Fully specified at 2.7V and 5V supplies
n
CLC1011: Pb-free SOT23-5, SC70-5,
SOIC-8
n
CLC2011: Pb-free SOIC-8, MSOP-8
n
CLC4011: Pb-free SOIC-14. TSSOP-14
A P P L I C A T I O N S
n
Portable/battery-powered applications
n
PCMCIA, USB
n
Mobile communications, cell phones,
pagers
n
ADC buffer
n
Active filters
n
Portable test instruments
n
Notebooks and PDA’s
n
Signal conditioning
n
Medical Equipment
n
Portable medical instrumentation
General Description
The COMLINEAR CLC1011 (single), CLC2011 (dual), and CLC4011 (quad) are
ultra-low cost, low power, voltage feedback amplifiers. At 5V, the CLCx011
family uses only 160μA of supply current per amplifier and are designed to
operate from a supply range of 2.5V to 5.5V (±1.25 to ±2.75). The input volt-
age range exceeds the negative and positive rails.
The CLCx011 family of amplifiers offer high bipolar performance at a low
CMOS prices. They offer superior dynamic performance with 4.9MHz small
signal bandwidths and 5.3V/μs slew rates. The combination of low power,
high bandwidth, and rail-to-rail performance make the CLCx011 amplifiers
well suited for battery-powered communication/computing systems
Typical Performance Examples
Ordering Information
Part Number
Package
Pb-Free
RoHS Compliant
Operating Temperature Range
Packaging Method
CLC1011ISC5X*
SC70-5
Yes
Yes
-40°C to +85°C
Reel
CLC1011IST5X*
SOT23-5
Yes
Yes
-40°C to +85°C
Reel
CLC2011ISO8X*
SOIC-8
Yes
Yes
-40°C to +85°C
Reel
CLC2011IMP8X*
MSOP-8
Yes
Yes
-40°C to +85°C
Reel
CLC4011ISO14X*
SOIC-14
Yes
Yes
-40°C to +85°C
Reel
CLC4011ITP14X*
TSSOP-14
Yes
Yes
-40°C to +85°C
Reel
Moisture sensitivity level for all parts is MSL-1. *Advance Information.
Frequency (MHz)
0.01
0.1
1
10
Vo = 4Vpp
Vs = 5V
Vo = 1Vpp
Vo = 2Vpp
Input Voltage (0.4V/div)
-2.0
0
2.0
-1.35
0
1.35
RL = 10kΩ
RL = 1kΩ
RL = 75/100Ω
RL = 200Ω
RL = 100Ω
RL = 75Ω
Large Signal Frequency Response
Output Swing vs. Load


Similar Part No. - CLC4011

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
CLC4011 EXAR-CLC4011 Datasheet
2Mb / 17P
Low Power, Low Cost, Rail-to-Rail I/O Amplifiers
CLC4011ISO14EVB EXAR-CLC4011ISO14EVB Datasheet
2Mb / 17P
Low Power, Low Cost, Rail-to-Rail I/O Amplifiers
CLC4011ISO14MTR EXAR-CLC4011ISO14MTR Datasheet
2Mb / 17P
Low Power, Low Cost, Rail-to-Rail I/O Amplifiers
logo
Cadeka Microcircuits LL...
CLC4011ISO14X CADEKA-CLC4011ISO14X Datasheet
3Mb / 17P
Low Power, Low Cost, Rail-to-Rail I/O Amplifiers
logo
Exar Corporation
CLC4011ISO14X EXAR-CLC4011ISO14X Datasheet
2Mb / 17P
Low Power, Low Cost, Rail-to-Rail I/O Amplifiers
More results

Similar Description - CLC4011

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM6132 NSC-LM6132 Datasheet
361Kb / 14P
Low Power 10 MHz Rail-to-Rail I/O Operational Amplifiers
logo
Fairchild Semiconductor
KM4170 FAIRCHILD-KM4170 Datasheet
459Kb / 16P
Low Cost, 2.7V & 5V, Rail-to-Rail I/O Amplifiers
logo
Burr-Brown (TI)
OPA705 BURR-BROWN-OPA705 Datasheet
280Kb / 12P
Low-Cost, CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
logo
Cadeka Microcircuits LL...
CLC1011_1A CADEKA-CLC1011_1A Datasheet
3Mb / 17P
Low Power, Low Cost, Rail-to-Rail I/O Amplifiers
logo
Texas Instruments
OPA705 TI-OPA705_12 Datasheet
614Kb / 15P
Low-Cost, CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
TLV379 TI1-TLV379 Datasheet
1Mb / 32P
Cost-Optimized, Low-Voltage, 4-muA, Rail-to-Rail I/O Operational Amplifiers
OPA342 TI1-OPA342 Datasheet
879Kb / 15P
Low-Cost, Low-Power, Rail-to-Rail OPERATIONAL AMPLIFIERS
OPA705 TI1-OPA705 Datasheet
837Kb / 15P
Low-Cost, CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
logo
Exar Corporation
CLC2011 EXAR-CLC2011 Datasheet
2Mb / 17P
Low Power, Low Cost, Rail-to-Rail I/O Amplifiers
logo
ON Semiconductor
FAN4931 ONSEMI-FAN4931 Datasheet
1Mb / 13P
Ultra-Low Cost, Rail-to-Rail I/O, CMOS Amplifier
February 2013 Rev. 1.0.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com