Electronic Components Datasheet Search
  English  ▼

X  

SS12SBP2 Datasheet(PDF) 3 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # SS12SBP2
Description  Ultra-Miniature Slides
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

SS12SBP2 Datasheet(HTML) 3 Page - Nihon Kaiheiki Industry Co. Ltd.

  SS12SBP2 Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. SS12SBP2 Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. SS12SBP2 Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. SS12SBP2 Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. SS12SBP2 Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
NKK Switches • email: sales@nkkswitches.com • Phone (480) 991-0942 • Fax (480) 998-1435 • www.nkkswitches.com
03-07
Ultra-Miniature Slides
Series SS
TYPICAL SWITCH ORDERING EXAMPLE
2
12S
SS
SPDT ON-NONE-ON Circuit
Terminals with .100” Spacing
Top Actuated
Silver Contacts Rated 0.1A @ 30V DC
Slide Position
Connected Terminals
Throw & Schematics
Pole
Model
Right
Center
Left
Right
Center
Left
Note: Terminal numbers are not actually on switch.
SP
SS12S
ON
NONE
ON
2-1
OPEN
2-3
SPDT
SP
SS14M
ON
ON
ON
3-4
3-2
3-1
SP3T
Make-Before-Break
ON-OFF-ON circuit
can be created by not
connecting terminal 2.
DP
SS22S
ON
NONE
ON
2-1 5-4
OPEN
2-3 5-6 DPDT
D
DESCRIPTION FOR TYPICAL ORDERING EXAMPLE
SS12SDP2
POLES & CIRCUITS
P
TERMINAL SPACING
B
Metric 2.0mm x 2.0mm
D
Inch .100” x .100”
ACTUATION
P
Top Actuated
H
Side Actuated
POLES & CIRCUITS
12S
SPDT
ON
NONE
ON
14M
SP3T
ON
ON
ON
22S
DPDT
ON
NONE
ON
See Poles & Circuits chart below.
* 14M Circuit with silver contacts only.
*
CONTACT MATERIAL
& RATINGS
2
Silver Rated 0.1A @ 30V DC
4
Gold Rated 0.4VA maximum
@ 28V AC/DC maximum
* Gold not available with SS14M.
*
1
3
2 (COM)
4
2
3 (COM)
1
1
3
2 (COM)
4
5 (COM)
6



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com