Electronic Components Datasheet Search
  English  ▼

X  

SS22SBP2 Datasheet(PDF) 1 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # SS22SBP2
Description  Ultra-Miniature Slides
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

SS22SBP2 Datasheet(HTML) 1 Page - Nihon Kaiheiki Industry Co. Ltd.

  SS22SBP2 Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. SS22SBP2 Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. SS22SBP2 Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. SS22SBP2 Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. SS22SBP2 Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
NKK Switches • email: sales@nkkswitches.com • Phone (480) 991-0942 • Fax (480) 998-1435 • www.nkkswitches.com
03-07
Ultra-Miniature Slides
Series SS
Distinctive Characteristics
Top or side actuation permits flexible board design.
Compact dimensions and low profile allow
high density mounting and close stacking of
PC boards.
Crisp actuation positively indicates circuit status.
Double molded thermoset base and thermo-
plastic housing prevent loosening of terminals
due to high soldering temperatures.
Award-winning STC mechanism with benefits
unavailable in conventional mechanisms: smoother,
positive detend actuation, increased contact stability,
and unparalleled logic-level reliability. (Additional STC
details in Terms and Acronyms in the Supplement section.)
Insert molded terminals lock out flux, solvents, and other contaminants.
Inch or metric terminal spacing for standard PC board grid (.100” x .100” or 2.0mm x 2.0mm).
Actual Size


Similar Part No. - SS22SBP2

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SS22S VISHAY-SS22S Datasheet
101Kb / 4P
Surface Mount Schottky Barrier Rectifier
14-Jan-08
SS22S VISHAY-SS22S Datasheet
102Kb / 4P
Surface Mount Schottky Barrier Rectifier
19-May-08
SS22S VISHAY-SS22S Datasheet
78Kb / 4P
Surface Mount Schottky Barrier Rectifier
19-Apr-11
logo
Jinan Jing Heng Electro...
SS22S JINGHENG-SS22S Datasheet
468Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Vishay Siliconix
SS22S VISHAY-SS22S Datasheet
93Kb / 5P
Surface-Mount Schottky Barrier Rectifier
24-Apr-2020
More results

Similar Description - SS22SBP2

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
AS11AP NKK-AS11AP Datasheet
198Kb / 5P
Subminiature Slides
CS12ANW03 NKK-CS12ANW03 Datasheet
142Kb / 4P
Miniature Power Rated Slides
FS22AAP NKK-FS22AAP Datasheet
97Kb / 3P
Miniature Slides for High Frequency
JS0204AP4-S NKK-JS0204AP4-S Datasheet
265Kb / 6P
Ultra-Miniature SMT DIP Slides
MS12LNW01C NKK-MS12LNW01C Datasheet
192Kb / 4P
Miniature Slides
MS12AFW NKK-MS12AFW Datasheet
256Kb / 7P
Miniature Slides
SM0320102 NKK-SM0320102 Datasheet
64Kb / 2P
Ultra-Miniature Slides
SS312SAH4-R NKK-SS312SAH4-R Datasheet
196Kb / 6P
Ultra-Miniature SMT Slides
SS12SDP2LC NKK-SS12SDP2LC Datasheet
185Kb / 4P
Ultra-Miniature Slides
logo
Advantech Co., Ltd.
C-300-S ADVANTECH-C-300-S Datasheet
86Kb / 3P
General Devices ChassisTrak Slides
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com