Electronic Components Datasheet Search
  English  ▼

X  

S331 Datasheet(PDF) 1 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # S331
Description  Medium/High Capacity Standard Size Toggles
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

S331 Datasheet(HTML) 1 Page - Nihon Kaiheiki Industry Co. Ltd.

  S331 Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. S331 Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. S331 Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. S331 Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. S331 Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. S331 Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd. S331 Datasheet HTML 7Page - Nihon Kaiheiki Industry Co. Ltd. S331 Datasheet HTML 8Page - Nihon Kaiheiki Industry Co. Ltd. S331 Datasheet HTML 9Page - Nihon Kaiheiki Industry Co. Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
NKK Switches • email: sales@nkkswitches.com • Phone (480) 991-0942 • Fax (480) 998-1435 • www.nkkswitches.com
05-08
Medium/High Capacity Standard Size Toggles
Series S
• Standard Hardware: AT503M Face Hex Nut, AT506 Locking Ring, AT508 Lockwasher, AT527M Backup Hex Nut. See Accessories & Hardware section.
S301
Maximum
Panel Thickness:
.185” (4.7mm)
S301 does not have terminal 2
Electrical Capacity (Resistive & Inductive Load)
Power Level:
Shown in the following tables
Other Ratings
Contact Resistance:
10 milliohms maximum
Insulation Resistance:
1,000 megohms minimum @ 500V DC
Dielectric Strength:
2,000V AC minimum for 1 minute minimum
Mechanical Life:
50,000 operations minimum
Electrical Life:
6,000 operations minimum for S331F; 15,000 operations minimum for all other S331s;
25,000 operations minimum for all others
Angle of Throw
(α):
Shown on following tables
Materials & Finishes
Toggle:
PBT for flatted lever; brass with chrome plating for all others
Bushing:
Brass with chrome plating
Case:
Melamine phenol
Case Cover:
Steel with zinc plating
Movable Contactor:
Copper with silver plating
Movable & Stationary Contacts:
Silver alloy capped on copper with silver plating
Terminals:
Brass with silver plating
Installation
Mounting Torque:
2.94Nm (26 lb•in) for double nut; 1.47Nm (13 lb•in) for single nut
Soldering Time & Temperature:
Manual Soldering: See Profile A in Supplement section.
Standards & Certifications
UL Recognized:
Designated with UL recognized symbol beside part numbers on following pages
UL File No. WOYR2.E44145. Add “/U” to end of part number to order UL mark on switch.
C-UL Recognized:
Designated with C-UL recognized symbol beside part numbers on following pages
C-UL File No. WOYR8.E44145. Add “/C-UL” to end of part number to order C-UL mark on switch.
CSA Certified:
Designated with CSA certified symbol beside part numbers on following pages
File No. 023535-0-000. Add “/C” to end of part number to order CSA mark on switch.
GENERAL SPECIFICATIONS FOR S301 ~ S339
Keyway
(16.0)
.630
(17.5)
.689
(12.0)
.472
32
°
(6.1) Dia
.240
M12 P1
(3.2) Dia Typ
.126
(6.0) Typ
.236
(1.6) Typ
.063
(17.4)
.685
(9.6) Max
.378
(28.5)
1.122
3
2
1
(9.0)
.354
(12.5) Dia
.492
(3.0) Dia
.118
SINGLE POLE WITH SOLDER LUG
Toggle Position/Connected Terminals
( ) = Momentary
Electrical Capacity
Model
Approvals
Pole &
Throw
Down
Center
Up
Resistive
Inductive
Angle
of Throw
AC
125V
AC
250V
DC
30V
AC 125V
PF 0.6
S301
SPST
ON
1-3
NONE
OFF
—
15A
6A
20A
10A
32°
S302
SPDT
ON
2-3
NONE
ON
2-1
15A
6A
20A
10A
32°
S303
SPDT
ON
2-3
OFF
ON
2-1
15A
6A
20A
10A
32°
S305
—
—
SPDT
ON
2-3
NONE
(ON)
2-1
15A
6A
20A
8A
32°
S308
—
—
SPDT
(ON)
2-3
OFF
(ON)
2-1
15A
6A
20A
8A
32°
S309
—
—
SPDT
ON
2-3
OFF
(ON)
2-1
15A
6A
20A
8A
32°
Throw &
Schematics:
SPST
Keyway
SPDT
R
R
R
3
1
INTERNAL
CONNECTION
2 (COM)
1
3
Note: Terminal numbers are
actually on the switch
R
R
R


Similar Part No. - S331

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
S331 NKK-S331 Datasheet
812Kb / 11P
GENERAL SPECIFICATIONS FOR S301 ~ S339
logo
Vishay Siliconix
S33125X5FN6 VISHAY-S33125X5FN6 Datasheet
200Kb / 11P
Ceramic Singlelayer DC Disc Capacitors for General Purpose
05-Nov-2024
S33125X7RN6 VISHAY-S33125X7RN6 Datasheet
200Kb / 11P
Ceramic Singlelayer DC Disc Capacitors for General Purpose
05-Nov-2024
S33125X7RP6 VISHAY-S33125X7RP6 Datasheet
200Kb / 11P
Ceramic Singlelayer DC Disc Capacitors for General Purpose
05-Nov-2024
S33125Y5PN6 VISHAY-S33125Y5PN6 Datasheet
200Kb / 11P
Ceramic Singlelayer DC Disc Capacitors for General Purpose
05-Nov-2024
More results

Similar Description - S331

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FXE ETC2-FXE Datasheet
54Kb / 2P
Low Profile Compact Size / High Contact Capacity
logo
Nihon Kaiheiki Industry...
S821 NKK-S821 Datasheet
165Kb / 4P
High Capacity Standard Size Toggles
S114 NKK-S114 Datasheet
64Kb / 1P
Low Capacity Standard Size Toggles
logo
List of Unclassifed Man...
S2AL ETC2-S2AL Datasheet
200Kb / 5P
Medium Capacity Standard Size Toggles
M2012S2A2G40 ETC2-M2012S2A2G40 Datasheet
343Kb / 10P
Miniature Toggles
M2022SS2G13-BC ETC2-M2022SS2G13-BC Datasheet
215Kb / 7P
Miniature Toggles
logo
Nihon Kaiheiki Industry...
SB221NO NKK-SB221NO Datasheet
115Kb / 3P
Low/Medium Capacity Pushbuttons
logo
List of Unclassifed Man...
SB25B ETC2-SB25B Datasheet
115Kb / 3P
Low/Medium Capacity Pushbuttons
logo
Nihon Kaiheiki Industry...
SW3001A NKK-SW3001A_16 Datasheet
223Kb / 4P
Medium Capacity Rockers
logo
Ultralife Corporation.
U10026 ULTRALIFE-U10026 Datasheet
952Kb / 3P
3 Volt, D-Size Cell High Capacity
Rev: C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com