Electronic Components Datasheet Search
  English  ▼

X  

SW3008A Datasheet(PDF) 1 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # SW3008A
Description  High Capacity Rockers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

SW3008A Datasheet(HTML) 1 Page - Nihon Kaiheiki Industry Co. Ltd.

  SW3008A Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. SW3008A Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. SW3008A Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. SW3008A Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
NKK Switches • email: sales@nkkswitches.com • Phone (480) 991-0942 • Fax (480) 998-1435 • www.nkkswitches.com
05-07
Medium Capacity Rockers
Series SW
GENERAL SPECIFICATIONS FOR SW3000s
Electrical Capacity (Resistive & Inductive Load)
Power Level: Shown in the following tables
Other Ratings
Contact Resistance: 10 milliohms maximum
Insulation Resistance: 1,000 megohms minimum @ 500V DC
Dielectric Strength: 2,000V AC minimum for 1 minute minimum
Mechanical Life: 30,000 operations minimum
Electrical Life: 10,000 operations minimum
Angle of Throw (α): Shown on drawings or following tables
Materials & Finishes
Rocker: Urea resin; all rockers are white.
Mounting Frame: Steel with chromate plating over zinc plating
Case Cover/Insulator: Phenolic resin
Case: Melamine phenol
Movable Contactor Plate: Copper with silver plating
Movable & Stationary Contacts: Silver alloy plus copper with silver plating
Terminals: Copper with tin plating
Environmental Data
Operating Temp Range: –10°C through +70°C (+14°F through +158°F)
Sealing: Dustproof cover of silicone rubber on SW3006A, SW3007A, & SW3008A
Installation
Maximum Panel Thickness: Shown with following drawings
Soldering Time & Temperature: Manual Soldering: See Profile A in Supplement section.
Standards & Certifications
UL Recognized: Designated with UL recognized symbol beside part numbers on following pages
See Supplement section to find UL rating details. UL File No. WOYR2.E44145
Add “/U” to end of part number to order UL mark on switch.
C-UL Recognized: Designated with C-UL recognized symbol beside part numbers on following pages
See Supplement section to find C-UL rating details. C-UL File No. WOYR8.E44145
Add “/C-UL” to end of part number to order C-UL mark on switch.
CSA Certified: Designated with CSA certified symbol beside part numbers on following pages
See Supplement section to find CSA rating details. CSA File No. 023535-0-000;
Add “/C” to end of part number to order CSA mark on switch.
VDE Approved: SW3006A at 20A @ 125V AC & 10A @ 250V AC; VDE License No. 119189;
Add “/V” to end of part number to order VDE mark on switch.
R
V
D E
R


Similar Part No. - SW3008A

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
SW3008A NKK-SW3008A Datasheet
223Kb / 4P
Medium Capacity Rockers
More results

Similar Description - SW3008A

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
JWS11RAA-A NKK-JWS11RAA-A Datasheet
351Kb / 6P
Internationally Approved Rockers
M2012TNW NKK-M2012TNW Datasheet
332Kb / 10P
Miniature Rockers
LW3021A NKK-LW3021A Datasheet
53Kb / 1P
High Capacity Screw Mount Rockers
logo
List of Unclassifed Man...
GW12RCP ETC2-GW12RCP Datasheet
135Kb / 4P
Ultra-Thin Rockers
JWLW21RA1A ETC2-JWLW21RA1A Datasheet
309Kb / 9P
High Inrush 10 & 16 Amp Rockers
JWS21RAA ETC2-JWS21RAA Datasheet
537Kb / 6P
Internationally Approved Rockers
M2012TJW01-FC-1A ETC2-M2012TJW01-FC-1A Datasheet
1,001Kb / 9P
Miniature Rockers
M2012TNW01-DC ETC2-M2012TNW01-DC Datasheet
282Kb / 10P
Miniature Rockers
M2013TXG41-DC ETC2-M2013TXG41-DC Datasheet
367Kb / 12P
Miniature Rockers
logo
Nihon Kaiheiki Industry...
SW3001A NKK-SW3001A_16 Datasheet
223Kb / 4P
Medium Capacity Rockers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com