Electronic Components Datasheet Search
  English  ▼

X  

CLC2057ISO8X Datasheet(PDF) 12 Page - Cadeka Microcircuits LLC.

Part # CLC2057ISO8X
Description  Dual, Low Noise, Operational Amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

CLC2057ISO8X Datasheet(HTML) 12 Page - Cadeka Microcircuits LLC.

Back Button CLC2057ISO8X Datasheet HTML 5Page - Cadeka Microcircuits LLC. CLC2057ISO8X Datasheet HTML 6Page - Cadeka Microcircuits LLC. CLC2057ISO8X Datasheet HTML 7Page - Cadeka Microcircuits LLC. CLC2057ISO8X Datasheet HTML 8Page - Cadeka Microcircuits LLC. CLC2057ISO8X Datasheet HTML 9Page - Cadeka Microcircuits LLC. CLC2057ISO8X Datasheet HTML 10Page - Cadeka Microcircuits LLC. CLC2057ISO8X Datasheet HTML 11Page - Cadeka Microcircuits LLC. CLC2057ISO8X Datasheet HTML 12Page - Cadeka Microcircuits LLC. CLC2057ISO8X Datasheet HTML 13Page - Cadeka Microcircuits LLC.  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
Data Sheet
©2007-2009 CADEKA Microcircuits LLC
www.cadeka.com
12
Typical Applications
Figure 10: Audio Tone Control Circuit
100Ω
Amp RV
Amp RV
1.8kΩ
39kΩ
1kΩ
680pF
10µF
Audio_Input L
+
–
4
1
2
8
+V
S
3
1/2
CLC2057
DAC Load
Resistor
620Ω
470pF
150µF
Audio_Output L
10kΩ
5pF
1.8kΩ
39kΩ
1kΩ
680pF
10µF
Audio_Input R
+
+
+
+
–
7
6
5
1/2
CLC2057
DAC Load
Resistor
620Ω
470pF
150µF
Audio_Output R
10kΩ
5pF
10kΩ
10kΩ
100Ω
0.1µF
+V
S
0.1µF
100µF
+
100µF
AUDIO AMPLIFIER
Figure 11: Typical Circuit for Filtering and Driving Audio in STB or DVD Player Applications
-21
-18
-15
-12
-9
-6
-3
0
3
0.1
1
10
100
1000
Frequency (kHz)
VOUT = 5Vpp
Figure 12: AC Reponse of Figure 10 (VS=10V, RL=630Ω)
-110
-100
-90
-80
-70
-60
-50
0.1
1
10
100
1000
Frequency (kHz)
VOUT = 5Vpp
Figure 13: Cross-Talk Performance (VS=10V, RL=630Ω)
1/2 CLC2057
VIN
VOUT
R1
11kΩ
C1
0.05µF
C3
0.005µF
C2
0.05µF
R2
100kΩ
R4
11kΩ
R3
11kΩ
R5
3.6kΩ
R6
500kΩ
R7
3.6kΩ
–
+
Boost-Bass-Cut
Boost-Treble-Cut



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com