Electronic Components Datasheet Search
  English  ▼

X  

S331F Datasheet(PDF) 10 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # S331F
Description  Medium/High Capacity Standard Size Toggles
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

S331F Datasheet(HTML) 10 Page - Nihon Kaiheiki Industry Co. Ltd.

Back Button S331F Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. S331F Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. S331F Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. S331F Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. S331F Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd. S331F Datasheet HTML 7Page - Nihon Kaiheiki Industry Co. Ltd. S331F Datasheet HTML 8Page - Nihon Kaiheiki Industry Co. Ltd. S331F Datasheet HTML 9Page - Nihon Kaiheiki Industry Co. Ltd. S331F Datasheet HTML 10Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
NKK Switches • email: sales@nkkswitches.com • Phone (480) 991-0942 • Fax (480) 998-1435 • www.nkkswitches.com
05-08
Medium/High Capacity Standard Size Toggles
Series S
• Standard Hardware: AT503M Face Hex Nut, AT506 Locking Ring, AT508 Lockwasher, AT527M Backup Hex Nut. See Accessories & Hardware section.
S422
S421 does not have terminals 2 & 5
S421T does not have terminals 2 & 5
S423T
(9.0)
.354
(12.5) Dia
.492
(3.0) Dia
.118
(9.0)
.354
(12.5) Dia
.492
(3.0) Dia
.118
Maximum
Panel Thickness:
.185” (4.7mm)
• Standard Hardware: AT503M Face Hex Nut, AT506 Locking Ring, AT508 Lockwasher, AT527M Backup Hex Nut. See Accessories & Hardware section.
Keyway
(19.0)
.748
(17.5)
.689
(12.0)
.472
(25.1)
.988
α
(6.1) Dia
.240
M12 P1
(2.4) Dia Typ
.094
(4.8) Typ
.189
(5.7)
.224
6
3
2
1
4
5
(33.2)
1.307
(0.8) Typ
.031
(33.2)
1.307
1
2
4
5
6
3
(17.5)
.689
(12.0)
.472
(31.1)
1.224
α
(6.1) Dia
.240
M12 P1
M4 X 5
(11.0)
.433
Keyway
(19.0)
.748
Toggle Position/Connected Terminals
( ) = Momentary
Electrical Capacity
Model
Approvals
Pole &
Throw
Down
Center
Up
Resistive
Inductive
Motor
Load
α =
Angle
of Throw
AC
125V
AC
250V
PF 0.75 - 0.8
AC
125V
AC 125V
AC 250V
S421T
—
—
DPST
ON
1-3 4-6
NONE
OFF
—
20A
20A
20A
20A
750W
24°
S422T
—
—
DPDT
ON
2-3 5-6
NONE
ON
2-1 5-4
20A
20A
20A
20A
750W
24°
S423T
—
—
DPDT
ON
2-3 5-6
OFF
ON
2-1 5-4
20A
20A
20A
20A
750W
28°
S425T
—
—
DPDT
ON
2-3 5-6
NONE
(ON)
2-1 5-4
15A
15A
15A
15A
400W
24°
S428T
—
—
DPDT
(ON)
2-3 5-6
OFF
(ON)
2-1 5-4
15A
15A
15A
15A
400W
24°
S429T
—
—
DPDT
ON
2-3 5-6
OFF
(ON)
2-1 5-4
15A
15A
15A
15A
400W
24°
Throw &
Schematics:
Keyway
4
6
1
3
2
5
(COM)
6
4
INTERNAL
CONNECTION
3
1
DPST
DPDT
DOUBLE POLE WITH SCREW LUG
Note: Terminal numbers
are on the switch
Toggle Position/Connected Terminals
( ) = Momentary
Electrical Capacity
Model
Approvals
Pole &
Throw
Down
Center
Up
Resistive
Inductive
Motor
Load
α =
Angle
of Throw
AC
125V
AC
250V
PF 0.75 - 0.8
AC
125V
AC 125V
AC 250V
S421
—
—
DPST
ON
1-3 4-6
NONE
OFF
—
25A
25A
25A
25A
750W
24°
S422
—
—
DPDT
ON
2-3 5-6
NONE
ON
2-1 5-4
25A
25A
25A
25A
750W
24°
S423
—
—
DPDT
ON
2-3 5-6
OFF
ON
2-1 5-4
25A
25A
25A
25A
750W
28°
S425
—
—
DPDT
ON
2-3 5-6
NONE
(ON)
2-1 5-4
15A
15A
15A
15A
400W
24°
S428
—
—
DPDT
(ON)
2-3 5-6
OFF
(ON)
2-1 5-4
15A
15A
15A
15A
400W
24°
S429
—
—
DPDT
ON
2-3 5-6
OFF
(ON)
2-1 5-4
15A
15A
15A
15A
400W
24°
Throw &
Schematics:
DOUBLE POLE WITH SOLDER LUG
Keyway
4
6
1
3
2
5
(COM)
6
4
INTERNAL
CONNECTION
3
1
DPST
DPDT
Note: Terminal numbers
are on the switch
Maximum
Panel Thickness:
.185” (4.7mm)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com