Electronic Components Datasheet Search
  English  ▼

X  

S31 Datasheet(PDF) 3 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # S31
Description  Medium/High Capacity Standard Size Toggles
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

S31 Datasheet(HTML) 3 Page - Nihon Kaiheiki Industry Co. Ltd.

  S31 Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. S31 Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. S31 Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. S31 Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. S31 Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. S31 Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd. S31 Datasheet HTML 7Page - Nihon Kaiheiki Industry Co. Ltd. S31 Datasheet HTML 8Page - Nihon Kaiheiki Industry Co. Ltd. S31 Datasheet HTML 9Page - Nihon Kaiheiki Industry Co. Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
NKK Switches • email: sales@nkkswitches.com • Phone (480) 991-0942 • Fax (480) 998-1435 • www.nkkswitches.com
05-08
Medium/High Capacity Standard Size Toggles
Series S
• Standard Hardware: AT503M Face Hex Nut, AT506 Locking Ring, AT508 Lockwasher, AT527M Backup Hex Nut. See Accessories & Hardware section.
S301T
Maximum
Panel Thickness:
.185” (4.7mm)
S301T does not have terminal 2
(9.0)
.354
(12.5) Dia
.492
(3.0) Dia
.118
(9.0)
.354
(12.5) Dia
.492
(3.0) Dia
.118
Maximum
Panel Thickness:
.185” (4.7mm)
• Standard Hardware: AT503M Face Hex Nut, AT506 Locking Ring, AT508 Lockwasher, AT527M Backup Hex Nut. See Accessories & Hardware section.
S331T
S331T does not have terminals 2 & 5
Keyway
(19.0)
.748
(17.5)
.689
(12.0)
.472
(25.1)
.988
(6.1) Dia
.240
M12 P1
(6.6)
.260
M3.5 x 5
25
°
(6.6)
.260
6
3
2
1
4
5
(33.2)
1.307
(1.0) Typ
.039
Keyway
(16.0)
.630
(17.5)
.689
(12.0)
.472
32
°
(6.1) Dia
.240
M12 P1
(5.0) Typ
.197
(17.4)
.685
(9.6) Max
.378
M3.5 P0.5
(6.0) Typ
.236
(28.5)
1.122
Toggle Position/Connected Terminals
( ) = Momentary
Electrical Capacity
Model
Approvals
Pole &
Throw
Down
Center
Up
Resistive
Inductive
α =
Angle
of Throw
AC
125V
AC
250V
DC
30V
AC 125V
PF 0.6
S301T
SPST
ON
1-3
NONE
OFF
—
15A
6A
20A
10A
32°
S302T
SPDT
ON
2-3
NONE
ON
2-1
15A
6A
20A
10A
32°
S303T
SPDT
ON
2-3
OFF
ON
2-1
15A
6A
20A
10A
32°
S305T
—
—
SPDT
ON
2-3
NONE
(ON)
2-1
15A
6A
20A
8A
32°
S308T
—
—
SPDT
(ON)
2-3
OFF
(ON)
2-1
15A
6A
20A
8A
32°
S309T
—
—
SPDT
ON
2-3
OFF
(ON)
2-1
15A
6A
20A
8A
32°
Throw &
Schematics:
SINGLE POLE WITH SCREW LUG
SPST
Keyway
SPDT
R
R
R
3
1
INTERNAL
CONNECTION
2 (COM)
1
3
Note: Terminal numbers are
actually on the switch
R
R
R
DOUBLE POLE WITH SCREW LUG
Toggle Position/Connected Terminals
( ) = Momentary
Electrical Capacity
Model
Approvals
Pole &
Throw
Down
Center
Up
Resistive
Inductive
α =
Angle
of Throw
AC
125V
AC
250V
DC
30V
AC 125V
PF 0.6
S331T
—
DPST
ON
1-3 4-6
NONE
OFF
—
15A
15A
15A
10A
25°
S332T
—
DPDT
ON
2-3 5-6
NONE
ON
2-1 5-4
15A
15A
15A
10A
25°
S333T
—
DPDT
ON
2-3 5-6
OFF
ON
2-1 5-4
15A
15A
15A
10A
30°
S335T
—
DPDT
ON
2-3 5-6
NONE
(ON)
2-1 5-4
15A
6A
20A
8A
25°
S338T
—
DPDT
(ON)
2-3 5-6
OFF
(ON)
2-1 5-4
15A
6A
20A
8A
25°
S339T
—
DPDT
ON
2-3 5-6
OFF
(ON)
2-1 5-4
15A
6A
20A
8A
25°
Throw &
Schematics:
DPST
Keyway
DPDT
R
R
R
R
R
R
4
6
1
3
2
5
(COM)
6
4
INTERNAL
CONNECTION
3
1
Note: Terminal numbers are
actually on the switch
R
R
R
R
R
R



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com