Electronic Components Datasheet Search
  English  ▼

X  

MMBTH10 Datasheet(PDF) 1 Page - SEMTECH ELECTRONICS LTD.

Part # MMBTH10
Description  NPN Silicon VHF/UHF Transistor
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Direct Link  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

MMBTH10 Datasheet(HTML) 1 Page - SEMTECH ELECTRONICS LTD.

  MMBTH10 Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Dated : 25/05/2006
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
®
ST 2SB772T
PNP SILICON EPITAXIAL POWER TRANSISTOR
These devices are intended for use in audio
frequency power amplifier and low speed switching
applications
Absolute Maximum Ratings (Ta = 25 OC)
Parameter
Symbol
Value
Unit
Collector Base Voltage
-VCBO
40
V
Collector Emitter Voltage
-VCEO
30
V
Emitter Base Voltage
-VEBO
5
V
Collector Current - DC
Collector Current - Pulse
1)
-IC
-IC
3
7
A
A
Base Current - DC
-IB
0.6
A
Total Power Dissipation @ TC = 25 OC
PD
10
W
Total Power Dissipation @ TA = 25 OC
PD
1.0
W
Operating and Storage Junction Temperature Range
TJ, Ts
- 65 to + 150
O
C
1) PW=10ms, Duty Cycle ≤ 50%
Characteristics at Ta = 25 OC
Parameter
Symbol
Min.
Typ.
Max.
Unit
DC Current Gain
at -VCE = 2 V, -IC = 20 mA
at -VCE = 2 V, -IC = 1 A
R
Q
P
E
hFE
hFE
hFE
hFE
hFE
30
60
100
160
200
-
-
-
-
-
-
120
200
320
400
-
-
-
-
-
Collector Emitter Breakdown Voltage
at -IC = 1 mA
-V(BR)CEO
30
-
-
V
Collector Base Breakdown Voltage
at -IC = 1 mA
-V(BR)CBO
40
-
-
V
Emitter Base Breakdown Voltage
at -IE = 1 mA
-V(BR)EBO
5
-
-
V
Collector Cutoff Current
at -VCB = 30 V
-ICBO
-
-
1
µA
Emitter Cutoff Current
at -VEB = 3 V
-IEBO
-
-
1
µA
Collector Emitter Saturation Voltage
at -IC = 2 A, -IB = 200 mA
-VCE(sat)
-
-
0.5
V
Base Emitter Saturation Voltage
at -IC = 2 A, -IB = 200 mA
-VBE(sat)
-
-
2
V
Output Capacitance
at -VCB = 10 V, f = 1 MHz
CO
-
55
-
pF
Current Gain Bandwidth Product
at -IC = 100 mA, -VCE = 5 V
fT
-
80
-
MHz
E
B
C
TO-126 Plastic Package


Similar Part No. - MMBTH10

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MMBTH10 FAIRCHILD-MMBTH10 Datasheet
71Kb / 6P
NPN RF Transistor
logo
Diodes Incorporated
MMBTH10 DIODES-MMBTH10 Datasheet
55Kb / 2P
NPN SURFACE MOUNT VHF/UHF TRANSISTOR
DS31031 Rev. 4 - 2
logo
Weitron Technology
MMBTH10 WEITRON-MMBTH10 Datasheet
224Kb / 5P
NPN Silicon VHF/UHF Transistor
logo
Unisonic Technologies
MMBTH10 UTC-MMBTH10 Datasheet
196Kb / 5P
RF TRANSISTOR
logo
Fairchild Semiconductor
MMBTH10 FAIRCHILD-MMBTH10 Datasheet
502Kb / 14P
NPN RF Transistor
More results

Similar Description - MMBTH10

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE69 NTE-NTE69 Datasheet
20Kb / 2P
Silicon NPN Transistor UHF/VHF Amplifier
logo
Zetex Semiconductors
BFQ31A ZETEX-BFQ31A Datasheet
36Kb / 1P
NPN SILICON PLANAR VHF/UHF TRANSISTOR
ZUMT918 ZETEX-ZUMT918 Datasheet
19Kb / 1P
NPN SILICON PLANAR VHF/UHF TRANSISTOR
logo
ON Semiconductor
MMBTH10LT1 ONSEMI-MMBTH10LT1 Datasheet
52Kb / 6P
VHF/UHF Transistor (NPN Silicon)
December, 2003 ??Rev. 2
logo
Weitron Technology
MMBTH10 WEITRON-MMBTH10 Datasheet
224Kb / 5P
NPN Silicon VHF/UHF Transistor
logo
ON Semiconductor
MMBT918LT1 ONSEMI-MMBT918LT1 Datasheet
48Kb / 3P
VHF/UHF Transistor NPN Silicon
January, 2006 ??Rev. 5
MMBT918LT1G ONSEMI-MMBT918LT1G_09 Datasheet
118Kb / 3P
VHF/UHF Transistor NPN Silicon
August, 2009 ??Rev. 6
logo
Pan Jit International I...
MMBT918 PANJIT-MMBT918 Datasheet
142Kb / 3P
VHF/UHF NPN SILICON TRANSISTOR
MMBT918W PANJIT-MMBT918W Datasheet
97Kb / 3P
VHF/UHF NPN SILICON TRANSISTOR
MMBTH10 PANJIT-MMBTH10_06 Datasheet
154Kb / 5P
VHF/UHF NPN SILICON TRANSISTOR
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com