Electronic Components Datasheet Search
  English  ▼

X  

WR11AT Datasheet(PDF) 1 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # WR11AT
Description  Environmentally Sealed Rockers
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

WR11AT Datasheet(HTML) 1 Page - Nihon Kaiheiki Industry Co. Ltd.

  WR11AT Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. WR11AT Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. WR11AT Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. WR11AT Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. WR11AT Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
NKK Switches • email: sales@nkkswitches.com • Phone (480) 991-0942 • Fax (480) 998-1435 • www.nkkswitches.com
05-07
Environmentally Sealed Rockers
Series WR
Distinctive Characteristics
Single unit construction of the flange and outer housing
gives added protection from environmental elements.
Specially designed contact mechanism
for breaking light welds.
Minimal contact bounce achieved with
specially designed interlocked switching
mechanism.
Heat resistant resin used for outer housing, inner
case, and cover on wire lead models meets
UL94V-0 flammability standard and provides
high arc and tracking resistance.
Addition of new .250” quick connect terminal option.
Now available with solder lug, screw, quick connect,
and wire lead terminations.
Actual Size
Sealed Construction Meets IP60 & IP67 Standards
Solder lug, screw, and quick connect terminal models
meet IP67 of IEC60529 Standards at front panel (dust
tight and water protected for temporary immersion,
patent pending). Behind panel standard is IP60 (dust
tight but not water protected).
Wire lead models conform fully to IP67 of IEC60529
Standards at front and behind panel (dust tight and
water protected for temporary immersion). Switch
base is epoxy sealed and covered by an outer case
for further protection from dust and water. (Switches
cannot be operated under water. Contact factory for
further details regarding operating environment.)


Similar Part No. - WR11AT

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
WR11AT NKK-WR11AT Datasheet
177Kb / 5P
General Specifications
WR11ATN NKK-WR11ATN Datasheet
177Kb / 5P
General Specifications
More results

Similar Description - WR11AT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
7BT2 TI-7BT2 Datasheet
567Kb / 2P
HIGH CAPACITY ENVIRONMENTALLY SEALED
logo
ITT Industries
SLE ITT-SLE Datasheet
388Kb / 14P
Snap-Lock Environmentally Sealed - Rectangular
logo
Nihon Kaiheiki Industry...
A12KP NKK-A12KP Datasheet
266Kb / 7P
Process Sealed Subminiature Rockers
M2T12TXW13-D NKK-M2T12TXW13-D Datasheet
253Kb / 7P
Process Sealed Miniature Rockers
WB12S-DA NKK-WB12S-DA Datasheet
179Kb / 4P
Environmentally Sealed Pushbuttons
WT11S NKK-WT11S Datasheet
432Kb / 6P
Environmentally Sealed Toggles
logo
List of Unclassifed Man...
M2T22TXG41-DC ETC2-M2T22TXG41-DC Datasheet
597Kb / 8P
Process Sealed Miniature Rockers
WB15L ETC2-WB15L Datasheet
353Kb / 5P
Environmentally Sealed Pushbuttons
A23K1V-DA ETC2-A23K1V-DA Datasheet
241Kb / 7P
Process Sealed Subminiature Rockers
A13KW-CA ETC2-A13KW-CA Datasheet
888Kb / 8P
Process Sealed Subminiature Rockers
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com