Electronic Components Datasheet Search
  English  ▼

X  

PL10P Datasheet(PDF) 2 Page - Lumins Inc.

Part # PL10P
Description  Post top twin mount
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMINIS [Lumins Inc.]
Direct Link  http://www.luminis.com
Logo LUMINIS - Lumins Inc.

PL10P Datasheet(HTML) 2 Page - Lumins Inc.

  PL10P Datasheet HTML 1Page - Lumins Inc. PL10P Datasheet HTML 2Page - Lumins Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PELICAN
OPTIONAL MOUNTING AND ACCESSORIES
LUMINIS [ USA ] - 3555 NW 53rd Court, Fort Lauderdale, FL.33309
Tel: 954 .717 .4155
Fax: 954
. 717.4157
Web: www.luminis.com
LUMINIS [ Canada ] - 87 C Brunswick D.D.O. Q.C. Canada H9B 2J5
Toll free: 888 .401 .6999
luminaires may be altered for design improvements or discontinued without prior notice.
L U M I
I
N S
PL15P
PL30P
Page
79
Pole mount
6 1/8”
PLW -1” x 3” extruded aluminum twin
short arm mounting adaptor designed
for wall installation, with a set of two
cast aluminum mounting plates.
4” Dia. vertical tube luminaire support.
Power
PLW
Wall mount
Wall mount
PL15P
28”
15 3/4”
60”
48”
10 1/2”
52”
4 5/8”
3”
PLW series
Mounting
4 5/8”
3”
6 1/8
48”
36”
PL10P
36”
PL40P
55”
Sept. 2006 Rev. Feb.2007
PEX
pole
style
PXD
pole
style
60”
* Note
PCA
pole
style
PAA
pole
style
* Note:
24” extension with PL30P
attachment
48” extension with PL15P/PL10P
attachment
66” extension with PL40P
attachment
Compatible poles listing.
4”O.D.
5”O.D.
4”O.D.
4”O.D.
4”O.D.
Post top mounting
PAA414-PL2
PAA416-PL2
PAA418-PL2
PAA420-PL2
PAA416-PL4
PAA418-PL4
PAA420-PL4
PAA414-PL1
PAA416-PL1
PAA418-PL1
PAA420-PL1
PAA514-PL2
PAA516-PL2
PAA518-PL2
PAA520-PL2
PAA516-PL4
PAA518-PL4
PAA520-PL4
PXD14-PL2
PXD16-PL2
PXD18-PL2
PXD20-PL2
PEX414-PL2
PEX416-PL2
PEX418-PL2
PEX420-PL2
PEX416-PL4
PEX418-PL4
PEX420-PL4
PAA514-PL1
PAA516-PL1
PAA518-PL1
PAA520-PL1
PXD14-PL1
PXD16-PL1
PXD18-PL1
PXD20-PL1
PEX14-PL1
PEX16-PL1
PEX418-PL1
PEX420-PL1
14 ft
16 ft
18 ft
20 ft
14 ft
16 ft
18 ft
20 ft
16 ft
18 ft
20 ft
PAA410-PL3
PAA412-PL3
PAA414-PL3
PAA416-PL3
PAA418-PL3
PAA420-PL3
PAA510-PL3
PAA512-PL3
PAA514-PL3
PAA516-PL3
PAA518-PL3
PAA520-PL3
PXD10-PL3
PXD12-PL3
PXD14-PL3
PXD16-PL3
PXD18-PL3
PXD20-PL3
10 ft
12 ft
14 ft
16 ft
18 ft
20 ft
PCA14-PL1
PCA16-PL1
PCA18-PL1
PCA20-PL1
PCA14-PL2
PCA16-PL2
PCA18-PL2
PCA20-PL2
For poles details and specification, please
refer to pages 140 to 144
Pole
height
Mounting
style
OAL pole
height
12-14 or 16ft.
PCA16-PL2
PCA18-PL2
PCA20-PL2
PCA14-PL2
PCA16-PL2
PCA18-PL2
PCA20-PL2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com