Electronic Components Datasheet Search
  English  ▼

X  

PL40P Datasheet(PDF) 1 Page - Lumins Inc.

Part # PL40P
Description  Post top quad mount
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMINIS [Lumins Inc.]
Direct Link  http://www.luminis.com
Logo LUMINIS - Lumins Inc.

PL40P Datasheet(HTML) 1 Page - Lumins Inc.

  PL40P Datasheet HTML 1Page - Lumins Inc. PL40P Datasheet HTML 2Page - Lumins Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
82”
7”
44”
24”
+
-
15 deg.
Page
78
PELICAN
90
60
30
Specification
PL40P
All exposed cast aluminum components are made of non corrosive
pure aluminum copper free (Aluminum is less than .1% copper
content.#356 alloy.)
Finish: All polyester powder baked coatings preceded with
a 5 baths preparation process. Meets military grade
MIL-C781706 with a 2000 hours salt spray test.
- Multi faceted twin reflector assembly can tilt and slide along pole
side, to maximize desired performance on field.
A locking cast aluminum assembly is provided to secure adjusted
position of reflectors.
Multi faceted reflector panels are painted with a textured white
coating applied on both faces. The white enamel textured finish over
the reflective surface insures optimal lighting performance and
brightness control.
- Pulse rated porcelain socket.
- One-piece molded silicone gasket with memory retention.
- High power factor CWA ballast.
- All stainless steel hardware.
- All Moving and removable parts are sealed with a
memory retention silicone gasket.
1 - Aluminum reflector sliding assembly.
2 - Cast aluminum tilting and locking assembly.
3 - Multi facet textured white aluminum reflector panels assembly.
4 - Cast aluminum curved reflector joiner arms.
5 - Tempered clear glass lens.
6 - Cast aluminum sealed removable glass frame, with perimeter
memory retention embedded silicone gasket.
7 - Cat aluminum luminaire housing with heat dissipation fins.
8 - Specular aluminum reflector.
9 - Isolated and sealed aluminum ballast housing.
10 - 11 ga. galvanized pressure mounting plate.
Post top quad mount
Luminaires may be altered for improvements or discontinued without prior notice.
LUMINIS [ USA ] - 3555 NW 53rd Court, Fort Lauderdale, FL.33309
Tel: 954 .717 .4155
Fax: 954
. 717.4157
Web: www.luminis.com
LUMINIS [ Canada ] - 87 C Brunswick D.D.O. Q.C. Canada H9B 2J5
Toll free: 888 .401 .6999
Sept. 2006 Rev: Jan.2008
(Lamps by others)
Light source selection
120 V Standard factory
prewired
(If no voltage is specified)
For other voltages, please
specify with catalog number.
208 V
240 V
277 V
347 V
480 V
MH (ED17)
M70
M100
M150
M175
* M250 (ED18) Mog. base
HPS (ED17)
H70
H100
H150
* H250 (ED18) Mog. base
Model#
Voltage
Finish
Options
H.I.D.
UL. Wet Location.
Certification
Mounting / EPA
EPA:
Fits with a 4” or 5” dia. pole..
Photometry
Separate updated technical
specification sheets with related
models and light sources with
I.E.S formatted photometry are
available on
www.luminis.com.
Standard selection
WHT:Snow white
BKT: Jet black
BZT: Bronze
GRT: Titanium gray
DGT: Gun metal
CHT: Champagne
MST: Matte silver
GNT: Forest green
Optional colors
CS: Custom color
RAL: RAL# color
(Refer to color chart)
L U M I
I
N S
PL40P
* Lamp operation requires
M250 ANSI code M58
H250 ANSI code S50
3”
15 3/4”
15”
1
2
3
4
5
6
7
8
9
10
Electrical
FS:
Fuse
PH1:
120/277V photo cell
PH2:
347V photo cell
QS:
Quartz lamp socket
for external emergency
power.
QRS:
Quartz restrike
standby relay.
36”
Please refer to page 79
for matching poles listing
15 3/4”


Similar Part No. - PL40P

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PL40 ETC1-PL40 Datasheet
118Kb / 2P
SINGLE-PHASE FULL WAVE BRIDGE 1.0 AMPERES
logo
Electronic devices inc.
PL40 EDI-PL40 Datasheet
37Kb / 2P
SINGLE-PHASE FULL WAVE BRIDGE 1.0 AMPERES FOR P.C. BOARD AND SURFACE MOUNTING
logo
SICK AG
PL40A SICK-PL40A Datasheet
337Kb / 4P
Reflectors and optics
2017-05-12 23:13:09
logo
List of Unclassifed Man...
PL40S ETC1-PL40S Datasheet
118Kb / 2P
SINGLE-PHASE FULL WAVE BRIDGE 1.0 AMPERES
logo
Electronic devices inc.
PL40S EDI-PL40S Datasheet
37Kb / 2P
SINGLE-PHASE FULL WAVE BRIDGE 1.0 AMPERES FOR P.C. BOARD AND SURFACE MOUNTING
More results

Similar Description - PL40P

ManufacturerPart #DatasheetDescription
logo
Lumins Inc.
W800 LUMINIS-W800 Datasheet
112Kb / 2P
Post top mount
W810 LUMINIS-W810 Datasheet
110Kb / 2P
Post top mount
W820 LUMINIS-W820 Datasheet
110Kb / 2P
Post top mount
W624 LUMINIS-W624 Datasheet
203Kb / 4P
Post top mount
W606 LUMINIS-W606 Datasheet
196Kb / 4P
Post top mount
W614 LUMINIS-W614 Datasheet
191Kb / 4P
Post top mount
W616 LUMINIS-W616 Datasheet
190Kb / 4P
Post top mount
W708 LUMINIS-W708 Datasheet
188Kb / 4P
Post top mount
W766 LUMINIS-W766 Datasheet
196Kb / 4P
Post top mount
LX150PC LUMINIS-LX150PC Datasheet
99Kb / 2P
Post top mount
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com