Electronic Components Datasheet Search
  English  ▼

X  

PEX10 Datasheet(PDF) 2 Page - Lumins Inc.

Part # PEX10
Description  6?쒭ia. extruded aluminum poles
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMINIS [Lumins Inc.]
Direct Link  http://www.luminis.com
Logo LUMINIS - Lumins Inc.

PEX10 Datasheet(HTML) 2 Page - Lumins Inc.

  PEX10 Datasheet HTML 1Page - Lumins Inc. PEX10 Datasheet HTML 2Page - Lumins Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
9”
33”
Side view
4 1/2”
BNR
Cast aluminum 2 piece pole clamp
assembly. Fits with a 4” dia. O.D. pole.
On site installation.:
Banner arm may rotate 360º around
pole and and adjusted to desired height.
Banner arm may be removed for
storage and reinstalled as desired.
Add. suffix to selected catalog pole
number.
BNR2
Clamp may rotate and slide along pole
as desired
Removable
stopper disc
5”
4” O.D.
1 1/2” Dia.
24”
2”
1 1/2” dia. aluminum tube
Removable
In line protection fuse,
factory installed with the pole
In line fuse
Option: FS
PH1 -120V
PH2 - 277 / 347V
Light photo sensor
Photo electric sensor,
factory installed with the pole
or inside fixture when pole is
not required.
Option:
Duplex gasketed
ground fault
interrupter receptacle.
GFI receptacle
Option:
GFI
Add selected option suffix code to
pole catalog number
LUMINIS [ USA ] - 3555 NW 53rd Court, Fort Lauderdale, FL.33309
Tel: 954 .717 .4155
Fax: 954
. 717.4157
Web: www.luminis.com
LUMINIS [ Canada ] - 87 C Brunswick D.D.O. Q.C. Canada H9B 2J5
Sept. 2006 Rev. Feb.2007
Toll free: 888 .401 .6999
luminaires may be altered for design improvements or discontinued without prior notice.
Page
144
POLES
L U M I
I
N S
Options and accessories
BNR - BNR2
Single or double
adjustable and
removable
banner arm
E.P.A: 0.19
(Per arm)
24”
BNF: Single
BNF80: Double
Pre-positionned
banner arm.
E.P.A: 0.17
(Per arm)
Banner arm tube sleeve is factory
prefixed to fit with a removable
banner tube support.
Banner arm tube may be removed for
storage and reinstalled as desired.
Add. suffix BNF or BNF80 to selected
catalog pole number.
Side mount luminaire
direction (Factory setting)
BNF80 (2 banner arms at 180 deg.)
BNF (Single banner arm)
Street side
House side
Street side
House side
Side mount
luminaire
direction
(Factory setting)
Banner
Unless otherwise specified, Banner arms are factory preset at 6” for post top.
6”
6”
Post top
Post top
* BNF80
* BNF
* Note: BNF banner arm is factory installed on
house side position. 180º away from Luminaire
side mount installation, and 6” down from post top.
For other positions,
BNF80 banner arms are factory installed 90º away
from Luminaire side mount installation, and 6”
down from post top.
For other positions, Please consult factory Please
consult factory
Important:
E.P.A. banner rating
(By others)
Must be compatible with
selected pole and luminaire E.P.A
Important:
E.P.A. banner rating
(By others)
Must be compatible
with selected pole
and luminaire E.P.A



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com