Electronic Components Datasheet Search
  English  ▼

X  

PR1632 Datasheet(PDF) 2 Page - Lumins Inc.

Part # PR1632
Description  Ceiling mount
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMINIS [Lumins Inc.]
Direct Link  http://www.luminis.com
Logo LUMINIS - Lumins Inc.

PR1632 Datasheet(HTML) 2 Page - Lumins Inc.

  PR1632 Datasheet HTML 1Page - Lumins Inc. PR1632 Datasheet HTML 2Page - Lumins Inc. PR1632 Datasheet HTML 3Page - Lumins Inc. PR1632 Datasheet HTML 4Page - Lumins Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
+
+
LUMINIS [ USA ] - 3555 NW 53rd Court, Fort Lauderdale, FL.33309
Tel: 954 .717 .4155
Fax: 954
. 717.4157
Web: www.luminis.com.
LUMINIS [ Canada ] - 87 C Brunswick D.D.O. Q.C. Canada H9B 2J5
Sept. 2006
Toll free: 888 .401 .6999
Luminaires may be altered for design improvements or discontinued without prior notice.
OPTIONS
Electrical controls
Quartz restrike standby lamp kit.
When power failure is restored, it
will energize temporary Quartz
lamp with progressive dimming
until full H.I.D light output is
produced.
max.100w DC bayonet type.
(Lamp is not included.)
Not Applicable with CFL lamps.
Quartz lamp restrike
Option: QRS
Quartz lamp emergency socket
Quartz lamp socket for external
120V emergency power input.
Separate 120V dedicated wiring is
included.
max.100 W DC bayonet type.
(Lamp is not included.)
Not Applicable with CFL lamps.
Option: QS
Pulse start ballast
Use of pulse start lamp and ballast combination
requires a lens enclosure with the luminaire. Please
check with compatible luminaire lens option.
Note: Some pulse start lamps may be available as
protected lamp version to eliminate the lens
enclosure. If required, please contact factory to
verify availability and compatibility.
-
+
+
-
+
+
Dual switching
Luminaires ballasts
are wired for external
switching control.
DS1: Luminaires with
2 lamps individually
externally controlled.
DS2: Luminaires with
4 lamps or more are
externally controlled
by set of 2 lamps.(for
other lamp groupings,
please consult factory)
DS1
DS2
L U M I
I
N S
Electronic dimming ballast
Standard dimming ballast
MARK X 60HZ / EOL protection
Dimming;5-100% Min. start. temp. 10ºC (50ºF)
Burn lamps 100 hrs at full light output before dimming.
Page
16
Note: Add suffix PS to selected lamp wattage.
DS2: Luminaire ballast housing length
and stem size may be increased to
accomodate required number of ballasts.
Emergency battery back-up
EM42
One lamp:
26w: 450 Lmns..
32w: 575 Lmns.
42w: 750 Lmns.
Time: 90 Mnts -120/277V / T 0º C
For 57w & 70w:
(Remote installation only) Consult factory
EM242
HOT
Single pole test switch (Breaking the connection)
BLK
WHT
WHT
COM
EM
ballast
EM Ballast wiring
diagram for 120V
factory connection.
If remote test switch
is required, please
add
-S to option
AC ballast
Two lamp:
26w / 32w
750 Lmns.
* EM42S
* EM242S
Note: Overall luminaire height will increase by 2” (50)
to accommodate battery back-up
Black/120V (Factory wired)
Orange/277V
(Cap unused lead.)
+
+
DS1-26:
Dual single lamp switching 26W
DS2-26:
Dual lamp switching by pair 2x26W
DS1-42:
Dual single lamp switching 32W or 42W
DS2-42:
Dual lamp switching by pair 2x32W or 2X42W
DS1-70:
Dual single lamp switching 57W or 70W
DS2-70:
Dual lamp switching by pair 2x57W or 2X70W
DS1-120:
Dual single lamp switching 85W or 120W
DS2-120:
Dual lamp switching by pair 2x85W or 2x120W
DS2-642:
Dual lamp switching by pair 2x32W or 2X42W
DS2-842:
Dual lamp switching by pair 2x32W or 2X42W
DS2-657:
Dual lamp switching by pair 2x57W or 2X70W
DM1-120
DM1-277
1X26/32/42W
DM2-120
DM2-277
2X26W
2DM2-120
2DM2-277
4X26W
DM3-120
DM3-277
2X32/42W
DM3-120
DM3-277
1X57/70W
DM4-120
DM4-277
2X57/70W
2DM3-120
2DM3-277
4X32/42W
3DM3-120
3DM3-277
6X32/42W
DM5-120
DM5-277
4X57/70W
Dimming specification
N0. of lamps
Specifying option
120V
277V
Switched luminaire wired for
external wall switch control.
To be specified if required.
Optional:
Note:
*Unless otherwise specified, test switch and indicator
light are installed with luminaires at all times.
* Standard factory prewiring for
Unswitched luminaire.
Rev.Feb.2007



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com