Electronic Components Datasheet Search
  English  ▼

X  

PR2227 Datasheet(PDF) 4 Page - Lumins Inc.

Part # PR2227
Description  Ceiling mount
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMINIS [Lumins Inc.]
Direct Link  http://www.luminis.com
Logo LUMINIS - Lumins Inc.

PR2227 Datasheet(HTML) 4 Page - Lumins Inc.

  PR2227 Datasheet HTML 1Page - Lumins Inc. PR2227 Datasheet HTML 2Page - Lumins Inc. PR2227 Datasheet HTML 3Page - Lumins Inc. PR2227 Datasheet HTML 4Page - Lumins Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Reflector finish
Option:
Inside reflector: Semi-specular
Outside reflector: Same color as luminaire
RP2
Prisma 12 & Prisma Nova 12
RP6
Prisma 16 & Prisma Nova 16
RP8
Prisma 22 & Prisma Nova 22
RP9
Kronos & Torx
Frosted prismatic diffuser
Option:
W12
Frosted 12” dia. prismatic lens diffuser.
W16
Frosted 16” dia. prismatic lens diffuser
.
W22
Frosted 21” dia. prismatic lens diffuser
.
Wire Guard
Option:
GL16
Prisma 16 series
GL22
Prisma 22 series
Galvanized wire guard with
concentric rings
Lamp
base
26W
32W
42W
57W
70W
85W
120W
G24Xq3
G24Xq3
G24Xq4
G24Xq5
G24Xq6
2G8-1
2G8-1
Ballast Volts
120/277
120/277
120/277
120/277
120/277
120
120
Option:
Aluminum diffuser trim 12” x 3 1/2” high
BA12 Satin anodized aluminum trim.
BC12 Painted aluminum trim same
color as luminaire.
Aluminum diffuser trim 16” x 5 1/2” high
BA16 Satin anodized aluminum trim.
BC16 Painted aluminum trim.
Aluminum diffuser trim 21” x 61/2” high
BA22 Satin anodized aluminum trim.
BC22 Painted aluminum trim.
Diffuser trim
Alternate inner diffuser
Option:
CR12:
12” dia. inner vibrant red diffuser.
CY12:
12” dia. vibrant yellow inner diffuser.
Alternate inner diffuser for
PR1630 series.
LUMINIS [ USA ] - 3555 NW 53rd Court, Fort Lauderdale, FL.33309
Tel: 954 .717 .4155
Fax: 954
. 717.4157
Web: www.luminis.com.
LUMINIS [ Canada ] - 87 C Brunswick D.D.O. Q.C. Canada H9B 2J5
Sept. 2006
Toll free: 888 .401 .6999
Luminaires may be altered for design improvements or discontinued without prior notice.
OPTIONS
Lamp
watts
Clear prismatic conical drop lens
Option:
D12:
Clear lens (Prisma 12)
D16:
Clear lens (Prisma 16)
D22:
Clear lens (Prisma 22)
White enamel indirect
reflector.
All other visible metal parts
as per specified color.
RD1:
RD1
Alternate Up light reflector finish
(Aramis AR101 series)
39W
39W
50W
70W
70W
70W
100W
150W
175W
250W
400W
T6
Enclosed rated (G12 base)M130
PAR20 Open rated (Med.base)
M130
ED17
Open rated (Med.base)
M110/M148
PAR30L Open rated (Med.base)
M198/M143
ED17
Open rated (Med.base)
M198/M143
T6
Enclosed rated (G12 base) M139
ED17
Open rated (Med.base)
M90/M140
ED17
Open rated (Med.base)
M102/M142
ED17
Enclosed rated (Med.base) M57
ED28
Open rated (Mog.base)
M58
ED37
Open rated (Mog.base)
M59
Lamp base & Type
ANSI
Code
Lamp
Watts
Lamps & ballast compatibility
Note:
Enclosed rated lamps require a lens
protection with the luminaire.
Enclosed rated lamps will not fit with open
rated sockets.
Requires lens
enclosure option
D12T:
Clear lens (Prisma Nova 12)
D16T:
Clear lens (Prisma Nova 16)
D22T:
Clear lens (Prisma Nova 22)
L U M I
I
N S
Mounting and accessories
Page
18
Non compatible options
- (DS1/DS2) Dual switching with (DM) Dimming ballast
- (DS1/DS2) Dual switching with (EM) Emergency battery
- (DM) Dimming ballast (EM) Emergency battery
- QS or QRS option with compact fluo. lamps.
Rev. July 2007



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com