Electronic Components Datasheet Search
  English  ▼

X  

KH560 Datasheet(PDF) 7 Page - Cadeka Microcircuits LLC.

Part # KH560
Description  Wideband, Low Distortion Driver Amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

KH560 Datasheet(HTML) 7 Page - Cadeka Microcircuits LLC.

Back Button KH560 Datasheet HTML 3Page - Cadeka Microcircuits LLC. KH560 Datasheet HTML 4Page - Cadeka Microcircuits LLC. KH560 Datasheet HTML 5Page - Cadeka Microcircuits LLC. KH560 Datasheet HTML 6Page - Cadeka Microcircuits LLC. KH560 Datasheet HTML 7Page - Cadeka Microcircuits LLC. KH560 Datasheet HTML 8Page - Cadeka Microcircuits LLC. KH560 Datasheet HTML 9Page - Cadeka Microcircuits LLC. KH560 Datasheet HTML 10Page - Cadeka Microcircuits LLC. KH560 Datasheet HTML 11Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
KH560
DATA SHEET
REV. 1A January 2004
7
part, relatively constant performance over supply voltage
is achieved. A current sense in the error current leg of
the 10X current mirror feeds back to the bias current
setup providing a current shutdown feature when the
output current approaches 250mA.
Figure 2: Simplified Circuit Diagram
Developing the Performance Equations
The KH560 is intended to provide both a controllable
voltage gain from input to output as well as a controllable
output impedance. It is best to treat these two operations
separately with no load in place. Then, with the no-load
gain and output impedance determined, the gain to the
load will simply be the no-load gain attenuated by the
voltage divider formed by the load and the equivalent
output impedance.
Figure 3 steps through the output impedance develop-
ment using an equivalent model of Figure 2. Offering an
equivalent, non-zero, output impedance into a matched
load allows the KH560 to operate at lower internal volt-
age swings for a given desired swing at the load. This
allows higher voltage swings to be delivered at the load
for a given power supply voltage at lower distortion levels
than an equivalent op amp needing to generate twice the
voltage swing actually desired at the matched load. This
improved distortion is specified and tested over a wide
range as shown in the specification listing.
Get both Vo and Io into terms of just the error current, ierr,
using:
Figure 3: Output Impedance Derivation
Note that the Ro expression simplifies considerably if
Ri = 0. Also note that if the forward current gain were to
go to infinity, the output impedance would go to 0. This
would be the normal op amp topology with a very high
internal gain. The KH560 achieves a non-zero Ro by
setting the internal forward gain to be a low, well
controlled, value.
Developing the No-Load Gain Expression
Taking the output impedance expression as one con-
straint setting the external resistor values, we now need
to develop the no-load voltage gain expression from the
non-inverting input to the output as the other constraint.
Figure 4 shows the derivation of the no load gain.
Rg
Ro
ierr
Vo
Rf
Cx
19
Io
Io
Ibias
10X Current Mirror
Current Limit
5pF
Q3
Q1
-VCC
+VCC
4
Ibias
10X Current Mirror
Current Limit
5pF
Q4
Q2
+VCC
-VCC
21
23
8
Vi
ierr
Rg
Rf
if
Gierr
Ro
Vo
X1
Ri
lo
V-
+
-
V
i
R and
ii
V
R
i1
R
R
VV
i R
i
R
R
1
R
R
Vi
R
R 1
R
R
and
IGi
i
i
G 1
err
i
f
err
g
err
i
g
o
ff
err
i
f
i
g
o
err
f
i
f
g
o
err
f
err
−
−
−
=
=+
=
+
=+
=
+
+
=+
+
=+ =
+ ++
≡=
++
++
=
+
=
R
R
then
R
V
I
RR 1
R
R
G1
R
R
note that R
R
G1
R0
i
g
o
o
o
f
i
f
g
i
g
o
f
i
ierr
Rg
Rf
Gierr
Vo
X1
Ri
V-
+
-
Vi
No load gain
A
V
V
v
o
i
≡



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com