Electronic Components Datasheet Search
  English  ▼

X  

TP201 Datasheet(PDF) 1 Page - Lumins Inc.

Part # TP201
Description  Wall mount
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMINIS [Lumins Inc.]
Direct Link  http://www.luminis.com
Logo LUMINIS - Lumins Inc.

TP201 Datasheet(HTML) 1 Page - Lumins Inc.

  TP201 Datasheet HTML 1Page - Lumins Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Built in cast hinge
mechanism to ensure
maximum strength
and durability.
14”
10”
Max. weight: 26 lbs
Installation: Mounts over a standard 4” octagonal box
with 3 1/2” c/c mounting holes.additional mounting holes
are provided with wall plate.
90
60
30
Cross view
Plane view
Specification
TEMPO
TP201
All exposed cast aluminum components are made of non corrosive
pure aluminum copper free (Aluminum is less than .1% copper
content.#356 alloy.)
Finish: All polyester powder baked coatings preceded with
a 5 baths preparation process. Meets military grade
MIL-C781706 with a 2000 hours salt spray test.
- Pulse rated medium base porcelain socket.
- 75W/600V thermoplastic compact fluorescent socket.
- One-piece molded silicone gasket with memory retention.
- High power factor CWA ballast. Or 98% P.F.electronic smart
ballast with end of life detection for compact fluorescent.
- All stainless steel hardware.
- All Moving and removable parts are sealed with a
memory retention silicone gasket.
1- Isolated dust proof mounting chamber with #11 ga. galvanized
pressure mounting plate allowing luminaire tilt up for ease of
installation and wiring connection.
2- One-piece cast aluminum precision fit lens frame,
with integral cast hinge swing-out mechanism.
3- Clear tempered lens, with additional flush mount clear tempered
glass protection lens to reduce accumulation of debris.
4- One piece closed shell cast aluminum optical lighting chamber.
5- Ballast mounting tray with quick disconnect terminals.
6- Standard up light wall wash specular aluminum reflector.
4
5
1
2
6
LUMINIS [ USA ] - 3555 NW 53rd Court, Fort Lauderdale, FL.33309
Tel: 954 .717 .4155
Fax: 954
. 717.4157
Web: www.luminis.com
LUMINIS [ Canada ] - 87 C Brunswick D.D.O. Q.C. Canada H9B 2J5
Sept. 2006 Rev. Feb.2007
Toll free: 888 .401 .6999
UL. Wet Location.
Certification
(Lamps by others)
Light source selection
120 V Standard factory
prewired
(If no voltage is specified)
For other voltages, please
specify with catalog number.
208 V
240 V
277 V
347 V
347 V (To specify)
Smart ballast 120/277
MH (ED17)
CF (Gx24q)
M70
M100
M150
M175
HPS (ED17)
H70
H100
H150
Single lamp
F157
F170
F185
F242
CF (Gx24q)
Two lamp
Model#
Voltage
Finish
Options
TP201
H.I.D.
Mounting & E.P.A.
COMP. FLUO.
luminaires may be altered for design improvements or discontinued without prior notice.
Separate updated technical
specification sheets with related
models and light sources with
I.E.S formatted photometry are
available on
www.luminis.com.
Photometry
Standard selection
WHT:Snow white
BKT: Jet black
BZT: Bronze
GRT: Titanium gray
DGT: Gun metal
CHT: Champagne
MST: Matte silver
GNT: Forest green
Optional colors
CS: Custom color
RAL: RAL# color
(Refer to color chart)
L U M I
I
N S
2G8-1 base
(120V)
Wall mount
3
Page
130
Electrical
EM42S: 1 lamp (26/32/42W)
FS:
Fuse
PH1:
120/277V photo cell.
PH2:
347V photo cell.
QS:
Standby lamp socket.
QRS:
H.I.D. lamp restrike
For options details and
specifications, please refer
to page 72
12 3/4”
8 1/2”
3 1/2”
6 7/8”
10”
Top view


Similar Part No. - TP201

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TP201 ETC1-TP201 Datasheet
62Kb / 2P
1.5 WATT and DUAL OUTPUT DC-DC CONVERTERS
logo
GREATECS
TP2010D GREATECS-TP2010D Datasheet
219Kb / 1P
4x4 mm Low Profile Tactile Switches
TP2010DJ16TR03 GREATECS-TP2010DJ16TR03 Datasheet
219Kb / 1P
4x4 mm Low Profile Tactile Switches
TP2010DJ20TR03 GREATECS-TP2010DJ20TR03 Datasheet
219Kb / 1P
4x4 mm Low Profile Tactile Switches
TP2010DJ26TR03 GREATECS-TP2010DJ26TR03 Datasheet
219Kb / 1P
4x4 mm Low Profile Tactile Switches
More results

Similar Description - TP201

ManufacturerPart #DatasheetDescription
logo
Lumins Inc.
AR10W LUMINIS-AR10W Datasheet
99Kb / 2P
Wall mount
W900 LUMINIS-W900 Datasheet
16Kb / 1P
Wall mount
PR200 LUMINIS-PR200 Datasheet
18Kb / 1P
Wall mount
W1282 LUMINIS-W1282 Datasheet
143Kb / 3P
Wall mount
W1290 LUMINIS-W1290 Datasheet
144Kb / 3P
Wall mount
logo
SUNNY Computer Technolo...
SYS1308N-WXX SUNNY-SYS1308N-WXX Datasheet
874Kb / 2P
Wall mount
03.10.2022
SYS1529-WXX SUNNY-SYS1529-WXX Datasheet
964Kb / 2P
Wall mount
03.10.2022
SYS1541-WXX SUNNY-SYS1541-WXX Datasheet
1Mb / 2P
Wall mount
17.01.2023
SYS1561-WXX SUNNY-SYS1561-WXX Datasheet
1Mb / 3P
Wall mount
16.08.2023
SYS1588-W2E SUNNY-SYS1588-W2E Datasheet
909Kb / 2P
Wall mount
03.10.2022
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com