Electronic Components Datasheet Search
  English  ▼

X  

DB-3 Datasheet(PDF) 4 Page - Leshan Radio Company

Part # DB-3
Description  Bi-directional trigger diodes
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

DB-3 Datasheet(HTML) 4 Page - Leshan Radio Company

  DB-3 Datasheet HTML 1Page - Leshan Radio Company DB-3 Datasheet HTML 2Page - Leshan Radio Company DB-3 Datasheet HTML 3Page - Leshan Radio Company DB-3 Datasheet HTML 4Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Packing
Taping / Box(T52)
Taping / Box(T26)
Bulk
500pcs/bag
10000pcs /each
Reel(T52)
10000pcs/卷
Tape
Inner Box:5000pcs/each
Tape
Inner Box:5000pcs/each
80mm
Φ90mm
Φ330mm
80mm
50mm
85mm
185mm
LESHAN RADIO COMPANY, LTD.
160mm
80mm
260mm
260mm



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com