Electronic Components Datasheet Search
  English  ▼

X  

DB106 Datasheet(PDF) 1 Page - Leshan Radio Company

Part # DB106
Description  Bridge rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

DB106 Datasheet(HTML) 1 Page - Leshan Radio Company

  DB106 Datasheet HTML 1Page - Leshan Radio Company DB106 Datasheet HTML 2Page - Leshan Radio Company DB106 Datasheet HTML 3Page - Leshan Radio Company DB106 Datasheet HTML 4Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
.Plastic Package has Underwriters Laboratory
Flammability Classification 94V-0
.Glass passivated chip junctions
.Surge overload rating of 30 Amperes peak
.Ideal for printed circuit board
MECHANICAL DATA
.Case: Molded plastic
.Weight: 0.02 ounce,0.5 gram
.High temperature soldering guaranted :
260℃/10seconds
DB102
DB103
DB104
DB105
DB106
DB107
DF01
DF02
DF04
DF06
DF08
DF10
VRM
100
200
400
600
800
1000
V
IFSM
A
VF
V
TJ
℃
Tstg
℃
10
Unit
Maximum instantaneous forward voltage at 1A
1.1
Storage temperature
-40~150
Operating junction temperature
125
Peak forward surge current 8.3ms single half
sine-wave superimposed on rated load
50
Average rectified forward current 60Hz Sine
wave
Resistance load with heat
sink Tc=100℃
Io
1
A
Maximum DC reverse current
TA=25 ℃
at rated DC blocking voltage
TA=125 ℃
IR
µA
500
Parameter Symbol
Symbol
Maximum repetitive voltage
DB102 Thru DB107
DF01 Thru DF10
Feature
LESHAN RADIO COMPANY, LTD.
Bridge rectifiers
Product Characteristic
We declare that the material of product
.
compliance with RoHS requirements.
1/4


Similar Part No. - DB106

ManufacturerPart #DatasheetDescription
logo
Surge Components
DB106 SURGE-DB106 Datasheet
75Kb / 2P
DUAL-IN-LINE GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER VOLTAGE-50 to 1000 Volts?
logo
Rectron Semiconductor
DB106 RECTRON-DB106 Datasheet
36Kb / 2P
SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER
logo
Bytes
DB106 BYTES-DB106 Datasheet
147Kb / 2P
SINGLE PHASE 1.0 AMP BRIDGE RECTIFIERS
logo
Dc Components
DB106 DCCOM-DB106 Datasheet
375Kb / 2P
TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
Diodes Incorporated
DB106 DIODES-DB106 Datasheet
61Kb / 2P
1.0A GLASS PASSIVATED BRIDGE RECTIFIER
DS21211 Rev. C-3
More results

Similar Description - DB106

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
VJ248M MICROSEMI-VJ248M Datasheet
89Kb / 2P
Bridge Rectifiers
logo
List of Unclassifed Man...
MP610 ETC1-MP610 Datasheet
80Kb / 1P
BRIDGE RECTIFIERS
logo
Semikron International
CS10S SEMIKRON-CS10S Datasheet
200Kb / 2P
Bridge rectifiers
logo
Fairchild Semiconductor
2KBP005M FAIRCHILD-2KBP005M Datasheet
42Kb / 3P
Bridge Rectifiers
2KBP005M FAIRCHILD-2KBP005M_10 Datasheet
109Kb / 3P
Bridge Rectifiers
DF005S FAIRCHILD-DF005S_10 Datasheet
121Kb / 3P
Bridge Rectifiers
MB1S FAIRCHILD-MB1S_09 Datasheet
173Kb / 3P
Bridge Rectifiers
logo
Dongguan City Niuhang E...
KBL4005 NIUHANG-KBL4005 Datasheet
4Mb / 5P
BRIDGE RECTIFIERS
logo
Guangdong Juxing Electr...
GBJ35005 JUXING-GBJ35005 Datasheet
950Kb / 2P
BRIDGE RECTIFIERS
GBU6005G JUXING-GBU6005G Datasheet
1Mb / 2P
BRIDGE RECTIFIERS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com