Electronic Components Datasheet Search
  English  ▼

X  

S1DB Datasheet(PDF) 1 Page - SEMTECH ELECTRONICS LTD.

Part # S1DB
Description  SURFACE MOUNT GENERAL RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Direct Link  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

S1DB Datasheet(HTML) 1 Page - SEMTECH ELECTRONICS LTD.

  S1DB Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. S1DB Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Dated : 22/02/2006 C
R
SEMTECH ELECTRONICS LTD.
(Subsidiary of Semtech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
S1AB THRU S1MB
SURFACE MOUNT GENERAL RECTIFIER
Reverse Voltage – 50 to 1000 V
Forward Current – 1 A
Features
• The Plastic package carries Underwriters Laboratories
Flammability Classification 94V-0
• For surface mounted applications
• Low reverse leakage
• Built-in strain relief, ideal for automated placement
• High forward surge current capability
Mechanical Data
• Case: JEDEC DO-214AA, molded plastic body
• Terminals: Solder plated, solderable per MIL-STD-750,
Method 2026
• Polarity: Color band denates cathode end
• Mounting Position: Any
Absolute Maximum Ratings and Characteristics
Ratings at 25 OC ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or
inductive load, for capacitive load derate current by 20%.
Parameter
Symbols S1AB S1BB S1DB S1GB S1JB S1KB
S1MB
Units
Maximum Repetitive Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
V
Maximum Average Forward Rectified Current
at TL = 110 OC
I (AV)
1
A
Peak Forward Surge Current 8.3 ms Single Half Sine
-wave Superimposed on Rated Load (JEDEC Method)
IFSM
30
A
Maximum Instantaneous Forward Voltage at 1 A
VF
1.1
V
Maximum DC Reverse Current TA = 25 OC
at Rated DC Blocking Voltage TA = 100 OC
IR
5
50
µA
Typical Junction Capacitance
1)
CJ
15
pF
Typical Thermal Resistance
2)
RθJA
75
O
C/W
Operating Junction and Storage Temperature Range
TJ, TS
-65 to +175
O
C
1) Measured at 1 MHz and applied reverse voltage of 4 V D.C.
2) P.C.B. mounted with 0.2 X 0.2" (5.0 X 5.0 mm) copper pad areas.
0.155(3.94)
0.130(3.30)
0.180(4.57)
0.160(4.06)
0.086(2.20)
0.077(1.95)
0.012(0.305)
0.006(0.152)
Dimensions in inches and millimeters
0.220(5.59)
0.205(5.21)
0.008(0.203)MAX.
0.060(1.52)
0.030(0.76)
0.122(3.12)
0.110(2.82)


Similar Part No. - S1DB

ManufacturerPart #DatasheetDescription
logo
Shanghai Sunrise Electr...
S1DB SSE-S1DB Datasheet
18Kb / 2P
SURFACE MOUNT GLASS PASSIVATED RECTIFIER
logo
Diodes Incorporated
S1DB DIODES-S1DB Datasheet
54Kb / 2P
1.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
DS16003 Rev. 8 - 2
logo
Weitron Technology
S1DB WEITRON-S1DB Datasheet
116Kb / 3P
Surface Mount Standard Recovery Glass Passivated
logo
Taiwan Semiconductor Co...
S1DB TSC-S1DB Datasheet
54Kb / 2P
1.0 AMP. Surface Mount Rectifiers
S1DB TSC-S1DB Datasheet
248Kb / 2P
1.0 AMP. Surface Mount Rectifiers
More results

Similar Description - S1DB

ManufacturerPart #DatasheetDescription
logo
Bruckewell Technology L...
SOD4001 BWTECH-SOD4001_7 Datasheet
365Kb / 3P
SURFACE MOUNT GENERAL RECTIFIER
logo
Rugao Dachang Electroni...
S1AL DACHANG-S1AL Datasheet
128Kb / 2P
Surface Mount General Rectifier
S3A DACHANG-S3A Datasheet
116Kb / 2P
Surface Mount General Rectifier
logo
Diotech Company.
S5A DIOTECH-S5A Datasheet
727Kb / 2P
SURFACE MOUNT GENERAL RECTIFIER
logo
Microdiode Semiconducto...
S3A CHENDA-S3A Datasheet
551Kb / 2P
SURFACE MOUNT GENERAL RECTIFIER
S3AF CHENDA-S3AF Datasheet
639Kb / 2P
SURFACE MOUNT GENERAL RECTIFIER
logo
Shenzhen Yixinwei Techn...
M1THRUM7 YIXIN-M1THRUM7 Datasheet
133Kb / 2P
SURFACE MOUNT GENERAL RECTIFIER
logo
Microdiode Semiconducto...
GS1A CHENDA-GS1A_V01 Datasheet
752Kb / 3P
SURFACE MOUNT GENERAL RECTIFIER
S1A CHENDA-S1A_V01 Datasheet
599Kb / 3P
SURFACE MOUNT GENERAL RECTIFIER
logo
SHIKUES Electronics
GS1AG SKTECHNOLGY-GS1AG Datasheet
603Kb / 2P
SURFACE MOUNT GENERAL RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com