Electronic Components Datasheet Search
  English  ▼

X  

DB151S Datasheet(PDF) 1 Page - SEMTECH ELECTRONICS LTD.

Part # DB151S
Description  SINGLE-PHASE GLASS PASSIVATED SILICON SURFACE MOUNT BRIDGE RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Direct Link  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

DB151S Datasheet(HTML) 1 Page - SEMTECH ELECTRONICS LTD.

  DB151S Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. DB151S Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Dated : 10/12/2003
®
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
DB151S THRU DB157S
SINGLE-PHASE GLASS PASSIVATED
SILICON SURFACE MOUNT BRIDGE RECTIFIERS
Reverse Voltage – 50 to 1000 Volts
Forward Current – 1.5 Ampere
Features
• High surge overload rating of 50 amperes peak
• Ideal for printed circuit board
• Plastic material has Underwriters Laboratory
Flammability Classification 94V-O
• Glass passivated chip junction
Mechanical data
• Case Molded plastic, DB-S
• Terminals: Leads solderable per MIL-STD-202,
method 208 guaranteed
• Mounting position: Any
Maximum Ratings and Electrical Characteristics
Ratings at 25
oC ambient temperature unless otherwise specified. Single phase, half wave, 60Hz, resistive or
inductive load. For capacitive load, derate current by 20%.
Symbols
DB
151S
DB
152S
DB
153S
DB
154S
DB
155S
DB
156S
DB
157S
Units
Maximum recurrent peak reverse voltage
VRRM
50
100
200
400
600
800
1000
Volts
Maximum RMS voltage
VRMS
35
70
140
280
420
560
700
Volts
Maximum DC blocking voltage
VDC
50
100
200
400
600
800
1000
Volts
Maximum average forward rectified current
at TA = 40
OC (Note 2)
IO
1.5
Amps
Peak forward surge current
8.3ms single half-sine-wave superimposed
on rated load (JEDEC method)
IFSM
50
Amps
Maximum forward voltage
at 1.5A DC and 25℃
VF
1.1
Volts
@TA = 25℃
5
µAmps
Maximum reverse current
at rated DC blocking
voltage
@TA =125 ℃
IR
500
mAmps
Typical junction capacitance(Note 1)
CJ
25
Pf
Typical thermal resistance(Note 2)
R0JA
40
℃/w
Typical thermal resistance(Note 2)
R0JL
15
℃/w
Operating and storage temperature range
TJ ,TSTG
-55 to +150
℃
NOTES: 1.Measured at 1 MHz and applied reverse voltage of 4.0 VDC.
2.Units mounted on P.C.B. with 0.5*0.5”(13*13mm) copper pads.


Similar Part No. - DB151S

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
DB151S RECTRON-DB151S Datasheet
22Kb / 2P
SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER
logo
Dc Components
DB151S DCCOM-DB151S Datasheet
395Kb / 2P
TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SURFACE MOUNT BRIDGE RECTIFIER
logo
Formosa MS
DB151S FORMOSA-DB151S Datasheet
64Kb / 2P
SINGLE PHASE 1.5 AMP SURFACE MOUNT BRIDGE RECTIFIERS
logo
Galaxy Semi-Conductor H...
DB151S BILIN-DB151S Datasheet
74Kb / 2P
SILICON BRIDGE RECTIFIERS
logo
Rectron Semiconductor
DB151S RECTRON-DB151S Datasheet
31Kb / 3P
SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER
More results

Similar Description - DB151S

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DF15005S VISHAY-DF15005S Datasheet
161Kb / 3P
Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifiers
09-Dec-04
logo
PACELEADER INDUSTRIAL
DF15005S PACELEADER-DF15005S Datasheet
150Kb / 2P
SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIERS SINGLE-PHASE GLASS BRIDGE
logo
CHENG-YI ELECTRONIC CO....
DF15005S CHENG-YI-DF15005S Datasheet
125Kb / 2P
SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIERS SINGLE-PHASE GLASS BRIDGE
logo
Vishay Siliconix
DF005S VISHAY-DF005S_13 Datasheet
94Kb / 4P
Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifiers
30-Jan-08
DF005SA-E3-77 VISHAY-DF005SA-E3-77 Datasheet
95Kb / 4P
Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifiers
30-Jan-08
DF01S-E3-45 VISHAY-DF01S-E3-45 Datasheet
94Kb / 4P
Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifiers
30-Jan-08
logo
GOOD-ARK Electronics
DFL1002J GOOD-ARK-DFL1002J Datasheet
441Kb / 4P
Surface Mount Glass Passivated Single-Phase Bridge Rectifiers
DFL2002J GOOD-ARK-DFL2002J Datasheet
440Kb / 4P
Surface Mount Glass Passivated Single-Phase Bridge Rectifiers
DFL2202J GOOD-ARK-DFL2202J Datasheet
441Kb / 4P
Surface Mount Glass Passivated Single-Phase Bridge Rectifiers
logo
Shenzhen Yixinwei Techn...
MB2S YIXIN-MB2S Datasheet
222Kb / 2P
Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com