Electronic Components Datasheet Search
  English  ▼

X  

SR830 Datasheet(PDF) 1 Page - SEMTECH ELECTRONICS LTD.

Part # SR830
Description  SCHOTTKY BARRIER RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Direct Link  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

SR830 Datasheet(HTML) 1 Page - SEMTECH ELECTRONICS LTD.

  SR830 Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. SR830 Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Dated : 06/05/2006 H
R
SEMTECH ELECTRONICS LTD.
(Subsidiary of Semtech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
SR820 THRU SR860
SCHOTTKY BARRIER RECTIFIER
Reverse Voltage – 20 to 60 V
Forward Current – 8 A
Features
• High current capability, low VF
• Metal to silicon rectifier, majority carrier conduction
• Low power loss, high efficiency
• Plastic package has UL flammability classification 94V-0
• Guard ring for transient protection
• High surge capacity
• For use in low voltage, high frequency inverters free
wheeling, and polarity protection applications
Mechanical Data
Case: Molded plastic, TO-220A
Epoxy: UL 94V-0 rate flame retardant
Terminals: Leads solderable per MIL-STD-202,
method 208 guaranteed
Polarity: As marked
Mounting Position: Any
Absolute Maximum Ratings and Characteristics
Ratings at 25 OC ambient temperature unless otherwise specified. Single phase, half wave, 60Hz, resistive
or inductive load. For capacitive load, derate current by 20%
Parameter
Symbols SR820
SR830
SR840
SR850
SR860
Units
Maximum Recurrent Peak Reverse Voltage
VRRM
20
30
40
50
60
V
Maximum RMS Voltage
VRMS
14
21
28
35
42
V
Maximum DC Blocking Voltage
VDC
20
30
40
50
60
V
Maximum Average Forward Rectified Current
I(AV)
8
A
Peak Forward Surge Current, 8.3 ms Single Half
Sine-wave Superimposed on Rated Load
(JEDEC method )
IFSM
150
A
Maximum Forward Voltage at 8 A DC and 25 OC
VF
0.55
0.7
V
Maximum Reverse Current at
TC = 25 OC
Rated DC Blocking Voltage
TC = 125 OC
IR
0.5
50
mA
Typical Junction Capacitance
1)
CJ
700
460
pF
Typical Thermal Resistance
2)
RθJC
3
O
C/W
Operating Temperature Range
Topr
- 55 to + 125
- 55 to + 150
O
C
Storage Temperature Range
Tstg
- 55 to + 150
O
C
1) Measured at 1 MHz and applied reverse voltage of 4 V.
2) Thermal Resistance from Junction to case per leg.


Similar Part No. - SR830

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
SR830 RECTRON-SR830 Datasheet
25Kb / 2P
SCHOTTKY BARRIER RECTIFIER (VOLTAGE RANGE 20 to 60 Volts CURRENT 8.0 Amperes)
logo
Bytes
SR830 BYTES-SR830 Datasheet
161Kb / 2P
8.0 AMP SCHOTTKY BARRIER RECTIFIERS
logo
Shanghai Lunsure Electr...
SR830 CHENYI-SR830 Datasheet
153Kb / 2P
SCHOTTKY BARRIER RECTIFIER
logo
Dc Components
SR830 DCCOM-SR830 Datasheet
481Kb / 2P
TECHNICAL SPECIFICATIONS OF SCHOTTKY BARRIER RECTIFIER
logo
Formosa MS
SR830 FORMOSA-SR830 Datasheet
38Kb / 2P
8.0 AMP SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - SR830

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BYS1190 VISHAY-BYS1190 Datasheet
51Kb / 4P
Schottky Barrier Rectifier
24-Jun-98
logo
Shanghai Sunrise Electr...
1N5820 SSE-1N5820 Datasheet
13Kb / 1P
SCHOTTKY BARRIER RECTIFIER
SB820 SSE-SB820 Datasheet
23Kb / 1P
SCHOTTKY BARRIER RECTIFIER
logo
Fairchild Semiconductor
FYP2004DN FAIRCHILD-FYP2004DN Datasheet
46Kb / 4P
SCHOTTKY BARRIER RECTIFIER
FYPF1010DN FAIRCHILD-FYPF1010DN Datasheet
50Kb / 4P
SCHOTTKY BARRIER RECTIFIER
FYPF2004DN FAIRCHILD-FYPF2004DN Datasheet
46Kb / 4P
SCHOTTKY BARRIER RECTIFIER
logo
Shanghai Lunsure Electr...
SR820 CHENYI-SR820 Datasheet
153Kb / 2P
SCHOTTKY BARRIER RECTIFIER
SRF1620 CHENYI-SRF1620 Datasheet
138Kb / 2P
SCHOTTKY BARRIER RECTIFIER
SRF735 CHENYI-SRF735 Datasheet
178Kb / 2P
SCHOTTKY BARRIER RECTIFIER
logo
Toshiba Semiconductor
CRS14 TOSHIBA-CRS14 Datasheet
191Kb / 6P
Schottky Barrier Rectifier Schottky Barrier Type
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com