Electronic Components Datasheet Search
  English  ▼

X  

ZMM3B0 Datasheet(PDF) 5 Page - SEMTECH ELECTRONICS LTD.

Part # ZMM3B0
Description  SILICON PLANAR ZENER DIODES
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Direct Link  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

ZMM3B0 Datasheet(HTML) 5 Page - SEMTECH ELECTRONICS LTD.

  ZMM3B0 Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. ZMM3B0 Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD. ZMM3B0 Datasheet HTML 3Page - SEMTECH ELECTRONICS LTD. ZMM3B0 Datasheet HTML 4Page - SEMTECH ELECTRONICS LTD. ZMM3B0 Datasheet HTML 5Page - SEMTECH ELECTRONICS LTD. ZMM3B0 Datasheet HTML 6Page - SEMTECH ELECTRONICS LTD. ZMM3B0 Datasheet HTML 7Page - SEMTECH ELECTRONICS LTD. ZMM3B0 Datasheet HTML 8Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Dated : 20/09/2005
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
®
ZMM1B...ZMM200B
1
T
1
10 S
100V
VR=2V
1
10
23
4 5
3
2
4
5
10
2
Vz at Iz=5 mA
5
4
3
VR=1V
Ctot
ZMM...
pF
3
100
7
2
VR=2V
5
4
1000
7
VR=1V
Tj=25 C
o
Capacitance versus
Zener voltage
-5
10
10
-4
10
-3
10
-2
-1
tp
10
1
5
0.1
1
2
5
1
2
3
4
10
Iz
2
5
2
5
100mA
Dynamic resistance
versus Zener current
rzj
10
2
4
3
5
100
0.1
2
5
1
o
Tj=25 C
ZMM...
10
2
5
Iz
2
5
100mA
Pulse thermal resistance
versus pulse duration
Valid provided that the electrodes are kept
at ambient temperature.
K/W
ZMM...
rthA
4
0.1
7
3
2
4
5
0.05
0.01
0.02
10
3
2
V=0
tp
T
V=
tp
PI
0.5
0.2
10
7
5
2
2
5
4
3
10
7
3
ZMM...
2
5
4
3
10
2
3
rzj
100
4
5
2
5
3
4
1000
Tj=25 C
o
Dynamic resistance
versus Zener current
2B7
3B6
4B7
5B1
ZMM5B6
33B
27B
15B
12B
ZMM1B
22B
18B
10B
6B8/8B2
ZMM6B2



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com