Electronic Components Datasheet Search
  English  ▼

X  

BY296 Datasheet(PDF) 1 Page - SEMTECH ELECTRONICS LTD.

Part # BY296
Description  FAST RECOVERY RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Direct Link  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

BY296 Datasheet(HTML) 1 Page - SEMTECH ELECTRONICS LTD.

  BY296 Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. BY296 Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Dated : 17/04/2008
B
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
®
BY296 THRU BY299
FAST RECOVERY RECTIFIERS
Reverse Voltage – 100 to 800 V
Forward Current – 2 A
Features
• Low forward voltage drop
• Low cost
• Low leakage
• High current capability
Mechanical Data
• Case: DO-201AD, Molded plastic
• Terminals: Axial leads, solderable per MIL-STD -202,
method 208 guaranteed
• Polarity: Color band denotes cathode
Absolute Maximum Ratings and Characteristics
Rating at 25
OC ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Parameter
Symbols
BY296
BY297
BY298
BY299
Units
Maximum Recurrent Peak Reverse Voltage
VRRM
100
200
400
800
V
Maximum RMS Voltage
VRMS
70
140
280
560
V
Maximum DC Blocking Voltage
VDC
100
200
400
800
V
Maximum Average Forward Rectified Current
0.375"(9.5 mm) lead length at TA = 75 OC
IF(AV)
2
A
Peak Forward Surge Current 8.3 ms Single Half Sine
Wave Superimposed on Rated Load at TJ = 125 OC
IFSM
70
A
Maximum Forward Voltage at 2 A
VF
1.3
V
Maximum Reverse Current
at TA = 25 OC
at Rated DC Blocking Voltage
at TA = 100 OC
IR
10
100
µA
Maximum Reverse Recovery Time
1)
trr
500
ns
Typical Junction Capacitance
2)
CJ
32
pF
Typical Thermal Resistance
3)
RθJA
22
O
C/W
Operating and Storage Temperature Range
TJ ,TS
- 55 to + 150
O
C
1) Measured with I
F = 0.5 A, IR = 1 A, Irr = 0.25 A.
2) Measured at 1 MHz and applied reverse voltage of 4V D.C.
3) Thermal resistance from junction to ambient at 0.375" (9.5 mm) lead length.
9.5
7.2
5.6
4.8
DO-201AD
Min. 25.4
Min. 25.4
Dimensions in mm
DIA.
1.45
1.15
DIA.


Similar Part No. - BY296

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BY296 PANJIT-BY296 Datasheet
62Kb / 2P
SOFT RECOVERY PLASTIC RECTIFIER(VOLTAGE - 100 to 800 Volts CURRENT - 2.0 Amperes)
logo
Jinan Gude Electronic D...
BY296 JGD-BY296 Datasheet
141Kb / 2P
2.0 AMPS. FAST RECOVRY RECTIFIERS
logo
Semtech Corporation
BY296 SEMTECH-BY296 Datasheet
76Kb / 2P
FAST SILICON RECTIFIERS?
logo
Dc Components
BY296 DCCOM-BY296 Datasheet
443Kb / 2P
TECHNICAL SPECIFICATIONS OF FAST RECOVERY RECTIFIER
logo
EIC discrete Semiconduc...
BY296 EIC-BY296 Datasheet
47Kb / 2P
FAST RECOVERY RECTIFIER DIODES
More results

Similar Description - BY296

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
S5295B EIC-S5295B Datasheet
44Kb / 2P
FAST RECOVERY RECTIFIERS
logo
Galaxy Semi-Conductor H...
ERD29-02 BILIN-ERD29-02 Datasheet
57Kb / 2P
FAST RECOVERY RECTIFIERS
FR05-12 BILIN-FR05-12 Datasheet
59Kb / 2P
FAST RECOVERY RECTIFIERS
logo
HY ELECTRONIC CORP.
FR301 HY-FR301 Datasheet
90Kb / 2P
FAST RECOVERY RECTIFIERS
logo
SeCoS Halbleitertechnol...
FR201 SECOS-FR201_15 Datasheet
166Kb / 2P
Fast Recovery Rectifiers
SMF101MH SECOS-SMF101MH_15 Datasheet
369Kb / 3P
Fast Recovery Rectifiers
logo
Leshan Radio Company
1F3 LRC-1F3_15 Datasheet
189Kb / 7P
Fast Recovery Rectifiers
1N4936 LRC-1N4936_15 Datasheet
200Kb / 7P
Fast Recovery Rectifiers
1N4947 LRC-1N4947_15 Datasheet
200Kb / 7P
Fast Recovery Rectifiers
logo
Taiwan Semiconductor Co...
BA157 TSC-BA157_14 Datasheet
379Kb / 4P
Fast Recovery Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com