Electronic Components Datasheet Search
  English  ▼

X  

L2SC4617ST3G Datasheet(PDF) 1 Page - Leshan Radio Company

Part # L2SC4617ST3G
Description  General Purpose Transistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

L2SC4617ST3G Datasheet(HTML) 1 Page - Leshan Radio Company

  L2SC4617ST3G Datasheet HTML 1Page - Leshan Radio Company L2SC4617ST3G Datasheet HTML 2Page - Leshan Radio Company L2SC4617ST3G Datasheet HTML 3Page - Leshan Radio Company L2SC4617ST3G Datasheet HTML 4Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
LESHAN RADIO COMPANY, LTD.
1
BASE
COLLECTOR
3
General Purpose Transistors
NPN Silicon
2
EMITTER
L2SC4617XT1G
1
3
2
!
!
!
!
Absolute maximum ratings (Ta=25
°C)
Collector-base voltage
Collector-emitter voltage
Emitter-base voltage
Collector current
Collector power
dissipation
Junction temperature
Storage temperature
Parameter
VCBO
VCEO
VEBO
IC
PC
Tj
Tstg
60
V
V
V
A
˚C
˚C
50
7
0.15
W
0.15
150
−55~+150
Symbol
Limits
Unit
!
!
!
!
Electrical characteristics (Ta=25
°C)
Collector-base breakdown voltage
Collector-emitter breakdown voltage
Emitter-base breakdown voltage
Collector cutoff current
Emitter cutoff current
DC current transfer ratio
Collector-emitter saturation voltage
Transition frequency
Output capacitance
Parameter
Symbol
BVCBO
BVCEO
BVEBO
ICBO
IEBO
hFE
VCE(sat)
fT
Cob
Min.
60
50
7
−
−
120
−
−
−
−
−
−
−
−
−
−
180
2.0
−
−
−
0.1
0.1
560
0.5
−
3.5
VIC
=50µA
IC
=1µA
IE
=50µA
VCB
=60V
VEB
=7V
VCE
=6V, IC=1mA
IC/IB
=50mA/5mA
VCE
=12V, IE=2mA, f=30MHz
VCB
=12V, IE=0A, f=1MHz
V
V
µA
µA
−
V
MHz
pF
Typ.
Max.
Unit
Conditions
SC-89
hFE values are classified as follows:
Item
Q
R
S
hFE
120~270
180~390
270~560
!
!
!
!Device marking
!
!
!
!
L2SC4617QT1G=BQ
L2SC4617RT1G=BR
L2SC4617ST1G=BS
1/4
Device
Marking
Shipping
BQ
BR
3000 Tape & Reel
10000 Tape & Reel
3000 Tape & Reel
10000 Tape & Reel
3000 Tape & Reel
10000 Tape & Reel
ORDERING INFORMATION
BR
BQ
L2SC4617QT1G
L2SC4617QT3G
L2SC4617RT1G
L2SC4617RT3G
L2SC4617ST1G
L2SC4617ST3G
BS
BS
We declare that the material of product compliance with RoHS requirements.


Similar Part No. - L2SC4617ST3G

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
L2SC4617ST3G LRC-L2SC4617ST3G Datasheet
224Kb / 4P
General Purpose Transistors NPN Silicon
L2SC4617ST3G LRC-L2SC4617ST3G Datasheet
159Kb / 4P
General Purpose Transistors NPN Silicon
logo
Shanghai Leiditech Elec...
L2SC4617ST3G LEIDITECH-L2SC4617ST3G Datasheet
468Kb / 4P
general purpose transistors NPN Silicon
More results

Similar Description - L2SC4617ST3G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N4403 ONSEMI-2N4403 Datasheet
106Kb / 7P
General Purpose Transistors
March, 2007 ??Rev. 3
logo
SeCoS Halbleitertechnol...
EMX1 SECOS-EMX1 Datasheet
516Kb / 3P
General Purpose Transistors
logo
ON Semiconductor
MMBT2131T1 ONSEMI-MMBT2131T1_06 Datasheet
66Kb / 4P
General Purpose Transistors
January, 2006 ??Rev. 4
MMBT2222LT1G ONSEMI-MMBT2222LT1G_09 Datasheet
132Kb / 7P
General Purpose Transistors
October, 2009 ??Rev. 9
logo
WILLAS ELECTRONIC CORP
MMBT3906TT1 WILLAS-MMBT3906TT1 Datasheet
378Kb / 6P
General Purpose Transistors
2SA812XLT1 WILLAS-2SA812XLT1 Datasheet
351Kb / 5P
General Purpose Transistors
BC817-XXLT1 WILLAS-BC817-XXLT1 Datasheet
164Kb / 3P
General Purpose Transistors
logo
First Silicon Co., Ltd
BC807S FS-BC807S Datasheet
107Kb / 3P
General Purpose Transistors
BC847E FS-BC847E Datasheet
427Kb / 5P
General Purpose Transistors
logo
Shanghai Leiditech Elec...
L9012PLT1G LEIDITECH-L9012PLT1G Datasheet
273Kb / 2P
General Purpose Transistors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com