Electronic Components Datasheet Search
  English  ▼

X  

KBPC8005 Datasheet(PDF) 2 Page - SEMTECH ELECTRONICS LTD.

Part # KBPC8005
Description  8A SINGLE-PHASE SILICON BRIDGE RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Direct Link  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

KBPC8005 Datasheet(HTML) 2 Page - SEMTECH ELECTRONICS LTD.

  KBPC8005 Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. KBPC8005 Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Dated : 03/10/2003
SEMTECH ELECTRONICS LTD.
(Subsidiary of Semtech International Holdings Limited, acompany
listed on the Hong Kong Stock Exchange, Stock Code: 724)
®
RATINGS AND CHARACTERISTIC CURVES (KBPC8 SERIES)
INSTANTANEOUS FORWARD VOLTAGE,VOLTS
0.8
0.6
0.01
0.1
0.7
1.0
10
1.2
1.0
0.9
1.1
1.3
FIG.3-TYPICAL FORWARD
CHARACTERISTICS
FIG.1-MAXIMUM FORWARD SURGE CURRENT
NUMBEROF CYCLES AT 60 Hz
100
0
0
25
50
125
100
75
10
100
120
0
0.01
40
20
1.0
0.1
10
80
60
100
140
HEAT SINK
MOUNTING Tc
FIG.4-TYPICAL REVERSE
CHARACTERISTICS
FIG.2-DERATING CURVE FOR
OUTPUT RECTIFIED CURRENT
8
TEMPERATURE. ( C)
2
6
4
0
0
50
o
100
10
150
INSTANTANEOUS FORWARD VOLTAGE,VOLTS
KBPC8005 THRU KBPC810



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com