Electronic Components Datasheet Search
  English  ▼

X  

SN74LVC32ADBLE Datasheet(PDF) 1 Page - Texas Instruments

Part # SN74LVC32ADBLE
Description  QUADRUPLE 2-INPUT POSITIVE-OR GATES
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LVC32ADBLE Datasheet(HTML) 1 Page - Texas Instruments

  SN74LVC32ADBLE Datasheet HTML 1Page - Texas Instruments SN74LVC32ADBLE Datasheet HTML 2Page - Texas Instruments SN74LVC32ADBLE Datasheet HTML 3Page - Texas Instruments SN74LVC32ADBLE Datasheet HTML 4Page - Texas Instruments SN74LVC32ADBLE Datasheet HTML 5Page - Texas Instruments SN74LVC32ADBLE Datasheet HTML 6Page - Texas Instruments SN74LVC32ADBLE Datasheet HTML 7Page - Texas Instruments SN74LVC32ADBLE Datasheet HTML 8Page - Texas Instruments SN74LVC32ADBLE Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
www.ti.com
FEATURES
SN74LVC32A . . . RGY PACKAGE
(TOP VIEW)
1
14
7
8
2
3
4
5
6
13
12
11
10
9
4B
4A
4Y
3B
3A
1B
1Y
2A
2B
2Y
1
2
3
4
5
6
7
14
13
12
11
10
9
8
1A
1B
1Y
2A
2B
2Y
GND
VCC
4B
4A
4Y
3B
3A
3Y
SN54LVC32A . . . J OR W PACKAGE
SN74LVC32A . . . D, DB, NS,
OR PW PACKAGE
(TOP VIEW)
3
2 1 20 19
9 10 11 12 13
4
5
6
7
8
18
17
16
15
14
4A
NC
4Y
NC
3B
1Y
NC
2A
NC
2B
SN54LVC32A . . . FK PACKAGE
(TOP VIEW)
NC - No internal connection
DESCRIPTION/ORDERING INFORMATION
The 'LVC32A devices perform the Boolean function Y + A ) B or Y + A • B in positive logic.
SN54LVC32A, SN74LVC32A
QUADRUPLE 2-INPUT POSITIVE-OR GATES
SCAS286P – JANUARY 1993 – REVISED APRIL 2005
•
Typical VOHV (Output VOH Undershoot)
>2 V at VCC = 3.3 V, TA = 25°C
•
Operate From 1.65 V to 3.6 V
•
Latch-Up Performance Exceeds 250 mA Per
•
Specified From –40°C to 85°C,
JESD 17
–40°C to 125°C, and –55°C to 125°C
•
ESD Protection Exceeds JESD 22
•
Inputs Accept Voltages to 5.5 V
– 2000-V Human-Body Model (A114-A)
•
Max tpd of 3.8 ns at 3.3 V
– 200-V Machine Model (A115-A)
•
Typical VOLP (Output Ground Bounce)
<0.8 V at VCC = 3.3 V, TA = 25°C
– 1000-V Charged-Device Model (C101)
The SN54LVC32A quadruple 2-input positive-OR gate is designed for 2.7-V to 3.6-V VCC operation, and the
SN74LVC32A quadruple 2-input positive-OR gate is designed for 1.65-V to 3.6-V VCC operation.
ORDERING INFORMATION
ORDERABLE
TOP-SIDE
TA
PACKAGE(1)
PART NUMBER
MARKING
–40°C to 85°C
QFN – RGY
Reel of 1000
SN74LVC32ARGYR
LC32A
Tube of 50
SN74LVC32AD
SOIC – D
Reel of 2500
SN74LVC32ADR
LVC32A
Reel of 250
SN74LVC32ADT
SOP – NS
Reel of 2000
SN74LVC32ANSR
LVC32A
–40°C to 125°C
SSOP – DB
Reel of 2000
SN74LVC32ADBR
LC32A
Tube of 90
SN74LVC32APW
TSSOP – PW
Reel of 2000
SN74LVC32APWR
LC32A
Reel of 250
SN74LVC32APWT
CDIP – J
Tube of 25
SNJ54LVC32AJ
SNJ54LVC32AJ
–55°C to 125°C
CFP – W
Tube of 150
SNJ54LVC32AW
SNJ54LVC32AW
LCCC – FK
Tube of 55
SNJ54LVC32AFK
SNJ54LVC32AFK
(1)
Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at
www.ti.com/sc/package.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 1993–2005, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
On products compliant to MIL-PRF-38535, all parameters are
Instruments standard warranty. Production processing does not
tested unless otherwise noted. On all other products, production
necessarily include testing of all parameters.
processing does not necessarily include testing of all parameters.


Similar Part No. - SN74LVC32ADBLE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC32ADBLE TI-SN74LVC32ADBLE Datasheet
813Kb / 19P
QUADRUPLE 2-INPUT POSITIVE-OR GATES
SN74LVC32ADBLE TI-SN74LVC32ADBLE Datasheet
789Kb / 21P
QUADRUPLE 2-INPUT POSITIVE-OR GATES
More results

Similar Description - SN74LVC32ADBLE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54AHC32 TI-SN54AHC32 Datasheet
637Kb / 18P
QUADRUPLE 2-INPUT POSITIVE-OR GATES
SN54F32 TI-SN54F32 Datasheet
102Kb / 6P
QUADRUPLE 2-INPUT POSITIVE-OR GATES
SN54LVC32A TI-SN54LVC32A_07 Datasheet
813Kb / 19P
QUADRUPLE 2-INPUT POSITIVE-OR GATES
SN54AHC32 TI-SN54AHC32_07 Datasheet
1Mb / 32P
QUADRUPLE 2-INPUT POSITIVE-OR GATES
logo
Unisonic Technologies
U74HC32 UTC-U74HC32 Datasheet
111Kb / 5P
QUADRUPLE 2-INPUT POSITIVE-OR GATES
logo
Texas Instruments
SN5432 TI-SN5432_98 Datasheet
252Kb / 7P
QUADRUPLE 2-INPUT POSITIVE OR GATES
74ACT11032DRG4 TI-74ACT11032DRG4 Datasheet
481Kb / 14P
QUADRUPLE 2-INPUT POSITIVE-OR GATES
SN74LS32FN TI1-SN74LS32FN Datasheet
1Mb / 23P
QUADRUPLE 2-INPUT POSITIVE-OR GATES
SN74HC32ADBR TI1-SN74HC32ADBR Datasheet
1Mb / 21P
QUADRUPLE 2-INPUT POSITIVE-OR GATES
CD54ACT32 TI1-CD54ACT32 Datasheet
871Kb / 13P
QUADRUPLE 2-INPUT POSITIVE-OR GATES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com