Electronic Components Datasheet Search
  English  ▼

X  

TWD2254 Datasheet(PDF) 1 Page - Spectrum Microwave, Inc.

Part # TWD2254
Description  SP4T RF SWITCH
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPECTRUM [Spectrum Microwave, Inc.]
Direct Link  http://www.spectrummicrowave.com
Logo SPECTRUM - Spectrum Microwave, Inc.

TWD2254 Datasheet(HTML) 1 Page - Spectrum Microwave, Inc.

  TWD2254 Datasheet HTML 1Page - Spectrum Microwave, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Legend
+ 25 ºC
+85 ºC
-55 ºC
Typical Performance Data
SP4T RF SWITCH
MODEL
TWD2254
Features
!
!
!
!
! 5 - 2000 MHz
!
!
!
!
! Fast Switching Speed: 15 ns Typical (GaAs)
!
!
!
!
! Integral TTL Driver
!
!
!
!
! OperatingTemp. -55 ºC to + 85 ºC
!
!
!
!
! Screening to the tables of MIL-STD-883Available
TYPICAL
MIN/MAX
Ta = 25 ºC
Ta = -55 ºC to +85 ºC
Specifications
Maximum Ratings
Ambient Operating Temperature ......................... -55ºC to +100 ºC
Storage Temperature .......................................... -65ºC to +125 ºC
Case Temperature ........................................................... +125 ºC
DC Voltage .................................................................. +7.0 Volts
Continuous RF Input Power ........................................... +30 dBm
CHARACTERISTIC
Note: Care should always be taken to effectively ground the case of each
unit.
DC Bias
Vdc
+5V
+5 Max.
mA
0.5
1.0 Max.
VSWR
1.5:1
2.3:1 Max.
Switching Speed (ns)
Frequency
5 - 2000 MHz
5 - 2000 MHz
1dB Compression (dBm)
0.05 GHz
+21
0.5 - 2 GHz
+27
Isolation (dB)
50
35 Min.
Insertion Loss (dB)
1.2
1.9 Max.
Intercept Points (dBm)
IP2
IP3
0.05 GHz
+62
+40
0.5 - 2 GHz
+68
+46
Rev.
4/1/08
15
20 Max.
Also Available In: DP-10, 16 Pin DIP Package
and Connectorized Housings
Transients
80
Spectrum Microwave · 2144 Franklin Drive N.E. · Palm Bay, Florida 32905 · PH (888) 553-7531 · Fax (888) 553-7532
Spectrum Microwave · 2707 Black Lake Place · Philadelphia, Pennsylvania 19154 · PH (215) 464-4000 · Fax (215) 464-4001
www.SpectrumMicrowave.com


Similar Part No. - TWD2254

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
TWD2254 APITECH-TWD2254 Datasheet
201Kb / 1P
SP4T RF SWITCH MODEL
More results

Similar Description - TWD2254

ManufacturerPart #DatasheetDescription
logo
Spectrum Microwave, Inc...
TWP2261 SPECTRUM-TWP2261 Datasheet
61Kb / 1P
SP4T RF SWITCH
TWP2262 SPECTRUM-TWP2262 Datasheet
63Kb / 1P
SP4T RF SWITCH
TWP2264 SPECTRUM-TWP2264 Datasheet
61Kb / 1P
SP4T RF SWITCH
logo
Peregrine Semiconductor
PE42442 PSEMI-PE42442 Datasheet
514Kb / 11P
UltraCMOS짰 SP4T RF Switch
logo
Peregrine Semiconductor...
PE42540 PEREGRINE-PE42540_15 Datasheet
520Kb / 12P
SP4T RF Switch
logo
Infineon Technologies A...
BGS14AN16 INFINEON-BGS14AN16 Datasheet
2Mb / 15P
RF SP4T Switch
Revision 1.0, 2012-12-17
logo
Mini-Circuits
HSWA4-63DR MINI-HSWA4-63DR Datasheet
359Kb / 5P
SP4T RF Switch
JSW4-23DR-75 MINI-JSW4-23DR-75 Datasheet
395Kb / 7P
SP4T RF Switch
JSW4-272DR MINI-JSW4-272DR Datasheet
390Kb / 7P
SP4T RF Switch
ZSWA4-63DR MINI-ZSWA4-63DR Datasheet
708Kb / 7P
SP4T RF Switch
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com