Electronic Components Datasheet Search
  English  ▼

X  

TWM5000 Datasheet(PDF) 1 Page - Spectrum Microwave, Inc.

Part # TWM5000
Description  SPST RF SWITCH
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPECTRUM [Spectrum Microwave, Inc.]
Direct Link  http://www.spectrummicrowave.com
Logo SPECTRUM - Spectrum Microwave, Inc.

TWM5000 Datasheet(HTML) 1 Page - Spectrum Microwave, Inc.

  TWM5000 Datasheet HTML 1Page - Spectrum Microwave, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Legend
+ 25 ºC
+85 ºC
-55 ºC
Typical Performance Data
SPST RF SWITCH
MODEL
TWM5000
Features
!
!
!
!
! 10 - 1500 MHz
!
!
!
!
! RF1, RF2 Terminated in “OFF” State
!
!
!
!
! Integral TTL Driver
!
!
!
!
! OperatingTemp. -55 ºC to + 85 ºC
!
!
!
!
! Environmental Screening Available
TYPICAL
MIN/MAX
Ta = 25 ºC
Ta = -55 ºC to +85 ºC
Specifications
Maximum Ratings
Ambient Operating Temperature ........................ -55ºC to + 100 ºC
Storage Temperature ......................................... -65ºC to + 125 ºC
Case Temperature .......................................................... + 125 ºC
DC Voltage .................................................................. +6.0 Volts
Continuous RF Input Power ........................................... +30 dBm
CHARACTERISTIC
Note: Care should always be taken to effectively ground the case of each unit.
DC
Vdc
+5
+5 Max.
Bias
mA
2
5 Max.
VSWR
1.3:1
1.7:1 Max.
Switching Speed (msec)
Frequency
10 - 1500 MHz
10 - 1500 MHz
1dB Compression (dBm)
+23
Isolation (dB)
48
39 Min.
Insertion Loss (dB)
1.2
1.7 Max.
Intercept Points (dBm)
IP2
IP3
+65
+40
06/01/05
0.15
0.50 Max.
Also Available In: Package
and Connectorized Housings
Transients (mV)
200
Package: 5 Pin TO-8 (T5)
2.0
1.0
0
2.0
1.5
1.0
Start 10 MHz
Stop 1.0 GHz
Start 10 MHz
Stop 1.0 GHz
100
60
20
2.0
1.5
1.0
80
40
Start 10 MHz
Stop 1.0 GHz
Start 10 MHz
Stop 1.0 GHz
Insertion Loss (dB)
“ON” VSWR
Isolation (dB)
“OFF” VSWR
Spectrum Microwave · 2144 Franklin Drive N.E. · Palm Bay, Florida 32905 · PH (888) 553-7531 · Fax (888) 553-7532
Spectrum Microwave (Europe) · 2707 Black Lake Place · Philadelphia, Pa. 19154 · PH (215) 464-4000 · Fax (215) 464-4001
www.SpectrumMicrowave.com


Similar Part No. - TWM5000

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
TWM5000 APITECH-TWM5000 Datasheet
189Kb / 1P
SPST RF SWITCH MODEL
More results

Similar Description - TWM5000

ManufacturerPart #DatasheetDescription
logo
Spectrum Microwave, Inc...
TWD2215 SPECTRUM-TWD2215 Datasheet
191Kb / 1P
SPST RF Switch
TWD2216 SPECTRUM-TWD2216 Datasheet
58Kb / 1P
SPST RF SWITCH
TWP2209 SPECTRUM-TWP2209 Datasheet
56Kb / 1P
SPST RF SWITCH
TWP2214 SPECTRUM-TWP2214 Datasheet
56Kb / 1P
SPST RF SWITCH
TWP2231 SPECTRUM-TWP2231 Datasheet
40Kb / 1P
SPST RF SWITCH
logo
API Technologies Corp
TWD2216 APITECH-TWD2216 Datasheet
205Kb / 1P
SPST RF SWITCH MODEL
TWD2215 APITECH-TWD2215 Datasheet
204Kb / 1P
SPST RF SWITCH MODEL
TWP2216 APITECH-TWP2216 Datasheet
182Kb / 1P
SPST RF SWITCH MODEL
TWGP2114 APITECH-TWGP2114 Datasheet
50Kb / 1P
SPST RF SWITCH MODEL
TWGP2113 APITECH-TWGP2113 Datasheet
195Kb / 1P
SPST RF SWITCH MODEL
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com