Electronic Components Datasheet Search
  English  ▼

X  

TWP2202 Datasheet(PDF) 1 Page - Spectrum Microwave, Inc.

Part # TWP2202
Description  SPDT RF SWITCH
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPECTRUM [Spectrum Microwave, Inc.]
Direct Link  http://www.spectrummicrowave.com
Logo SPECTRUM - Spectrum Microwave, Inc.

TWP2202 Datasheet(HTML) 1 Page - Spectrum Microwave, Inc.

  TWP2202 Datasheet HTML 1Page - Spectrum Microwave, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Legend
+ 25 ºC
+85 ºC
-55 ºC
Typical Performance Data
SPDT RF SWITCH
MODEL
TWP2202
Features
!
!
!
!
! DC - 3.0 GHz
!
!
!
!
! RF1, RF2 Reflective in “OFF” Position
!
!
!
!
! Fast Switching Speed: 10 ns Typical
!
!
!
!
! OperatingTemp. -55 ºC to + 85 ºC
!
!
!
!
! Environmental Screening Available
TYPICAL
MIN/MAX
Ta = 25 ºC
Ta = -55 ºC to +85 ºC
Specifications
Maximum Ratings
Ambient Operating Temperature ......................... -55ºC to +100 ºC
Storage Temperature .......................................... -65ºC to +125 ºC
Case Temperature ........................................................... +125 ºC
DC Voltage ................................................................... -8.5 Volts
Continuous RF Input Power ........................................... +30 dBm
CHARACTERISTIC
Note: Care should always be taken to effectively ground the case of each unit.
Control
Vdc
-5.0 to -8.0
-8.0 Max.
Input High
mA
0.30
1.00 Max.
VSWR
In
<1.4:1
1.5:1Max.
Out
<1.4:1
1.5:1 Max.
Switching Speed (ns)
Frequency
DC - 3.0 GHz
DC - 3.0 GHz
Isolation (dB)
>30
23 Min.
Insertion Loss (dB)
1.0
1.4 Max.
10
15 Max.
Rev.
3/28/08
Also Available In: Connectorized Housings
Package: 6 Lead Flatpack (FP12)
-
Control
Vdc
0 to -0.2
0 Max.
Input Low
mA
0.010
0.030 Max.
2.0
1.0
0
20
80
40
2.0
1.5
1.0
2.0
1.5
1.0
Start DC
Start DC
Stop 3.0 GHz
Start DC
Stop 3.0 GHz
Start DC
100
60
Insertion Loss (dB)
Isolation (dB)
Input VSWR
Output VSWR
Stop 3.0 GHz
Stop 3.0 GHz
Spectrum Microwave · 2144 Franklin Drive N.E. · Palm Bay, Florida 32905 · PH (888) 553-7531 · Fax (888) 553-7532
Spectrum Microwave · 2707 Black Lake Place · Philadelphia, Pennsylvania 19154 · PH (215) 464-4000 · Fax (215) 464-4001
www.SpectrumMicrowave.com


Similar Part No. - TWP2202

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
TWP2202 APITECH-TWP2202 Datasheet
207Kb / 1P
SPDT RF SWITCH MODEL
More results

Similar Description - TWP2202

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LH4266 NSC-LH4266 Datasheet
148Kb / 8P
SPDT RF Switch
logo
Mini-Circuits
HSWA2-30DR+ MINI-HSWA2-30DR+ Datasheet
607Kb / 11P
SPDT RF SWITCH
logo
Spectrum Microwave, Inc...
TWD2207 SPECTRUM-TWD2207 Datasheet
51Kb / 1P
SPDT RF SWITCH
TWD5001 SPECTRUM-TWD5001 Datasheet
56Kb / 1P
SPDT RF SWITCH
TWD5002 SPECTRUM-TWD5002 Datasheet
60Kb / 1P
SPDT RF SWITCH
TWP2219 SPECTRUM-TWP2219 Datasheet
58Kb / 1P
SPDT RF SWITCH
logo
Mini-Circuits
HSW2-272VHDR MINI-HSW2-272VHDR Datasheet
300Kb / 5P
SPDT RF Switch
MSW2-50 MINI-MSW2-50 Datasheet
280Kb / 6P
SPDT RF Switch
ZSW2-272VHDR MINI-ZSW2-272VHDR Datasheet
542Kb / 6P
SPDT RF Switch
ZASW-2-50DRA MINI-ZASW-2-50DRA Datasheet
323Kb / 5P
SPDT RF Switch
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com