Electronic Components Datasheet Search
  English  ▼

X  

URF2015 Datasheet(PDF) 1 Page - Mospec Semiconductor

Part # URF2015
Description  POWER RECTIFIERS(20A,50-200V)
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSPEC [Mospec Semiconductor]
Direct Link  http://www.mospec.com.tw
Logo MOSPEC - Mospec Semiconductor

URF2015 Datasheet(HTML) 1 Page - Mospec Semiconductor

  URF2015 Datasheet HTML 1Page - Mospec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image


Similar Part No. - URF2015

ManufacturerPart #DatasheetDescription
logo
Thinki Semiconductor Co...
URF2020A THINKISEMI-URF2020A Datasheet
639Kb / 2P
20.0 Ampere Dual Fullpak Insulated Package Ultra Fast Recovery Diode
URF2020C THINKISEMI-URF2020C Datasheet
639Kb / 2P
20.0 Ampere Dual Fullpak Insulated Package Ultra Fast Recovery Diode
URF2020D THINKISEMI-URF2020D Datasheet
639Kb / 2P
20.0 Ampere Dual Fullpak Insulated Package Ultra Fast Recovery Diode
logo
Mospec Semiconductor
URF2030 MOSPEC-URF2030 Datasheet
200Kb / 2P
Switchmode Full Plastic Dual Ultrafast Power Rectifiers
URF2040 MOSPEC-URF2040 Datasheet
200Kb / 2P
Switchmode Full Plastic Dual Ultrafast Power Rectifiers
More results

Similar Description - URF2015

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
F16C05 MOSPEC-F16C05 Datasheet
135Kb / 2P
POWER RECTIFIERS(16A,50-200V)
F30D05 MOSPEC-F30D05 Datasheet
137Kb / 2P
POWER RECTIFIERS(30A,50-200V)
U12C05 MOSPEC-U12C05 Datasheet
135Kb / 2P
POWER RECTIFIERS(12A,50-200V)
U20C05 MOSPEC-U20C05 Datasheet
138Kb / 2P
POWER RECTIFIERS(20A,50-200V)
U20D05 MOSPEC-U20D05 Datasheet
141Kb / 2P
POWER RECTIFIERS(20A,50-200V)
U30D05 MOSPEC-U30D05 Datasheet
138Kb / 2P
POWER RECTIFIERS(30A,50-200V)
logo
KODENSHI_AUK CORP.
SF20A200HCI KODENSHI-SF20A200HCI Datasheet
264Kb / 5P
200V, 20A ULTRAFAST DUAL RECTIFIERS
KSD-D0O034-001 KODENSHI-KSD-D0O034-001 Datasheet
289Kb / 5P
200V, 20A ULTRAFAST DUAL RECTIFIERS
KSD-D0O035-001 KODENSHI-KSD-D0O035-001 Datasheet
291Kb / 5P
200V, 20A ULTRAFAST DUAL RECTIFIERS
SFN20W200CI KODENSHI-SFN20W200CI Datasheet
209Kb / 5P
200V, 20A ULTRAFAST DUAL RECTIFIERS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com