Electronic Components Datasheet Search
  English  ▼

X  

BC308 Datasheet(PDF) 1 Page - SEMTECH ELECTRONICS LTD.

Part # BC308
Description  PNP Silicon Epitaxial Planar Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Direct Link  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

BC308 Datasheet(HTML) 1 Page - SEMTECH ELECTRONICS LTD.

  BC308 Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. BC308 Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Dated : 27/12/2007
®
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
BC307…BC308
PNP Silicon Epitaxial Planar Transistor
for switching and amplifier applications
Absolute Maximum Ratings (Ta = 25 OC)
Parameter
Symbol
BC307
BC308
Unit
Collector Base Voltage
-VCBO
50
30
V
Collector Emitter Voltage
-VCEO
45
25
V
Emitter Base Voltage
-VEBO
5
V
Collector Current
-IC
100
mA
Total Power Dissipation
Ptot
500
mW
Junction Temperature
Tj
150
O
C
Storage Temperature Range
TS
- 55 to + 150
O
C
Characteristics at Ta = 25 OC
Parameter
Symbol
Min.
Max.
Unit
DC Current Gain
at -VCE = 5 V, -IC = 2 mA
Current Gain Group
A
B
C
hFE
hFE
hFE
120
180
380
220
460
800
-
-
-
Collector Base Cutoff Current
at -VCB = 50 V
at -VCB = 30 V
BC307
BC308
-ICBO
-
-
15
15
nA
Collector Emitter Breakdown Voltage
at -IC = 2 mA
BC307
BC308
-V(BR)CEO
45
25
-
-
V
Emitter Base Breakdown Voltage
at -IE = 100 µA
-V(BR)EBO
5
-
V
Collector Emitter Saturation Voltage
at -IC = 10 mA, -IB = 0.5 mA
at -IC = 100 mA, -IB = 5 mA
-VCE(sat)
-
-
0.3
0.6
V
Base Emitter On Voltage
at -VCE = 5 V, -IC = 2 mA
-VBE(on)
0.55
0.7
V
Current Gain Bandwidth Product
at -VCE = 5 V, -IC = 10 mA, f = 100 MHz
fT
100
-
MHz
Collector Base Capacitance
at -VCB = 10 V, f = 1 MHz
Ccb
-
6
pF
1. Collector 2. Base 3. Emitter
TO-92 Plastic Package


Similar Part No. - BC308

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
BC308 FAIRCHILD-BC308 Datasheet
69Kb / 5P
PNP EPITAXIAL SILICON TRANSISTOR
logo
KEC(Korea Electronics)
BC308 KEC-BC308 Datasheet
144Kb / 2P
EPITAXIAL PLANAR PNP TRANSISTOR (GENERAL PURPOSE, LOW NOISE AMPLIFIER)
logo
Micro Electronics
BC308 MICRO-ELECTRONICS-BC308 Datasheet
225Kb / 4P
PNP SILICON PLANAR EPITAXIAL TRANSISTOR
logo
KEC(Korea Electronics)
BC308 KEC-BC308 Datasheet
30Kb / 1P
TO-92 PACKAGE
logo
Continental Device Indi...
BC308 CDIL-BC308 Datasheet
151Kb / 5P
SILICON PLANAR EPITAXIAL TRANSISTORS
More results

Similar Description - BC308

ManufacturerPart #DatasheetDescription
logo
AUK corp
SUR532H AUK-SUR532H Datasheet
235Kb / 3P
Epitaxial planar PNP silicon transistor
SUR546J AUK-SUR546J Datasheet
229Kb / 3P
Epitaxial planar PNP silicon transistor
SUR550J AUK-SUR550J Datasheet
229Kb / 3P
Epitaxial planar PNP silicon transistor
logo
Continental Device Indi...
CMBT857 CDIL-CMBT857 Datasheet
115Kb / 3P
PNP EPITAXIAL PLANAR SILICON TRANSISTOR
logo
Hi-Sincerity Mocroelect...
HSB649T HSMC-HSB649T Datasheet
43Kb / 4P
SILICON PNP EPITAXIAL PLANAR TRANSISTOR
logo
GTM CORPORATION
GI5706 GTM-GI5706 Datasheet
948Kb / 3P
PNP EPITAXIAL PLANAR SILICON TRANSISTOR
logo
Galaxy Semi-Conductor H...
KTA2015W BILIN-KTA2015W Datasheet
171Kb / 4P
PNP Silicon Epitaxial Planar Transistor
MMSTA92 BILIN-MMSTA92 Datasheet
131Kb / 2P
PNP Silicon Epitaxial Planar Transistor
logo
Guangdong Kexin Industr...
2SA1772 KEXIN-2SA1772 Datasheet
44Kb / 2P
PNP Epitaxial Planar Silicon Transistor
logo
SHENZHEN YONGERJIA INDU...
A92 WINNERJOIN-A92 Datasheet
207Kb / 4P
PNP Silicon Epitaxial Planar Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com