Electronic Components Datasheet Search
  English  ▼

X  

CAT660EVA Datasheet(PDF) 8 Page - ON Semiconductor

Part # CAT660EVA
Description  100mA CMOS Charge Pump Inverter/Doubler
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT660EVA Datasheet(HTML) 8 Page - ON Semiconductor

Back Button CAT660EVA Datasheet HTML 4Page - ON Semiconductor CAT660EVA Datasheet HTML 5Page - ON Semiconductor CAT660EVA Datasheet HTML 6Page - ON Semiconductor CAT660EVA Datasheet HTML 7Page - ON Semiconductor CAT660EVA Datasheet HTML 8Page - ON Semiconductor CAT660EVA Datasheet HTML 9Page - ON Semiconductor CAT660EVA Datasheet HTML 10Page - ON Semiconductor CAT660EVA Datasheet HTML 11Page - ON Semiconductor CAT660EVA Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
CAT660
8
Doc. No. MD-5000, Rev. X
© 2008 SCILLC. All rights reserved.
Characteristics subject to change without notice.
VRIPPLE (mV)
IOUT (mA)
FOSC (kHz)
C2 (
µF)
C2 ESR (
Ω)
87
100
10
150
0.2
28
100
80
150
0.2
CAPACITOR SELECTION
Low ESR capacitors are necessary to minimize voltage
losses, especially at high load currents. The exact
values of C1 and C2 are not critical but low ESR
capacitors are necessary.
The ESR of capacitor C1, the pump capacitor, can have
a pronounced effect on the output. C1 currents are
approximately twice the output current and losses occur
on both the charge and discharge cycle. The ESR
effects are thus multiplied by four. A 0.5
Ω ESR for C1 will
have the same effect as a 2
Ω increase in CAT660 output
impedance.
Output voltage ripple is determined by the value of C2
and the load current. C2 is charged and discharged at a
current roughly equal to the load current. The internal
switching frequency is one-half the oscillator frequency.
VRIPPLE = IOUT/(FOSC x C2) + IOUT x ESRC2
For example, with a 10kHz oscillator frequency (5kHz
switching frequency), a 150
µF C2 capacitor with an ESR
of 0.2
Ω and a 100mA load peak-to-peak ripple voltage is
87mV.
VRIPPLE vs. FOSC
Figure 5. Oscillator
Figure 6. External Clocking
BOOST/FC
(1)
LV
(6)
OSC
(7)
~18pF
I
7.0 I
7.0 I
I
V+
+
-V+
C2
1
2
3
4
8
7
6
5
REQUIRED FOR TTL LOGIC
CAT660
V+
100k
OSC INPUT
NC
+
C1
BOOST/FC
CAP+
GND
CAP-
V+
OSC
LV
OUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com