Electronic Components Datasheet Search
  English  ▼

X  

BA782 Datasheet(PDF) 1 Page - SEMTECH ELECTRONICS LTD.

Part # BA782
Description  Band Switching Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Direct Link  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

BA782 Datasheet(HTML) 1 Page - SEMTECH ELECTRONICS LTD.

  BA782 Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. BA782 Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD. BA782 Datasheet HTML 3Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Dated : 11/10/2004
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
®
BA782
Band Switching Diode
Mechanical Data:
Case: SOD-123 plastic case
Description:
Silicon Epitaxial Planar Diode Switches
For electric band switching in radio and TV tuners in the
frequency range of (50 to 1000) MHz.
Absolute Maximum Ratings (Ta=25
OC)
Parameter
Symbol
Limits
Unit
Reverse voltage
VR
35
V
Forward continuous current
IF
100
mA
Junction temperature
TJ
125
℃
Storage temperature
Tstg
-55 to +125
℃
Electrical Characteristics (Ta=25
OC)
Parameter
Symbol
Min
Typ
Max
Unit
Conditons
Forward voltage
VF
-
-
1.0
V
IF=100mA
Leakage current
IR
-
-
50
nA
VR=20V
Capacitance
Ctot
-
-
-
-
1.5
1.25
pF
VR=1V, f=1MHz
VR=3V, f=1MHz
Dynamic forward resistance
rf
-
-
-
-
0.7
0.5
Ω
f=(50 to 1000)MHz, IF=3mA
f=(50 to 1000)MHz, IF=10mA
Series inductance across case
LS
-
2.5
-
nH
-
Anode
2
1
2
PINNING
1
PIN
Cathode
DESCRIPTION
WF
Top View
Marking Code: "
WF"
Simplified outline SOD-123 and symbol


Similar Part No. - BA782

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
BA782 GE-BA782 Datasheet
81Kb / 2P
Bandswitching Diodes
logo
Guangdong Kexin Industr...
BA782 KEXIN-BA782 Datasheet
33Kb / 1P
Bandswitching Diodes
logo
Vishay Siliconix
BA782 VISHAY-BA782 Datasheet
75Kb / 3P
Band Switching Diodes
25-Feb-13
logo
SEMTECH ELECTRONICS LTD...
BA782 SEMTECH_ELEC-BA782 Datasheet
545Kb / 3P
Band Switching Diode
logo
Vishay Siliconix
BA782-G VISHAY-BA782-G Datasheet
77Kb / 3P
Band Switching Diodes
14-May-14
More results

Similar Description - BA782

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BA892 PHILIPS-BA892 Datasheet
62Kb / 8P
Band-switching diode
1998 May 08
logo
Leshan Radio Company
BA892 LRC-BA892 Datasheet
91Kb / 2P
Band-switching diode
logo
Rohm
1SS390 ROHM-1SS390_1 Datasheet
1Mb / 4P
Band switching diode
logo
NXP Semiconductors
BA277 NXP-BA277 Datasheet
224Kb / 6P
Band-switching diode
Rev. 02-7 January 2008
logo
SEMTECH ELECTRONICS LTD...
1SS356WS SEMTECH_ELEC-1SS356WS Datasheet
207Kb / 3P
BAND SWITCHING DIODE
logo
Rohm
1SS356 ROHM-1SS356_11 Datasheet
257Kb / 4P
Band Switching Diode
logo
KODENSHI_AUK CORP.
SDP410D KODENSHI-SDP410D Datasheet
52Kb / 3P
Band switching Diode
SDP410Q KODENSHI-SDP410Q Datasheet
177Kb / 3P
Band switching Diode
logo
Leshan Radio Company
L1SS356T1G LRC-L1SS356T1G_15 Datasheet
67Kb / 3P
Band Switching Diode
logo
NXP Semiconductors
BA891_N_15 PHILIPS-BA891_N_15_15 Datasheet
243Kb / 6P
Band-switching diode
Rev. 04-8 January 2008
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com