Electronic Components Datasheet Search
  English  ▼

X  

SN54LVTH574W Datasheet(PDF) 1 Page - Texas Instruments

Part # SN54LVTH574W
Description  3.3-V ABT OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN54LVTH574W Datasheet(HTML) 1 Page - Texas Instruments

  SN54LVTH574W Datasheet HTML 1Page - Texas Instruments SN54LVTH574W Datasheet HTML 2Page - Texas Instruments SN54LVTH574W Datasheet HTML 3Page - Texas Instruments SN54LVTH574W Datasheet HTML 4Page - Texas Instruments SN54LVTH574W Datasheet HTML 5Page - Texas Instruments SN54LVTH574W Datasheet HTML 6Page - Texas Instruments SN54LVTH574W Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
SN54LVTH574, SN74LVTH574
3.3-V ABT OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS
WITH 3-STATE OUTPUTS
SCBS688D – MAY 1997 – REVISED APRIL 1999
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D State-of-the-Art Advanced BiCMOS
Technology (ABT) Design for 3.3-V
Operation and Low Static-Power
Dissipation
D Support Mixed-Mode Signal Operation (5-V
Input and Output Voltages With 3.3-V VCC)
D Support Unregulated Battery Operation
Down to 2.7 V
D Typical VOLP (Output Ground Bounce)
< 0.8 V at VCC = 3.3 V, TA = 25°C
D Ioff and Power-Up 3-State Support Hot
Insertion
D Bus Hold on Data Inputs Eliminates the
Need for External Pullup/Pulldown
Resistors
D Latch-Up Performance Exceeds 500 mA Per
JESD 17
D ESD Protection Exceeds 2000 V Per
MIL-STD-883, Method 3015; Exceeds 200 V
Using Machine Model (C = 200 pF, R = 0)
D Package Options Include Plastic
Small-Outline (DW), Shrink Small-Outline
(DB), and Thin Shrink Small-Outline (PW)
Packages, Ceramic Chip Carriers (FK),
Ceramic Flat (W) Package, and Ceramic (J)
DIPs
description
These octal flip-flops are designed specifically for low-voltage (3.3-V) VCC operation, but with the capability to
provide a TTL interface to a 5-V system environment.
The eight flip-flops of the ’LVTH574 devices are edge-triggered D-type flip-flops. On the positive transition of
the clock (CLK) input, the Q outputs are set to the logic levels set up at the data (D) inputs.
A buffered output-enable (OE) input can be used to place the eight outputs in either a normal logic state (high
or low logic levels) or a high-impedance state. In the high-impedance state, the outputs neither load nor drive
the bus lines significantly. The high-impedance state and increased drive provide the capability to drive bus
lines without need for interface or pullup components.
OE does not affect the internal operations of the flip-flops. Old data can be retained or new data can be entered
while the outputs are in the high-impedance state.
Active bus-hold circuitry is provided to hold unused or floating data inputs at a valid logic level.
When VCC is between 0 and 1.5 V, the devices are in the high-impedance state during power up or power down.
However, to ensure the high-impedance state above 1.5 V, OE should be tied to VCC through a pullup resistor;
the minimum value of the resistor is determined by the current-sinking capability of the driver.
Copyright
© 1999, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
SN54LVTH574 ...J OR W PACKAGE
SN74LVTH574 . . . DB, DW, OR PW PACKAGE
(TOP VIEW)
SN54LVTH574 . . . FK PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
OE
1D
2D
3D
4D
5D
6D
7D
8D
GND
VCC
1Q
2Q
3Q
4Q
5Q
6Q
7Q
8Q
CLK
32 1 20 19
910 11 12 13
4
5
6
7
8
18
17
16
15
14
2Q
3Q
4Q
5Q
6Q
3D
4D
5D
6D
7D
On products compliant to MIL-PRF-38535, all parameters are tested
unless otherwise noted. On all other products, production
processing does not necessarily include testing of all parameters.


Similar Part No. - SN54LVTH574W

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54LVTH574 TI-SN54LVTH574 Datasheet
609Kb / 20P
3.3V ABT OCTAL EDGE-TRIGGERED D-TYPE FLIP FLOPS WITH 3 STATE OUTPUTS
SN54LVTH574 TI-SN54LVTH574 Datasheet
744Kb / 23P
3.3V ABT OCTAL EDGE-TRIGGERED D-TYPE FLIP FLOPS WITH 3 STATE OUTPUTS
SN54LVTH574 TI1-SN54LVTH574 Datasheet
1Mb / 25P
3.3-V ABT OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54LVTH574 TI2-SN54LVTH574 Datasheet
2Mb / 30P
3.3-V ABT OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
REVISED SEPTEMBER 2003
SN54LVTH574-SP TI1-SN54LVTH574-SP Datasheet
1Mb / 25P
3.3-V ABT OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
More results

Similar Description - SN54LVTH574W

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54LVT574 TI-SN54LVT574 Datasheet
470Kb / 15P
3.3-V ABT OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54LVTH162374 TI-SN54LVTH162374 Datasheet
104Kb / 8P
3.3-V ABT 16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54LVTH374 TI-SN54LVTH374 Datasheet
109Kb / 7P
3.3-V ABT OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN74LVTH574 TI-SN74LVTH574 Datasheet
609Kb / 20P
3.3V ABT OCTAL EDGE-TRIGGERED D-TYPE FLIP FLOPS WITH 3 STATE OUTPUTS
SN54LVTH374 TI-SN54LVTH374 Datasheet
468Kb / 16P
3.3 V ABT OCTAL EDGE TRIGGERED D TYPE FLIP FLOPS WITH 3 STATE OUTPUTS
SN74LVTH574 TI-SN74LVTH574_07 Datasheet
744Kb / 23P
3.3V ABT OCTAL EDGE-TRIGGERED D-TYPE FLIP FLOPS WITH 3 STATE OUTPUTS
SN54LVT574 TI-SN54LVT574_06 Datasheet
460Kb / 15P
3.3-V ABT OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54LVTH374 TI-SN54LVTH374_08 Datasheet
642Kb / 18P
3.3-V ABT OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN74LVTH574-EP TI1-SN74LVTH574-EP Datasheet
434Kb / 9P
3.3-V ABT OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
SN54LVTH574 TI1-SN54LVTH574_16 Datasheet
1Mb / 25P
3.3-V ABT OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com